Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8893B Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX8893B
Description  μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8893B Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX8893B Datasheet HTML 5Page - Maxim Integrated Products MAX8893B Datasheet HTML 6Page - Maxim Integrated Products MAX8893B Datasheet HTML 7Page - Maxim Integrated Products MAX8893B Datasheet HTML 8Page - Maxim Integrated Products MAX8893B Datasheet HTML 9Page - Maxim Integrated Products MAX8893B Datasheet HTML 10Page - Maxim Integrated Products MAX8893B Datasheet HTML 11Page - Maxim Integrated Products MAX8893B Datasheet HTML 12Page - Maxim Integrated Products MAX8893B Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
µPMICs for Multimedia Application Processors
in a 3.0mm x 2.5mm WLP
_______________________________________________________________________________________ 9
ELECTRICAL CHARACTERISTICS (continued)
(Typical Operating Circuit, VIN = 3.7V, CBATT = CIN1 = CIN2 = 2.2FF, CREFBP = 0.1FF, TA = -40NC to +85NC, unless otherwise noted.
Typical values are at TA = +25NC.) (Notes 3, 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Load Regulation
1mA < ILOAD < 150mA
VENLDO5 = VBATT
25
mV
Power-Supply Rejection
DVLDO5/DVIN2
10Hz to 10kHz, CLDO5 = 1FF, ILOAD = 30mA
75
dB
Output Noise Voltage
100Hz to 100kHz, CLDO5 = 1FF, ILOAD = 30mA
45
F
VRMS
Output Capacitor for Stable
Operation (Note 6)
0mA < ILOAD < 200mA
1.4
2.2
F
F
0mA < ILOAD < 150mA
0.7
1.0
Ground Current
ILOAD = 500FA
21
F
A
Startup Time from Shutdown
CLDO5 = 2.2FF, ILOAD = 200mA
40
F
s
Shutdown Output Resistance
LDO5_ADEN = 1, VENLDO5 = 0V
300
I
USB HIGH-SPEED SWITCH
Operating Power-Supply Range
2.7
5.5
V
Supply Current
VENUSB = 0V, VCB = 0V or VBATT
VBATT = 3.0V
0.6
F
A
VBATT = 5.5V
3
Fault Protection Trip Threshold
(VFP)
COM_ only, TA = +25NC
VIN +
0.6
VIN +
0.8
VIN +
1.0
V
On-Resistance (RON)
VCOM_ = 0V to VBATT
5
10
I
VCOM_ = 3.6V, VBATT = 3.0V
5.5
On-Resistance Match Between
Channels (DRON)
VBATT = 3.0V, VCOM_ = 2V (Note 7)
0.1
1
I
On-Resistance Flatness (RFLAT)
VBATT = 3.0V, VCOM_ = 0V to VIN (Note 8)
0.1
I
Off-Leakage Current
(ICOM_(OFF))
VBATT = 4.5V, VCOM_ = 0V or 4.5V,
VNO_, VNC_ = 4.5V or 0V
-250
+250
nA
VBATT = 5.5V, VCOM_ = 0V or 5.5V,
VNO_, VNC_ with 50FA sink current to AGND
180
F
A
On-Leakage Current (ICOM_(ON))
VBATT = 5.5V, VCOM_ = 0V or 5.5V,
VNO_, and VNC_ are unconnected
-250
+250
nA
USB HIGH-SPEED SWITCH AC PERFORMANCE
On-Channel -3dB Bandwidth
(BW)
RL = RS = 50I, signal = 0dBm
950
MHz
Off-Isolation (VISO)
VNO_, VNC_ = 0dBm,
RL = RS = 50I,
Figure 1
f = 10MHz
-48
dB
f = 250MHz
-20
f = 500MHz
-17
Crosstalk (VCT)
VNO_, VNC_ = 0dBm,
RL = RS = 50I,
Figure 1 (Note 9)
f = 10MHz
-73
dB
f = 250MHz
-54
f = 500MHz
-33
USB HIGH-SPEED SWITCH LOGIC INPUT (CB)
Input Logic-High (VIH)
1.4
V
Input Logic-Low (VIL)
0.4
V
Input Leakage Current (IIN)
-250
+250
nA


Similar Part No. - MAX8893B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8893B MAXIM-MAX8893B Datasheet
4Mb / 50P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 0; 10/09
MAX8893BEWV++ MAXIM-MAX8893BEWV+ Datasheet
4Mb / 50P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 0; 10/09
MAX8893BEWV++ MAXIM-MAX8893BEWV+ Datasheet
5Mb / 51P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 1; 2/10
More results

Similar Description - MAX8893B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8893A MAXIM-MAX8893A Datasheet
4Mb / 50P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 0; 10/09
MAX8893CEWVT MAXIM-MAX8893CEWVT Datasheet
5Mb / 51P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 1; 2/10
logo
LUMEX INC.
CCL-CRS10SR-G LUMEX-CCL-CRS10SR-G Datasheet
186Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10UPG LUMEX-CCL-CRS10UPG Datasheet
175Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10USB-A LUMEX-CCL-CRS10USB-A Datasheet
174Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10Y LUMEX-CCL-CRS10Y Datasheet
180Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10Y-G LUMEX-CCL-CRS10Y-G Datasheet
181Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
SML-LX2530SRELC-TR LUMEX-SML-LX2530SRELC-TR Datasheet
67Kb / 1P
   3.0mm X 2.5mm SURFACE MOUNT LED
CCL-CRS10SA LUMEX-CCL-CRS10SA Datasheet
177Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10SG LUMEX-CCL-CRS10SG Datasheet
182Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com