Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8575 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8575
Description  High-Efficiency LCD Boost with True Shutdown
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8575 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8575 Datasheet HTML 1Page - Maxim Integrated Products MAX8575 Datasheet HTML 2Page - Maxim Integrated Products MAX8575 Datasheet HTML 3Page - Maxim Integrated Products MAX8575 Datasheet HTML 4Page - Maxim Integrated Products MAX8575 Datasheet HTML 5Page - Maxim Integrated Products MAX8575 Datasheet HTML 6Page - Maxim Integrated Products MAX8575 Datasheet HTML 7Page - Maxim Integrated Products MAX8575 Datasheet HTML 8Page - Maxim Integrated Products MAX8575 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
High-Efficiency LCD Boost
with True Shutdown
4
_______________________________________________________________________________________
EFFICIENCY vs. BATTERY VOLTAGE
(FIGURE 4)
BATTERY VOLTAGE (V)
10
8
6
4
2
50
60
70
80
90
100
40
012
L1 = MURATA LQH32CN220K23
5mA LOAD
1mA LOAD
VCC = 3.6V
EFFICIENCY vs. LOAD CURRENT
WITH 22
µH INDUCTOR
LOAD CURRENT (mA)
10
1
50
60
70
80
90
100
40
0.1
100
MAX8574, TOKO A914BYW-220M
MAX8571, MURATA LQH32CN220K23
MAX8570, MURATA LQH32CN220K23
EFFICIENCY vs. LOAD CURRENT
WITH 47
µH INDUCTOR
LOAD CURRENT (mA)
10
1
50
60
70
80
90
100
40
0.1
100
MAX8570, L1 = MURATA LQH32CN470K23
MAX8571, L1 = TOKO A914BYW-470M
PEAK INDUCTOR CURRENT LIMIT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.1
4.7
4.3
3.9
3.5
3.1
100
200
300
400
500
600
700
0
2.7
5.5
MAX8574
MAX8571
MAX8570
SUPPLY CURRENT vs. LOAD CURRENT
LOAD CURRENT (mA)
10
5
20
40
60
80
100
120
0
015
L1 = MURATA LQH32CN220K23
NO-LOAD CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5
4
1
2
3
10
20
30
40
50
60
70
80
0
06
R1 = 3.9M
R2 = 287k
R1 = 7.87M
R2 = 576k
MAX8573,
FIGURE 3
L1 = MURATA
LQH32CN220K23
NO SWITCHING
LINE TRANSIENT 3V TO 5.5V (MAX8571)
MAX8570/71/73/74/75 toc13
100
µs/div
VCC
VOUT
200mV/div
(AC-COUPLED)
2V/div
0
3.6k
Ω LOAD, R1 = 3.9MΩ, R2 = 287kΩ
LINE TRANSIENT 3V TO 5.5V
(FIGURE 3, MAX8573)
MAX8570/71/73/74/75 toc14
100
µs/div
VCC
VOUT
200mV/div
(AC-COUPLED)
2V/div
0
3k
ΩLOAD
Typical Operating Characteristics (continued)
(MAX8571, VCC = 3.6V, VOUT = 18V, Circuit of Figure 2, TA = +25
°C, unless otherwise noted.)


Similar Part No. - MAX8575

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8575 MAXIM-MAX8575 Datasheet
654Kb / 10P
   High-Efficiency LCD Boost with True Shutdown
Rev 1; 10/04
MAX8575 MAXIM-MAX8575 Datasheet
287Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 2; 8/09
MAX8575EUT MAXIM-MAX8575EUT Datasheet
654Kb / 10P
   High-Efficiency LCD Boost with True Shutdown
Rev 1; 10/04
MAX8575EUT+T MAXIM-MAX8575EUT+T Datasheet
287Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 2; 8/09
MAX8575EUT-T MAXIM-MAX8575EUT-T Datasheet
654Kb / 10P
   High-Efficiency LCD Boost with True Shutdown
Rev 1; 10/04
More results

Similar Description - MAX8575

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8570 MAXIM-MAX8570 Datasheet
287Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 2; 8/09
MAX8570-MAX8575 MAXIM-MAX8570-MAX8575 Datasheet
654Kb / 10P
   High-Efficiency LCD Boost with True Shutdown
Rev 1; 10/04
logo
Texas Instruments
LM3017 TI-LM3017_15 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI1-LM3017_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI1-LM3017 Datasheet
362Kb / 13P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI-LM3017_13 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
MAX1606 MAXIM-MAX1606_V01 Datasheet
664Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
2004
MAX17220 MAXIM-MAX17220_V01 Datasheet
946Kb / 23P
   400mV to 5.5V Input, nanoPower Synchronous Boost Converter with True Shutdown
2019
MAX8627 MAXIM-MAX8627 Datasheet
260Kb / 14P
   Low VBATT, 20uA IQ, 1MHz Synchronous Boost Converter with True Shutdown
Rev 0; 3/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com