Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8688BLETG+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX8688BLETG+
Description  Digital Power-Supply Controller/Monitor with PMBus Interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8688BLETG+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX8688BLETG+ Datasheet HTML 7Page - Maxim Integrated Products MAX8688BLETG+ Datasheet HTML 8Page - Maxim Integrated Products MAX8688BLETG+ Datasheet HTML 9Page - Maxim Integrated Products MAX8688BLETG+ Datasheet HTML 10Page - Maxim Integrated Products MAX8688BLETG+ Datasheet HTML 11Page - Maxim Integrated Products MAX8688BLETG+ Datasheet HTML 12Page - Maxim Integrated Products MAX8688BLETG+ Datasheet HTML 13Page - Maxim Integrated Products MAX8688BLETG+ Datasheet HTML 14Page - Maxim Integrated Products MAX8688BLETG+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Digital Power-Supply Controller/Monitor
with PMBus Interface
______________________________________________________________________________________
11
Since the reference voltage input is provided by the
MAX8688, the REFIN mode provides complete control
of the POL in terms of soft-start, soft-stop, and margin-
ing transitions. It may be noted that the slew rates dur-
ing soft-start (tON_RISE) and during margining
(VOUT_TRANSITION_RATE) should be programmed
with POL current-limit consideration. An excessively
fast slew rate causes the POL to trip due to overcurrent.
A general guideline for setting the output-voltage slew
rate is as follows:
where COUT is the output capacitance on the POL out-
put, ILOAD is the load current being delivered by the
POL, and ILIMIT is the current-limit setting of the POL.
On receipt of either an OPERATION OFF command or a
turn-off signal from A3/ONOFF, the MAX8688 com-
mences the shutdown operation that has been pro-
grammed for the POL being controlled. After the
programmed tOFF_DELAY time, the MAX8688 ramps
down the output voltage to zero precisely in the pro-
grammed tOFF_FALL time, and deasserts its open-drain
ENOUT output.
SLEW RATE
II
C
LIMIT
LOAD
OUT
()
DVDD
DGND
AVDD
AGND
0.1
µF
1
µF
200
RS-
RS+
RS_C
200
ISN-
ISN+
ISN_C
REFO
DACOUT
REFIN
VO+
VO-
S1
POWER MONITOR
SMBus
CONTROLLER
INTERNAL REFERENCE
TEMP SENSOR
ADC
VIN+
RSENSE
LOAD
VIN-
MAX8688
A1/SCLE
A2/SDAE
A3/ONOFF
SCL
SDA
RST
0.1
µF
3.3V
POL
EN
PMBus COMMAND AND
STATUS REGISTERS
DAC
MAXQ
µC
ENOUT
FLT
CLKIO
CLKOUT
IRQ
SYSTEM
CONTROLLER
Figure 3. Typical System Application—REFIN Mode


Similar Part No. - MAX8688BLETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8688BLETG MAXIM-MAX8688BLETG Datasheet
463Kb / 38P
   Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 2; 2/11
More results

Similar Description - MAX8688BLETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8688 MAXIM-MAX8688_11 Datasheet
463Kb / 38P
   Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 2; 2/11
logo
Analog Devices
ADM1293 AD-ADM1293 Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
ADP1052 AD-ADP1052 Datasheet
2Mb / 113P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. B
ADP1055 AD-ADP1055 Datasheet
1Mb / 140P
   Digital Controller for Power Supply Applications with PMBus Interface
ADM1278 AD-ADM1278 Datasheet
874Kb / 61P
   Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
logo
Linear Technology
LTC2978 LINER-LTC2978 Datasheet
2Mb / 64P
   Octal PMBus Power Supply Monitor and Controller with EEPROM
LTC7510 LINER-LTC7510 Datasheet
78Kb / 2P
   Digital DC/DC Controller with PMBus Interface
logo
Monolithic Power System...
MP2953B MPS-MP2953B Datasheet
2Mb / 30P
   Digital Multi-Phase Controller with PMBus Interface for VR12.5
logo
Analog Devices
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com