Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8643AETV+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8643AETV+
Description  3A, 2MHz Step-Down Regulator with Integrated Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8643AETV+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8643AETV+ Datasheet HTML 3Page - Maxim Integrated Products MAX8643AETV+ Datasheet HTML 4Page - Maxim Integrated Products MAX8643AETV+ Datasheet HTML 5Page - Maxim Integrated Products MAX8643AETV+ Datasheet HTML 6Page - Maxim Integrated Products MAX8643AETV+ Datasheet HTML 7Page - Maxim Integrated Products MAX8643AETV+ Datasheet HTML 8Page - Maxim Integrated Products MAX8643AETV+ Datasheet HTML 9Page - Maxim Integrated Products MAX8643AETV+ Datasheet HTML 10Page - Maxim Integrated Products MAX8643AETV+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
3A, 2MHz Step-Down Regulator
with Integrated Switches
_______________________________________________________________________________________
7
Pin Description
PIN
NAME
FUNCTION
1
PREBIAS
Leave pin unconnected to prevent discharging of output capacitor during soft-start. Connect to GND
otherwise. (See the Soft-Starting into a Prebiased Output section.)
2VDD
Supply Voltage and Bypass Input. Connect VDD to IN with a 10
Ω resistor. Connect a 1µF ceramic
capacitor from VDD to GND.
3, 4
CTL1,
CTL2
Preset Output Voltage Selection Input. CTL1 and CTL2 set the output voltage to one of nine preset
voltages. See Table 1 for preset voltages.
5
REFIN
External Reference Input. Connect REFIN to SS to use the internal 0.6V reference. Connecting REFIN to an
external reference voltage forces FB to regulate the voltage applied to REFIN. REFIN is internally pulled to
GND when the IC is in shutdown mode.
6SS
Soft-Start Input. Connect a capacitor from SS to GND to set the startup time. See the Soft-Start and REFIN
section for details on setting the soft-start time.
7
GND
Analog Circuit Ground
8
COMP
Output of the Voltage-Error Amplifier. Connect the necessary compensation network from COMP to FB.
COMP is internally pulled to GND when the IC is in shutdown mode.
9FB
Feedback Input. Connect FB to the center tap of an external resistor-divider from the output to GND to set
the output voltage from 0.6V to 90% of VIN. Connect FB through an RC network to the output when using
CTL1 and CTL2 to select any of nine preset voltages.
10
OUT
Output Voltage Sense. Connect to the output. Leave OUT unconnected when an external resistor-divider
is used.
11
FREQ
Oscillator Frequency Selection. Connect a resistor from FREQ to GND to select the switching frequency.
12
PWRGD
Power-Good Output. Open-drain output that is high impedance when VFB
≥ 90% of VREFIN or 0.6V. PWRGD is
internally pulled low when VFB falls below 90% of its regulation point. PWRGD is internally pulled low when the
IC is in shutdown mode, VDD or VIN is below the UVLO threshold, or the IC is in thermal shutdown.
13
BST
High-Side MOSFET Driver Supply. Bypass BST to LX with a 0.1µF capacitor.
14, 15, 16
LX
Inductor Connection. All LX pins are internally connected together. Connect all LX pins to the output
inductor. LX is high impedance when the IC is in shutdown mode.
17–20
PGND
Power Ground. Connect all PGND pins externally to the power ground plane.
21, 22, 23
IN
Power-Supply Input. Input supply range is from 2.35V to 3.6V. Bypass with 22µF ceramic capacitance to
PGND externally. See the Typical Application Circuit.
24
EN
Enable Input. Logic input to enable/disable the MAX8643A.
EP
Exposed Paddle. Connect to a large ground plane to optimize thermal performance.


Similar Part No. - MAX8643AETV+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8643AETG++ MAXIM-MAX8643AETG+ Datasheet
303Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 3/07
MAX8643AETG++ MAXIM-MAX8643AETG+ Datasheet
321Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 9/07
More results

Similar Description - MAX8643AETV+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8643 MAXIM-MAX8643 Datasheet
300Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 3/07
MAX8643_0709 MAXIM-MAX8643_0709 Datasheet
351Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 3; 9/07
MAX8643A MAXIM-MAX8643A Datasheet
303Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 3/07
MAX8643A_0709 MAXIM-MAX8643A_0709 Datasheet
321Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 9/07
MAX15039 MAXIM-MAX15039 Datasheet
441Kb / 18P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX8646 MAXIM-MAX8646 Datasheet
363Kb / 16P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/07
MAX15038 MAXIM-MAX15038 Datasheet
357Kb / 18P
   4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX15038 MAXIM-MAX15038_09 Datasheet
365Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 12/09
MAX15039 MAXIM-MAX15039_09 Datasheet
369Kb / 19P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 12/09
MAX15038 MAXIM-MAX15038_V01 Datasheet
455Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com