Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4608EPE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4608EPE
Description  2.5Ω, Dual, SPST, CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4608EPE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4608EPE Datasheet HTML 3Page - Maxim Integrated Products MAX4608EPE Datasheet HTML 4Page - Maxim Integrated Products MAX4608EPE Datasheet HTML 5Page - Maxim Integrated Products MAX4608EPE Datasheet HTML 6Page - Maxim Integrated Products MAX4608EPE Datasheet HTML 7Page - Maxim Integrated Products MAX4608EPE Datasheet HTML 8Page - Maxim Integrated Products MAX4608EPE Datasheet HTML 9Page - Maxim Integrated Products MAX4608EPE Datasheet HTML 10Page - Maxim Integrated Products MAX4608EPE Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
2.5
Ω, Dual, SPST,
CMOS Analog Switches
10
______________________________________________________________________________________
CAPACITANCE
METER
NC OR NO
COM
GND
C
V-
-15V
IN
0 or
2.4V
C
+15V
VL
+5V
f = 1MHz
V+
MAX4607
MAX4608
MAX4609
Figure 6. Switch Off-Capacitance Test Circuit
CAPACITANCE
METER
NC OR NO
COM
GND
C
V-
-15V
IN
0 or
2.4V
C
+15V
VL
+5V
f = 1MHz
V+
MAX4607
MAX4608
MAX4609
Figure 7. Switch On-Capacitance Test Circuit
PART
MAX4608CSE
MAX4608CPE
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 Narrow SO
16 Plastic DIP
MAX4608ESE
-40°C to +85°C
16 Narrow SO
MAX4608EPE
-40°C to +85°C
16 Plastic DIP
Ordering Information (continued)
MAX4609CSE
MAX4609CPE
0°C to +70°C
0°C to +70°C
16 Narrow SO
16 Plastic DIP
MAX4609ESE
-40°C to +85°C
16 Narrow SO
MAX4609EPE
-40°C to +85°C
16 Plastic DIP
Chip Information
TRANSISTOR COUNT: 100
Test Circuits/Timing Diagrams (continued)
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
16 PDIP
P16+4
21-0043
16 SO
S16+8
21-0041
Package Information
For the latest package outline information and land patterns,
go to www.maxim-ic.com/packages. Note that a “+”, “#”, or
“-” in the package code indicates RoHS status only. Package
drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.


Similar Part No. - MAX4608EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4608EPE MAXIM-MAX4608EPE Datasheet
164Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 1; 8/99
More results

Similar Description - MAX4608EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4607 MAXIM-MAX4607_12 Datasheet
185Kb / 11P
   2.5Ω, Dual, SPST, CMOS Analog Switches
Rev 3; 9/12
MAX4667 MAXIM-MAX4667 Datasheet
163Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4680 MAXIM-MAX4680 Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
logo
Intersil Corporation
HI-200 INTERSIL-HI-200 Datasheet
383Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
October 1999
logo
Harris Corporation
DG201CJ HARRIS-DG201CJ Datasheet
90Kb / 8P
   CMOS Dual/Quad SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4580 MAXIM-MAX4580_03 Datasheet
211Kb / 12P
   1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4580 MAXIM-MAX4580 Datasheet
193Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
MAX4607 MAXIM-MAX4607 Datasheet
164Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 1; 8/99
logo
Intersil Corporation
HI-200 INTERSIL-HI-200_05 Datasheet
337Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
HI-200 RENESAS-HI-200 Datasheet
566Kb / 11P
   Dual/Quad SPST, CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com