Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3946ETG+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3946ETG+
Description  1.0625Gbps to 11.3Gbps, SFP Laser Driver with Laser Impedance Mismatch Tolerance
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3946ETG+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3946ETG+ Datasheet HTML 1Page - Maxim Integrated Products MAX3946ETG+ Datasheet HTML 2Page - Maxim Integrated Products MAX3946ETG+ Datasheet HTML 3Page - Maxim Integrated Products MAX3946ETG+ Datasheet HTML 4Page - Maxim Integrated Products MAX3946ETG+ Datasheet HTML 5Page - Maxim Integrated Products MAX3946ETG+ Datasheet HTML 6Page - Maxim Integrated Products MAX3946ETG+ Datasheet HTML 7Page - Maxim Integrated Products MAX3946ETG+ Datasheet HTML 8Page - Maxim Integrated Products MAX3946ETG+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2 ______________________________________________________________________________________
1.0625Gbps to 11.3Gbps, SFP+ Laser Driver
with Laser Impedance Mismatch Tolerance
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
VCC, VCCT, VCCD ................................................-0.3V to +4.0V
Current Into TOUT+ and TOUT-.................................... +100mA
Current Into TIN+ and TIN- ............................. -20mA to +20mA
Voltage Range at TIN+, TIN-,
DISABLE, SDA, SCL, CSEL, FAULT,
BMAX, BMON, and BIAS...................... -0.3V to (VCC + 0.3V)
Voltage Range at BIAS........................................................-0.3V to VCC
Voltage Range at TOUT+ and TOUT-....(VCC - 1.3V) to (VCC + 1.3V)
Current into BIAS.........................................................................+130mA
Continuous Power Dissipation (TA = +70NC)
24-Pin TQFN (derate 27.8mW/NC above +70NC).......2222mW
Storage Temperature Range .......................... -55NC to +150NC
Die Attach Temperature .................................................+400NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
ELECTRICAL CHARACTERISTICS
(VCC = +2.85V to +3.63V, TA = -40°C to +85°C, and Figure 1. Guaranteed by design and characterization from TA = -40°C to +95°C.
Typical values are at VCC = +3.3V, IBIAS = 60mA, IMOD = 40mA, 25I differential output load, and TA = +25°C, unless otherwise
noted.) (Note 1)
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Power-Supply Current
ICC
Excludes output current through the exter-
nal pullup inductors (Note 2)
68
90
mA
Power-Supply Voltage
VCC
2.85
3.63
V
Power-Supply Noise
DC to 10MHz
100
mVP-P
10MHz to 20MHz
10
POWER-ON RESET
VCC for Enable High
2.55
2.75
V
VCC for Enable Low
2.3
2.45
V
DATA INPUT SPECIFICATION
Input Data Rate
1
10
11.3
Gbps
Differential Input Voltage
VIN
TXEQ_EN = high, launch amplitude into
FR4 transmission line P 5.5in
0.19
0.7
VP-P
TXEQ_EN = low
0.15
1.0
Differential Input Resistance
RIN
75
100
125
I
Differential Input Return Loss
SDD11
Part powered on, f P 10GHz
12
dB
Common-Mode Input Return
Loss
SCC11
Part powered on, 1GHz P f P 10GHz
10
dB
BIAS GENERATOR
Maximum Bias Current
IBIASMAX
Current into BIAS pin, DISABLE = low, and
TX_EN = high
80
mA
Minimum Bias Current
IBIASMIN
Current into BIAS pin, DISABLE = low, and
TX_EN = high
5
mA
Bias-Off Current
IBIAS-OFF
Current into BIAS pin, DISABLE = high or
TX_EN = low or SET_BIAS = H0x00; BIAS
pin voltage at VCC
100
F
A


Similar Part No. - MAX3946ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3946ETG MAXIM-MAX3946ETG Datasheet
2Mb / 29P
   1Gbps to 11.3Gbps, SFP Laser Driver with Laser Impedance Mismatch Tolerance
Rev 1; 5/11
More results

Similar Description - MAX3946ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3946 MAXIM-MAX3946_11 Datasheet
2Mb / 29P
   1Gbps to 11.3Gbps, SFP Laser Driver with Laser Impedance Mismatch Tolerance
Rev 1; 5/11
logo
Micrel Semiconductor
SY88022L MICREL-SY88022L Datasheet
361Kb / 10P
   11.3Gbps Laser Diode Driver
SY88022AL MICREL-SY88022AL Datasheet
493Kb / 12P
   11.3Gbps Laser Diode Driver
logo
Maxim Integrated Produc...
MAX3945ETE MAXIM-MAX3945ETE Datasheet
2Mb / 24P
   1.0625Gbps to 11.3Gbps, SFP Dual-Path Limiting Amplifier
Rev 0; 2/10
MAX3949 MAXIM-MAX3949 Datasheet
2Mb / 38P
   11.3Gbps, Low-Power, AC-Coupled Laser Driver
Rev 1; 4/14
MAX3948 MAXIM-MAX3948_V01 Datasheet
2Mb / 37P
   11.3Gbps, Low-Power, DC-Coupled Laser Driver
2012
MAX3948 MAXIM-MAX3948 Datasheet
3Mb / 37P
   11.3Gbps, Low-Power, DC-Coupled Laser Driver
Rev 0; 6/11
MAX3735A MAXIM-MAX3735A Datasheet
1Mb / 18P
   2.7Gbps, Low-Power SFP Laser Driver
2013
MAX3646 MAXIM-MAX3646 Datasheet
832Kb / 14P
   155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 1; 7/04
MAX3738 MAXIM-MAX3738_11 Datasheet
441Kb / 16P
   155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 3; 6/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com