Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1531ETJ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1531ETJ
Description  Multiple-Output Power-Supply Controllers for LCD Monitors
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1531ETJ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1531ETJ Datasheet HTML 2Page - Maxim Integrated Products MAX1531ETJ Datasheet HTML 3Page - Maxim Integrated Products MAX1531ETJ Datasheet HTML 4Page - Maxim Integrated Products MAX1531ETJ Datasheet HTML 5Page - Maxim Integrated Products MAX1531ETJ Datasheet HTML 6Page - Maxim Integrated Products MAX1531ETJ Datasheet HTML 7Page - Maxim Integrated Products MAX1531ETJ Datasheet HTML 8Page - Maxim Integrated Products MAX1531ETJ Datasheet HTML 9Page - Maxim Integrated Products MAX1531ETJ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Multiple-Output Power-Supply
Controllers for LCD Monitors
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VIN = 12V, VEN = VSEQ = 5V, TA = -40°C to +85°C, unless otherwise noted.) (Note 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CONTROL AND SEQUENCE
ONL_ Input Threshold
ONL_ rising, 25mV hysteresis
1.201
1.275
V
EN Input Threshold
EN rising, 5% hysteresis
1.201
1.275
V
FAULT DETECTION
FB, FBL1, FBL2, FBL3, FBL4
Fault Trip Level
FB, FBL1, FBL2, FBL3, FBL4 falling, 25mV hysteresis
1.081
1.147
V
FBL5 Fault Trip Level
FBL5 rising, 25mV hysteresis
300
500
mV
Overcurrent Protection Threshold
(VCSH - VCSL)
270
330
mV
RESET FUNCTION
RSTIN Reset Trip Level
RSTIN falling, 25mV hysteresis
1.081
1.147
V
STEP-DOWN CONTROLLER
ERROR AMPLIFIER
FB Regulation Voltage
1.215
1.260
V
Current-Limit Threshold
(Default Mode)
PGND - LX, ILIM = VL
170
330
mV
Current-Limit Threshold
(Adjustable Mode)
PGND - LX, VILIM = 1.25V
170
330
mV
LINEAR REGULATOR CONTROLLERS
POSITIVE LINEAR REGULATOR (LR1)
FBL1 Regulation Voltage
VDRV1 = 5V, IDRV1 = 100µA
1.220
1.270
V
FBL1 Input Bias Current
VFBL1 = 1.5V
-50
+50
nA
POSITIVE LINEAR REGULATORS (LR2 AND LR3)
FBL_ Regulation Voltage
VDRV_ = 5V, IDRV_ = 100µA
1.220
1.270
V
FBL_ Input Bias Current
VFBL_ = 1.5V
-50
+50
nA
POSITIVE LINEAR REGULATOR (LR4)
FBL4 Regulation Voltage
VDRV4 = 5V, IDRV4 = 500µA
1.220
1.270
V
FBL4 Input Bias Current
VFBL4 = 1.5V
-50
+50
nA
NEGATIVE LINEAR REGULATOR (LR5)
FBL5 Regulation Voltage
VDRV5 = -10V, IDRV5 = 100µA
100
150
mV
FBL5 Input Bias Current
VFBL5 = 0
-50
+50
nA
DRV5 Source Current
VFBL5 = 200mV, VDRV5 = -10V
2
mA
Note 1: Operating supply range is guaranteed by VL line regulation test for the range of 5.5V to 28V. Between 4.5V and 5.5V, the VL
regulator might be in dropout; however, the part continues to operate properly.
Note 2: Guaranteed by design and not production tested.
Note 3: Specifications to -40
°C are guaranteed by design and not production tested.


Similar Part No. - MAX1531ETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1531ETJ MAXIM-MAX1531ETJ Datasheet
708Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 0; 5/03
More results

Similar Description - MAX1531ETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1530 MAXIM-MAX1530 Datasheet
708Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 0; 5/03
MAX8728 MAXIM-MAX8728 Datasheet
424Kb / 29P
   Low-Cost, Multiple-Output Power Supply for LCD Monitors/TVs
Rev 0; 1/06
MAX17014 MAXIM-MAX17014 Datasheet
626Kb / 34P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 10/07
logo
Monolithic Power System...
MP5600 MPS-MP5600 Datasheet
664Kb / 26P
   Compact Multiple-Output Power Supply for TV-LCD panel
logo
Maxim Integrated Produc...
MAX17113 MAXIM-MAX17113 Datasheet
1Mb / 30P
   Low-Cost, Multiple-Output Power Supply for LCD TVs
Rev 0; 8/09
MAX17014A MAXIM-MAX17014A Datasheet
626Kb / 32P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 8/08
MAX17014 MAXIM-MAX17014_10 Datasheet
540Kb / 33P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 1; 11/09
MAX1513 MAXIM-MAX1513 Datasheet
523Kb / 28P
   TFT-LCD Power-Supply Controllers
Rev 0; 10/03
logo
Phihong USA Inc.
PSA-2041U PHIHONG-PSA-2041U Datasheet
82Kb / 2P
   Multiple Output Switching Power Supply
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
   Triple Output Power Supply for TFT-LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com