Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1562 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1562
Description  Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1562 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1562_10 Datasheet HTML 6Page - Maxim Integrated Products MAX1562_10 Datasheet HTML 7Page - Maxim Integrated Products MAX1562_10 Datasheet HTML 8Page - Maxim Integrated Products MAX1562_10 Datasheet HTML 9Page - Maxim Integrated Products MAX1562_10 Datasheet HTML 10Page - Maxim Integrated Products MAX1562_10 Datasheet HTML 11Page - Maxim Integrated Products MAX1562_10 Datasheet HTML 12Page - Maxim Integrated Products MAX1562_10 Datasheet HTML 13Page - Maxim Integrated Products MAX1562_10 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ramps down for 800µs. Under fault conditions, the output
of the switches turns off rapidly to provide maximum safe-
ty for the upstream power source and downstream
devices. Internal blocks shut down to minimize supply
current when the switch is off.
Layout and Thermal Dissipation
Keep all traces as short as possible to reduce the effect
of undesirable parasitic inductance and optimize the
switch response time to output short-circuit conditions.
Place the input and output capacitors no more than
5mm from the device leads. Connect IN and OUT to the
power bus with short traces. Wide power bus planes at
IN and OUT provide superior heat dissipation.
Calculate the power dissipation for a normal loaded
condition as follows:
P = (IOUT)2 x RON
At a 3A operating current and the maximum on-resis-
tance of the switch (50m
Ω), the power dissipation is:
P = (3A)2 x 0.05
Ω = 450mW
The worst-case power dissipation occurs when the out-
put current is just below the current-limit threshold (set
to 3A in this example) with an output voltage greater
than +1V. In this case, the power dissipated in the
switch is the voltage drop across the switch multiplied
by the current limit:
P = ILIM x (VIN - VOUT)
For a +5V input and +1V output, the maximum power
dissipation is:
P = 3A x (5V - 1V) = 12W
Because the package power dissipation is 471mW for
the MAX1562/MAX1562H and 1.35W for the MAX1563,
the devices’ die temperature exceeds the +160°C ther-
mal-shutdown threshold, and the switch output shuts
down until the junction temperature cools by 15°C. The
duty cycle and period are strong functions of the ambi-
ent temperature and the PC board layout.
If the output current exceeds the current-limit threshold,
or the output voltage is pulled below the short-circuit
detect threshold, the MAX1562/MAX1562H/MAX1563
enter a fault state for 20ms, after which autoreset mode
is enabled and 25mA is sourced by the output. For a
+5V input, OUT short-circuited to GND, and autoreset
mode active, the power dissipation is as follows:
P = 0.025A x 5V = 0.125W
Programmable 4A USB Current-Limited
Switches with Autoreset and Fault Blanking
10
______________________________________________________________________________________
MAX1563
FAULT
OUT
OUT
ISET
SEL
ON
IN
IN
USB
PORT
GND
INPUT
+4V TO +5.5V
OFF
ON
1
µF
4.7
µF*
100k
*USB APPLICATIONS MAY REQUIRE
ADDITIONAL BULK CAPACITANCE.
Typical Application Circuit
CHARGE
PUMP
THERMAL
SHUTDOWN
FAULT LOGIC
20ms TIMERS
ILIM
25mA
ULVO
OSC
25kHz
REF
BIAS
ON
SEL
IN
MAX1563
OUT
GND
FAULT
IN
MAX1563 Functional Diagram
TOP VIEW
() FOR MAX1562H.
OUT
IN
ISET
1
2
8
7
OUT
IN
FAULT
GND
ON (ON)
SO
3
4
6
5
MAX1562
MAX1562H
IN
N.C.
OUT
IN
N.C.
ISET
ON
FAULT
GND
OUT
N.C.
SEL
12
11
10
45
6
1
+
+
2
3
9
8
7
MAX1563
THIN QFN
4 mm x 4 mm
Pin Configurations


Similar Part No. - MAX1562_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1562-MAX1563 MAXIM-MAX1562-MAX1563 Datasheet
436Kb / 12P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
MAX1562ESA MAXIM-MAX1562ESA Datasheet
436Kb / 12P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
MAX1562ESA++ MAXIM-MAX1562ESA+ Datasheet
362Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 1; 7/09
MAX1562H MAXIM-MAX1562H Datasheet
362Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 1; 7/09
MAX1562HESA MAXIM-MAX1562HESA Datasheet
436Kb / 12P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
More results

Similar Description - MAX1562_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1562 MAXIM-MAX1562 Datasheet
436Kb / 12P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
MAX1562 MAXIM-MAX1562_09 Datasheet
362Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 1; 7/09
MAX1693 MAXIM-MAX1693 Datasheet
143Kb / 8P
   USB Current-Limited Switches with Fault Blanking
Rev 0; 9/99
MAX1838 MAXIM-MAX1838_10 Datasheet
320Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 1; 2/10
MAX1823 MAXIM-MAX1823 Datasheet
302Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1940 MAXIM-MAX1940_10 Datasheet
255Kb / 13P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
MAX1838 MAXIM-MAX1838 Datasheet
639Kb / 12P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 0; 4/01
MAX1940 MAXIM-MAX1940 Datasheet
326Kb / 12P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 0; 7/02
MAX1823BEUB MAXIM-MAX1823BEUB Datasheet
307Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1946 MAXIM-MAX1946_10 Datasheet
271Kb / 13P
   Single USB Switch with Autoreset and Fault Blanking in Tiny TDFN
Rev 3; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com