Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX793_CSE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX793_CSE
Description  3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX793_CSE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX793_CSE Datasheet HTML 1Page - Maxim Integrated Products MAX793_CSE Datasheet HTML 2Page - Maxim Integrated Products MAX793_CSE Datasheet HTML 3Page - Maxim Integrated Products MAX793_CSE Datasheet HTML 4Page - Maxim Integrated Products MAX793_CSE Datasheet HTML 5Page - Maxim Integrated Products MAX793_CSE Datasheet HTML 6Page - Maxim Integrated Products MAX793_CSE Datasheet HTML 7Page - Maxim Integrated Products MAX793_CSE Datasheet HTML 8Page - Maxim Integrated Products MAX793_CSE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
3.0V/3.3V Adjustable Microprocessor
Supervisory Circuits
4
_______________________________________________________________________________________
CONDITIONS
VOL
V
VOL
V
ISINK = 3.2mA, VCC = VRST max
MAX79_E, VBATT = VCC = 1.2V, ISINK = 200µA
BATT ON Output-
Voltage Low
MAX79_C, VBATT = VCC = 1.0V, ISINK = 40µA
0.2VCC
RESET Output-Voltage Low
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VIL
V
tMR
ns
MAX793/MAX794 only
VRST max < VCC < 5.5V
MR Pulse Width
100
All Inputs Including PFO
(Note 10)
0.3VCC
VIH
0.7VCC
0.17
0.3
0.13
0.3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 3.17V to 5.5V for the MAX793T/MAX795T, VCC = 3.02V to 5.5V for the MAX793S/MAX795S, VCC = 2.72V to 5.5V for the
MAX793R/MAX794/MAX795R, VBATT = 3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
tMD
ns
MAX793/MAX794 only, MR = 0V
MAX793/MAX794 only
µA
MR-to-Reset Delay
25
70
250
MR Pullup Current
75
250
ns
VCC = VRST max, Figure 9
Enable mode, VCC = VRST max
CE IN-to-CE OUT
Propagation Delay
Disable mode
27
CE IN-to-CE OUT
Resistance
VOH
VOL
V
VCC = VRST max, IOUT = 1.6mA,
V CE IN = 0V
VCC = VRST max, IOUT = -1mA,
V CE IN = VCC
CE OUT Drive from CE IN
0.2VCC
0.8VCC
nA
46
ILEAK
±10
CE IN Leakage Current
Note 1: VCC supply current, logic-input leakage, watchdog functionality (MAX793/MAX794), MR functionality (MAX793/MAX794),
PFI functionality (MAX793/MAX794), and state of RESET and RESET (MAX793/MAX794) tested at VBATT = 3.6V and VCC =
5.5V. The state of RESET is tested at VCC = VCC min.
Note 2: Tested at VBATT = 3.6V, VCC = 3.5V and 0V. The battery current rises to 10µA over a narrow transition window around VCC
= 1.9V.
Note 3: Leakage current into the battery is tested under the worst-case conditions at VCC = 5.5V, VBATT = 1.8V and VCC = 1.5V,
VBATT = 1.0V.
Note 4: Guaranteed by design.
Note 5: When VSW > VCC > VBATT, OUT remains connected to VCC until VCC drops below VBATT. The VCC-to-VBATT comparator
has a small 15mV typical hysteresis to prevent oscillation. For VCC < 1.75V (typical), OUT switches to BATT regardless of
VBATT.
Note 6: When VBATT > VCC > VSW, OUT remains connected to VCC until VCC drops below the battery switch threshold (VSW).
Note 7: OUT switches from BATT to VCC when VCC rises above the reset threshold, if VBATT > VRST. In this case, switchover back
to VCC occurs at the exact voltage that causes reset to be asserted, however, switchover occurs 200ms prior to reset. If
VBATT < VRST, OUT switches from BATT to VCC when VCC exceeds VBATT.
Note 8: The reset threshold tolerance is wider for VCC rising than for VCC falling to accommodate the 10mV typical hysteresis,
which prevents internal oscillation.
Note 9: The leakage current into or out of the RESET pin is tested with RESET not asserted (RESET output high impedance).
Note 10: PFO is normally an output, but is used as an input when activating the battery freshness seal.
µs
10
Reset to CE OUT High Delay
tWD
s
0V < VCC < 5.5V
Watchdog Timeout Period
IOH = 500µA, VCC < 2.3V
µA
1.00
1.60
2.25
-1
0.01
1
WDI Input Current
V
VOH
0.8VBATT
CE OUT Output-Voltage
High (reset active)
ns
WDI Pulse Width
100
MANUAL RESET INPUT
CHIP-ENABLE GATING
WATCHDOG (MAX793/MAX794 only)


Similar Part No. - MAX793_CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX79356 MAXIM-MAX79356 Datasheet
638Kb / 18P
   ZENO Flexible Narrowband OFDM Powerline Communication Modem with Integrated Analog Front End
Rev 2; 9/17
MAX79356CAEVK1# MAXIM-MAX79356CAEVK1# Datasheet
1Mb / 14P
   Evaluates: MAX79356
2016
MAX79356EVKIT MAXIM-MAX79356EVKIT Datasheet
1Mb / 14P
   Evaluates: MAX79356
2016
MAX79356SNF MAXIM-MAX79356SNF Datasheet
662Kb / 10P
   MAX79356 G3-PLC Sniffer Kit
Rev 1; 6/18
MAX793CPE MAXIM-MAX793CPE Datasheet
150Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 1; 1/96
More results

Similar Description - MAX793_CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX793SESE MAXIM-MAX793SESE Datasheet
189Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
MAX793 MAXIM-MAX793 Datasheet
150Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 1; 1/96
MAX690T MAXIM-MAX690T_V01 Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
2015
MAX690T MAXIM-MAX690T_05 Datasheet
287Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 2; 12/05
MAX690T MAXIM-MAX690T Datasheet
100Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
MAX690R MAXIM-MAX690R Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
logo
Exar Corporation
SP706SEN-L EXAR-SP706SEN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP706RCN-L EXAR-SP706RCN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com