Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX793 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX793
Description  3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX793 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX793 Datasheet HTML 1Page - Maxim Integrated Products MAX793 Datasheet HTML 2Page - Maxim Integrated Products MAX793 Datasheet HTML 3Page - Maxim Integrated Products MAX793 Datasheet HTML 4Page - Maxim Integrated Products MAX793 Datasheet HTML 5Page - Maxim Integrated Products MAX793 Datasheet HTML 6Page - Maxim Integrated Products MAX793 Datasheet HTML 7Page - Maxim Integrated Products MAX793 Datasheet HTML 8Page - Maxim Integrated Products MAX793 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3.0V/3.3V Adjustable Microprocessor
Supervisory Circuits
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 3.17V to 5.5V for the MAX793T/MAX795T, VCC = 3.02V to 5.5V for the MAX793S/MAX795S, VCC = 2.72V to 5.5V for the
MAX793R/MAX794/MAX795R, VBATT = 3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
CONDITIONS
2.85
2.925
3.00
3.00
3.075
3.15
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VCC falling
3.00
3.085
3.17
2.55
2.625
2.70
VRST
V
VRST IN
V
VCC falling
VCC rising
RESET IN Threshold
(MAX794 only)
1.212
1.240
1.262
Reset Threshold (Note 8)
2.55
2.635
2.72
2.85
2.935
3.02
VLR
mV
MAX793
LOWLINE-to-Reset
Threshold, (V LOWLINE -
VRST), VCC Falling
VCC < 3.6V
515
25
30
45
60
mV
MAX793S/MAX795S
MAX793T/MAX795T
MAX794
MAX793
3.08
Low-Line Comparator
Hysteresis
3.23
mV
10
10
ms
tRP
140
200
280
Reset Timeout Period
V
MAX793R/MAX795R
2.78
nA
VPFI rising
VPFI falling
PFI Input Current
MAX794
V
-25
2
25
VTH
1.212
1.250
1.287
PFI Input Threshold
1.212
1.240
1.262
VLL
1.317
LOWLINE Threshold,
VCC Rising
V
VBOK
2.00
2.25
2.50
BATT OK Threshold
(MAX793)
VOH
V
ISOURCE = 300µA, VCC = VRST max
BATT OK, BATT ON, WDO,
LOWLINE Output-Voltage
High
ISOURCE = 300µA, VCC = VRST min
0.8VCC
0.86VCC
V
VOH
0.8VCC
0.86VCC
RESET Output-Voltage High
mV
10
20
PFI Hysteresis, PFI Rising
MAX793T/MAX795T
MAX793S/MAX795S
MAX793R/MAX795R
MAX793T/MAX795T
MAX793S/MAX795S
MAX793R/MAX795R
nA
RESET IN Leakage Current
(MAX794 only)
-25
2
25
MAX794
VOH
V
ISOURCE = 65µA, VCC = VRST max
PFO Output-Voltage High
0.8VCC
VOH
V
ISOURCE = 100µA, VCC = 2.3V, VBATT = 3V
BATT ON Output-
Voltage High
0.8VBATT
ILEAK
µA
VCC = VRST max
RESET Output Leakage
Current (Note 9)
-1
-1
ISC
µA
VCC = 3.3V, V PFO = 0V
PFO Output Short to GND
Current
180
500
VOL
V
ISINK = 1.2mA; RESET, LOWLINE tested
with VCC = VRST min; RESET, BATTOK,
WDO tested with VCC = VRST max
PFO, RESET, RESET, WDO,
LOWLINE Output-Voltage
Low
0.08
0.2VCC
INPUT AND OUTPUT LEVELS
VCC rising
1.212
1.250
1.282


Similar Part No. - MAX793

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX793 MAXIM-MAX793 Datasheet
150Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 1; 1/96
MAX79356 MAXIM-MAX79356 Datasheet
638Kb / 18P
   ZENO Flexible Narrowband OFDM Powerline Communication Modem with Integrated Analog Front End
Rev 2; 9/17
MAX79356CAEVK1# MAXIM-MAX79356CAEVK1# Datasheet
1Mb / 14P
   Evaluates: MAX79356
2016
MAX79356EVKIT MAXIM-MAX79356EVKIT Datasheet
1Mb / 14P
   Evaluates: MAX79356
2016
MAX79356SNF MAXIM-MAX79356SNF Datasheet
662Kb / 10P
   MAX79356 G3-PLC Sniffer Kit
Rev 1; 6/18
More results

Similar Description - MAX793

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX793SESE MAXIM-MAX793SESE Datasheet
189Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
MAX793 MAXIM-MAX793 Datasheet
150Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 1; 1/96
MAX690T MAXIM-MAX690T_V01 Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
2015
MAX690T MAXIM-MAX690T_05 Datasheet
287Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 2; 12/05
MAX690T MAXIM-MAX690T Datasheet
100Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
MAX690R MAXIM-MAX690R Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
logo
Exar Corporation
SP706SEN-L EXAR-SP706SEN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP706RCN-L EXAR-SP706RCN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com