Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX306EQI Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX306EQI
Description  Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX306EQI Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX306EQI Datasheet HTML 5Page - Maxim Integrated Products MAX306EQI Datasheet HTML 6Page - Maxim Integrated Products MAX306EQI Datasheet HTML 7Page - Maxim Integrated Products MAX306EQI Datasheet HTML 8Page - Maxim Integrated Products MAX306EQI Datasheet HTML 9Page - Maxim Integrated Products MAX306EQI Datasheet HTML 10Page - Maxim Integrated Products MAX306EQI Datasheet HTML 11Page - Maxim Integrated Products MAX306EQI Datasheet HTML 12Page - Maxim Integrated Products MAX306EQI Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Precision, 16-Channel/Dual 8-Channel,
High-Performance, CMOS Analog Multiplexers
______________________________________________________________________________________
11
________Pin Configurations/Functional Diagrams/Truth Tables (continued)
NO7B
NO6B
NO5B
NO4B
NO3B
NO2B
NO1B
NO7A
NO6A
NO5A
NO4A
N03A
N02A
N01A
TOP VIEW
PLCC
12
13
14 15
16
17
18
1
2
3
4
26
27
28
19
20
21
22
23
24
25
5
6
7
8
9
10
11
MAX307
N.C. = NO INTERNAL CONNECTION
CMOS DECODERS/DRIVERS
A0
A1
A2
EN
NO8B
NO7B
NO6B
NO5B
NO4B
NO3B
NO2B
NO1B
NO8A
NO7A
NO6A
NO5A
NO4A
NO3A
NO2A
NO1A
COMA
V+
V-
GND
COMB
MAX307 8-CHANNEL DIFFERENTIAL MULTIPLEXER
_Ordering Information (continued)
* Contact factory for dice specifications.
28 TSSOP
-40°C to +85°C
MAX307EUI
28 PLCC
-40°C to +85°C
MAX307EQI
28 Wide SO
-40°C to +85°C
MAX307EWI
28 Plastic DIP
-40°C to +85°C
MAX307EPI
Dice*
0°C to +70°C
MAX307C/D
28 Wide SO
28 Plastic DIP
PIN-PACKAGE
TEMP RANGE
0°C to +70°C
0°C to +70°C
MAX307CWI
MAX307CPI
PART
28 CERDIP
-55°C to +125°C
MAX307MJI
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
28 PDIP
P28+3
21-0044
28 Wide SO
W28+6
21-0042
28 PLCC
Q28+4
21-0049
28 CDIP
J28-2
21-0046
28 TSSOP
U28+2
21-0066
Package Information
For the latest package outline information and land patterns,
go to www.maxim-ic.com/packages. Note that a “+”, “#”, or
“-” in the package code indicates RoHS status only. Package
drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.


Similar Part No. - MAX306EQI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX306EQI MAXIM-MAX306EQI Datasheet
148Kb / 12P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 0; 8/94
MAX306EQI MAXIM-MAX306EQI Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX306EQI MAXIM-MAX306EQI Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX306EQI MAXIM-MAX306EQI Datasheet
1Mb / 12P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
19-0270; Rev 5; 3/16
More results

Similar Description - MAX306EQI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX307EUI MAXIM-MAX307EUI Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX306 MAXIM-MAX306 Datasheet
148Kb / 12P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 0; 8/94
MAX306 MAXIM-MAX306_V01 Datasheet
1Mb / 12P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
19-0270; Rev 5; 3/16
MAX306CPI MAXIM-MAX306CPI Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
Rev. B, 22-Mar-10
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
08-Feb-17
logo
Maxim Integrated Produc...
MAX308 MAXIM-MAX308 Datasheet
123Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 0; 7/94
MAX308 MAXIM-MAX308_V01 Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 2; 8/02
MAX308CUE MAXIM-MAX308CUE Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX309EUE MAXIM-MAX309EUE Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com