Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX148BCPP Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX148BCPP
Description  2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX148BCPP Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX148BCPP Datasheet HTML 1Page - Maxim Integrated Products MAX148BCPP Datasheet HTML 2Page - Maxim Integrated Products MAX148BCPP Datasheet HTML 3Page - Maxim Integrated Products MAX148BCPP Datasheet HTML 4Page - Maxim Integrated Products MAX148BCPP Datasheet HTML 5Page - Maxim Integrated Products MAX148BCPP Datasheet HTML 6Page - Maxim Integrated Products MAX148BCPP Datasheet HTML 7Page - Maxim Integrated Products MAX148BCPP Datasheet HTML 8Page - Maxim Integrated Products MAX148BCPP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
+2.7V to +5.25V, Low-Power, 8-Channel,
Serial 10-Bit ADCs
_______________________________________________________________________________________ 5
TIMING CHARACTERISTICS
(VDD = +2.7V to +5.25V, TA = TMIN to TMAX, unless otherwise noted.)
Note 1: Tested at VDD = 2.7V; COM = 0; unipolar single-ended input mode.
Note 2: Relative accuracy is the deviation of the analog value at any code from its theoretical value after the full-scale range has
been calibrated.
Note 3: MAX149—internal reference, offset nulled; MAX148—external reference (VREF = +2.500V), offset nulled.
Note 4: Ground “on” channel; sine wave applied to all “off” channels.
Note 5: Conversion time defined as the number of clock cycles multiplied by the clock period; clock has 50% duty cycle.
Note 6: The common-mode range for the analog inputs is from AGND to VDD.
Note 7: Sample tested to 0.1% AQL.
Note 8: External load should not change during conversion for specified accuracy.
Note 9: ADC performance is limited by the converter’s noise floor, typically 300FVP-P.
Note 10: Guaranteed by design. Not subject to production testing.
Note 11: The MAX148 typically draws 400FA less than the values shown.
Note 12: Measured as |VFS(2.7V) - VFS(5.25V)|.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Acquisition Time
tACQ
1.5
μs
DIN to SCLK Setup
tDS
100
ns
DIN to SCLK Hold
tDH
0
ns
SCLK Fall to Output Data Valid
tDO
Figure 1
MAX14_ _C/E
20
200
ns
MAX14_ _M
20
240
CS Fall to Output Enable
tDV
Figure 1
240
ns
CS Rise to Output Disable
tTR
Figure 2
240
ns
CS to SCLK Rise Setup
tCSS
100
ns
CS to SCLK Rise Hold
tCSH
0
ns
SCLK Pulse Width High
tCH
200
ns
SCLK Pulse Width Low
tCL
200
ns
SCLK Fall to SSTRB
tSSTRB
Figure 1
240
ns
CS Fall to SSTRB Output Enable
tSDV
External clock mode only, Figure 1
240
ns
CS Rise to SSTRB Output Disable
tSTR
External clock mode only, Figure 2
240
ns
SSTRB Rise to SCLK Rise
tSCK
Internal clock mode only (Note 7)
0
ns


Similar Part No. - MAX148BCPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX148BCPP MAXIM-MAX148BCPP Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148BCPP MAXIM-MAX148BCPP Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 3; 5/09
MAX148BCPP++ MAXIM-MAX148BCPP+ Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148BCPP++ MAXIM-MAX148BCPP+ Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
More results

Similar Description - MAX148BCPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX148 MAXIM-MAX148 Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148 MAXIM-MAX148_09 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 3; 5/09
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX1242 MAXIM-MAX1242_V01 Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
MAX1248 MAXIM-MAX1248 Datasheet
242Kb / 24P
   2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
Rev 2; 5/98
MAX1242 MAXIM-MAX1242 Datasheet
158Kb / 12P
   2.7V to %.25V, Low-Power, 10-Bit Serial ADCs in SO-8
19-1156; Rev 2; 6/98
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com