Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS4625P+156 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS4625P+156
Description  3.3V Dual-Output LVPECL Clock Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4625P+156 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS4625P+156 Datasheet HTML 1Page - Maxim Integrated Products DS4625P+156 Datasheet HTML 2Page - Maxim Integrated Products DS4625P+156 Datasheet HTML 3Page - Maxim Integrated Products DS4625P+156 Datasheet HTML 4Page - Maxim Integrated Products DS4625P+156 Datasheet HTML 5Page - Maxim Integrated Products DS4625P+156 Datasheet HTML 6Page - Maxim Integrated Products DS4625P+156 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3.3V Dual-Output LVPECL Clock Oscillator
_______________________________________________________________________________________
3
Note 2: Limits at -40°C are guaranteed by design and are not production tested.
Note 3: AC parameters are guaranteed by design and not production tested.
Note 4: Startup time is from VCC = VCCMIN until PLL locks to the crystal oscillator output.
Note 5: Frequency stability is calculated as:
ΔfTOTAL = ΔfTEMP + ΔfVCC x (3.3 x 10%) + ΔfLOAD + ΔfAGING.
Note 6: Supply-induced jitter is the deterministic jitter as measured on a LeCroy SDA11000 measured with a 50mVP-P sine wave
forced on VCC.
SINGLE-SIDEBAND PHASE NOISE
SSB PHASE NOISE (dBc/Hz) (TYPICAL, +25°C, +3.3V)
OFFSET
fC = 100MHz
fC = 125MHz
fC = 150MHz
fC = 156.25MHz
fC = 200MHz
UNITS
100Hz
-71
-85
-84
-79
-85
1kHz
-116
-117
-116
-115
-113
10kHz
-119
-118
-116
-117
-113
100kHz
-126
-125
-122
-123
-120
1MHz
-143
-142
-141
-140
-139
10MHz
-151
-149
-149
-148
-149
20MHz
-151
-150
-149
-149
-150
dBc/Hz
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.97V to +3.63V, TA = -40°C to +85°C, typical values are at VCC = +3.3V and TA = +25°C, unless otherwise noted.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH
Output connected to 50
at PECL_BIAS at
VCC - 2.0V
VCC -
1.085
VCC -
0.88
V
Output Low Voltage
VOL
Output connected to 50
at PECL_BIAS at
VCC - 2.0V
VCC -
1.825
VCC -
1.62
V
Differential Output Voltage
|VOD|
Output connected to 50
at PECL_BIAS at
VCC - 2.0V
0.595
0.710
V
Output Rise Time
tR
20% to 80%
200
ps
Output Fall Time
tF
80% to 20%
200
ps
Duty Cycle
DCYCLE
45
55
%
Propagation Delay from OE
Going Low to Output High
Impedance
tPAZ
(See Figure 2)
100
ns
Propagation Delay from OE
Going High to Output Active
tPZA
(See Figure 2)
100
ns
Jitter
JRMS
Integrated phase RMS, 12kHz to 20MHz,
VCC = +3.3V, TA = +25°C
0.7
ps
Accumulated Deterministic
Jitter Due to Reference Spurs
125.00MHz output, VCC = +3.3V,
TA = +25°C
0.1
ps
10kHz
12.9
ps
100kHz
26.3
ps
200kHz
20.1
ps
Accumulated Deterministic
Jitter Due to Power-Supply Noise
(P-P) (Note 6)
1MHz
6.4
ps


Similar Part No. - DS4625P+156

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4625P+150/150 MAXIM-DS4625P+150/150 Datasheet
139Kb / 6P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
DS4625P+150/200 MAXIM-DS4625P+150/200 Datasheet
139Kb / 6P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
More results

Similar Description - DS4625P+156

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4625 MAXIM-DS4625 Datasheet
139Kb / 6P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
DS4M125 MAXIM-DS4M125 Datasheet
138Kb / 7P
   3.3V Margining Clock Oscillator with LVPECL/LVDS Output
Rev 0; 12/07
logo
Connor-Winfield Corpora...
EE14-511 CONNOR-WINFIELD-EE14-511 Datasheet
209Kb / 2P
   14 PIN 3.3V LVPECL CLOCK OSCILLATOR
EE14-511G CONNOR-WINFIELD-EE14-511G Datasheet
221Kb / 2P
   14 PIN 3.3V LVPECL CLOCK OSCILLATOR
logo
Crystek Corporation
CCPD-912 CRYSTEKCRYSTAL-CCPD-912 Datasheet
113Kb / 1P
   Differential LVPECL Clock Oscillator 9X14 mm SMD, 3.3V, LVPECL
CCPD-914 CRYSTEKCRYSTAL-CCPD-914 Datasheet
113Kb / 1P
   Differential LVPECL Clock Oscillator 9X14 mm SMD, 3.3V, LVPECL
logo
Connor-Winfield Corpora...
EML5234 CONNOR-WINFIELD-EML5234 Datasheet
184Kb / 2P
   3.3V 9x14mm SURFACE MOUNT LVPECL CLOCK OSCILLATOR
logo
Crystek Corporation
CCPD-915 CRYSTEKCRYSTAL-CCPD-915 Datasheet
113Kb / 1P
   Differential LVPECL Clock Oscillator FR5 9X14 mm SMD, 3.3V, LVPECL
logo
Connor-Winfield Corpora...
PMXXX CONNOR-WINFIELD-PMXXX Datasheet
316Kb / 2P
   LVPECL Clock Oscillator
logo
Crystek Corporation
CCPD-024 CRYSTEKCRYSTAL-CCPD-024_15 Datasheet
116Kb / 3P
   LVPECL Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com