Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3231 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS3231
Description  Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3231 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS3231_10 Datasheet HTML 7Page - Maxim Integrated Products DS3231_10 Datasheet HTML 8Page - Maxim Integrated Products DS3231_10 Datasheet HTML 9Page - Maxim Integrated Products DS3231_10 Datasheet HTML 10Page - Maxim Integrated Products DS3231_10 Datasheet HTML 11Page - Maxim Integrated Products DS3231_10 Datasheet HTML 12Page - Maxim Integrated Products DS3231_10 Datasheet HTML 13Page - Maxim Integrated Products DS3231_10 Datasheet HTML 14Page - Maxim Integrated Products DS3231_10 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Extremely Accurate I2C-Integrated
RTC/TCXO/Crystal
____________________________________________________________________
11
Figure 1. Timekeeping Registers
Note: Unless otherwise specified, the registers’ state is not defined when power is first applied.
ADDRESS
BIT 7
MSB
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
LSB
FUNCTION
RANGE
00h
0
10 Seconds
Seconds
Seconds
00–59
01h
0
10 Minutes
Minutes
Minutes
00–59
AM/PM
02h
0
12/
24
10 Hour
10 Hour
Hour
Hours
1–12 +
AM/PM
00–23
03h
0
0
0
0
0
Day
Day
1–7
04h
0
0
10 Date
Date
Date
01–31
05h
Century
0
0
10 Month
Month
Month/
Century
01–12 +
Century
06h
10 Year
Year
Year
00–99
07h
A1M1
10 Seconds
Seconds
Alarm 1 Seconds
00–59
08h
A1M2
10 Minutes
Minutes
Alarm 1 Minutes
00–59
AM/PM
09h
A1M3
12/
24
10 Hour
10 Hour
Hour
Alarm 1 Hours
1–12 +
AM/PM
00–23
Day
Alarm 1 Day
1–7
0Ah
A1M4
DY/
DT
10 Date
Date
Alarm 1 Date
1–31
0Bh
A2M2
10 Minutes
Minutes
Alarm 2 Minutes
00–59
AM/PM
0Ch
A2M3
12/
24
10 Hour
10 Hour
Hour
Alarm 2 Hours
1–12 +
AM/PM
00–23
Day
Alarm 2 Day
1–7
0Dh
A2M4
DY/
DT
10 Date
Date
Alarm 2 Date
1–31
0Eh
EOSC
BBSQW
CONV
RS2
RS1
INTCN
A2IE
A1IE
Control
0Fh
OSF
0
0
0
EN32kHz
BSY
A2F
A1F
Control/Status
10h
SIGN
DATA
DATA
DATA
DATA
DATA
DATA
DATA
Aging Offset
11h
SIGN
DATA
DATA
DATA
DATA
DATA
DATA
DATA
MSB of Temp
12h
DATA
DATA
0
0
0
0
0
0
LSB of Temp
Address Map
Figure 1 shows the address map for the DS3231 time-
keeping registers. During a multibyte access, when the
address pointer reaches the end of the register space
(12h), it wraps around to location 00h. On an I2C
START or address pointer incrementing to location 00h,
the current time is transferred to a second set of regis-
ters. The time information is read from these secondary
registers, while the clock may continue to run. This
eliminates the need to reread the registers in case the
main registers update during a read.
I2C Interface
The I2C interface is accessible whenever either VCC or
VBAT is at a valid level. If a microcontroller connected
to the DS3231 resets because of a loss of VCC or other
event, it is possible that the microcontroller and
DS3231 I2C communications could become unsyn-
chronized, e.g., the microcontroller resets while read-
ing data from the DS3231. When the microcontroller
resets, the DS3231 I2C interface may be placed into a
known state by toggling SCL until SDA is observed to
be at a high level. At that point the microcontroller
should pull SDA low while SCL is high, generating a
START condition.
Clock and Calendar
The time and calendar information is obtained by read-
ing the appropriate register bytes. Figure 1 illustrates
the RTC registers. The time and calendar data are set
or initialized by writing the appropriate register bytes.
The contents of the time and calendar registers are in


Similar Part No. - DS3231_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3231_1007 MAXIM-DS3231_1007 Datasheet
378Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 8; 7/10
More results

Similar Description - DS3231_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3231 MAXIM-DS3231_13 Datasheet
300Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 9; 1/13
DS3231SNTR MAXIM-DS3231SNTR Datasheet
297Kb / 20P
   Extremely Accurate I2C-Integrated RTC-TCXO-Crystal
Rev 9; 1/13
DS3231_1007 MAXIM-DS3231_1007 Datasheet
378Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 8; 7/10
logo
Dallas Semiconductor
DS3231 DALLAS-DS3231 Datasheet
363Kb / 19P
   Extremely Accurate I2C-Integrated RTC/TXO/Crystal
logo
Maxim Integrated Produc...
DS32B35 MAXIM-DS32B35_10 Datasheet
410Kb / 22P
   Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 3; 7/10
DS32X35 MAXIM-DS32X35 Datasheet
279Kb / 21P
   Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 0; 12/06
DS3232 MAXIM-DS3232_10 Datasheet
280Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 5; 7/10
DS3232 MAXIM-DS3232 Datasheet
276Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 2; 3/06
DS3232 MAXIM-DS3232_08 Datasheet
276Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 4; 10/08
DS3232 MAXIM-DS3232_07 Datasheet
246Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 3; 10/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com