Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1952 Datasheet(PDF) 2 Page - Rohm

Part # 2SA1952
Description  High-speed Switching Transistor (-60V, -5A)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SA1952 Datasheet(HTML) 2 Page - Rohm

  2SA1952_09 Datasheet HTML 1Page - Rohm 2SA1952_09 Datasheet HTML 2Page - Rohm 2SA1952_09 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/2
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.A
Data Sheet
2SA1952
Electrical characteristics curves
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.1 Ground emitter output characteristics
0
−5
−4
−3
−2
−1
−5
−4
−3
−2
−1
0
Tc
=25°C
IB
=0A
−10mA
−20mA
−30mA
−40mA
−50mA
−60mA
−70mA
−80m
A
−90m
A
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.2 Ground emitter propagation characteristics
−10
−2
−1
−0.5
−0.2
−0.1
−0.01
−0.02
−0.05
−5
−1.8
−1.6
−1.4
−1.2
−1.0
−0.8
−0.6
−0.4
−0.2
0
Ta
=100
°C
25
°C
−25
°C
VCE
= −2V
Pulsed
COLLECTOR CURRENT : IC
(A)
Fig.3 DC current gain vs. collector current
20
50
100
200
500
1000
10
5
2
1
−10
−2
−1
−0.2
−0.1
−0.01 −0.02 −0.05
−0.5
−5
Pulsed
VCE
= −2V
Ta
=100°C
25
°C
−25°C
COLLECTOR CURRENT : IC
(A)
Fig.4 Collector-emitter saturation voltage
Base-emitter saturation voltage
vs. collector current
−10
−2
−1
−0.2
−0.1
−0.01
−0.01
−0.02
−0.05
−0.1
−0.2
−0.5
−1
−2
−5
−10
−0.02 −0.05
−0.5
−5
Pulsed
IC/IB
=20
Ta
= −25°C
Ta
=100°C
25
°C
25
°C
−25°C
100
°C
VBE(sat)
VCE(sat)
EMITTER CURRENT : IE
(A)
Fig.5 Resistance ratio vs. emitter current
20
50
100
200
500
1000
10
5
2
1
0.001 0.002
0.01 0.02
0.05
0.1
0.2
0.5
1
0.005
Ta
=25
°C
VCE
= −10A
COLLECTOR TO BASE VOLTAGE : VCB
(V)
Fig.6 Collector output capacitance
vs. collector-base voltage
200
500
1000
2000
5000
10000
100
50
20
10
−0.1 −0.2 −0.5 −1 −2
−5 −10 −20 −50 −100
Ta
=25
°C
f
=1MHz
IE
=0A
COLLECTOR CURRENT : IC
(A)
Fig.7 Switching characteristics
0.2
0.5
1
2
5
10
0.1
0.05
0.02
0.01
−0.05
−0.2
−0.1
−0.5 −1 −2
−5 −10 −20 −50
IE
=20IB1= −20IB2
tstg
ton
tf


Similar Part No. - 2SA1952_09

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2SA1952TLQ LITTELFUSE-2SA1952TLQ Datasheet
107Kb / 3P
   High-speed Switching Transistor (-60V, -5A)
logo
Rohm
2SA1952 ROHM-2SA1952_1 Datasheet
77Kb / 3P
   High-speed Switching Transistor (−60V, −5A)
More results

Similar Description - 2SA1952_09

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2SA1952TLQ LITTELFUSE-2SA1952TLQ Datasheet
107Kb / 3P
   High-speed Switching Transistor (-60V, -5A)
logo
Rohm
2SC5103TLQ ROHM-2SC5103TLQ Datasheet
114Kb / 4P
   High speed switching transistor (60V, 5A)
2SA1952 ROHM-2SA1952 Datasheet
33Kb / 2P
   High-speed Switching Transistor (-60V, -5A)
2SC5103 ROHM-2SC5103 Datasheet
65Kb / 2P
   High speed switching transistor (60V, 5A)
2SC5103 ROHM-2SC5103_09 Datasheet
170Kb / 4P
   High speed switching transistor (60V, 5A)
logo
Sanyo Semicon Device
2SA2023 SANYO-2SA2023 Datasheet
41Kb / 4P
   60V / 5A High-Speed Switching Applications
logo
Rohm
2SA2006 ROHM-2SA2006 Datasheet
57Kb / 1P
   For high speed switching (−60V, −5A)
logo
Sanyo Semicon Device
2SA1289 SANYO-2SA1289 Datasheet
103Kb / 3P
   60V/5A High-Speed Switching Applications
logo
Rohm
2SA1906 ROHM-2SA1906 Datasheet
57Kb / 1P
   For high speed switching (−60V, −5A
logo
Sanyo Semicon Device
2SA1469 SANYO-2SA1469 Datasheet
101Kb / 4P
   60V/5A High-Speed Switching Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com