Electronic Components Datasheet Search |
|
SSSS925700 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD. |
|
SSSS925700 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD. |
1 / 6 page 8 9 10 12 14 8 9 10 11 12 13 14 15 2 4 1 2 1 2 2 3 2 3 2 3 2 3 Standard Snap-in (t1.6) Standard Snap-in (t1.6) Standard Snap-in (t1.6) Standard Snap-in (t1.6) Standard Snap-in (t1.6) SSSS916900 SSSS915000 SSSS91B900 SSSS926400 SSSS928500 SSSS916400 SSSS914500 SSSS91B600 SSSS91A600 SSSS925800 SSSS923800 SSSS928200 SSSS925700 Horizontal Non shorting Not specified Non shorting Not specified Non shorting Not specified Non shorting Not specified 5.000 4.000 5.000 4.000 1. Products other than those listed in the above chart are also available. Please contact us for details. 2. Please contact us for automotive use products. 3. Please place purchase orders per minimum order unit(integer). Notes 130 Other Use type Small size General Use type Big size General Use type Detector Push Slide Rotary Encoders Power Dual-in-line Package Type TACT Switch TM Custom- Products 5(H)mm, 2mm-travel Type SSSS9 Series 1 2 3 4 5 6 1 2 3 4 5 6 7 2 4 1 2 1 2 2 3 2 3 2 3 2 3 Standard Snap-in (t1.6) Standard Snap-in (t1.6) Standard Snap-in (t1.6) Standard Snap-in (t1.6) Standard Snap-in (t1.6) SSSS912000 SSSS910400 SSSS919500 SSSS918500 SSSS922000 SSSS921800 SSSS912500 SSSS910800 SSSS919800 SSSS918700 SSSS922500 SSSS923200 SSSS920600 Vertical Mounting method Poles Products No. Positions Drawing No. Actuator direction Actuator length (mm) 2 Travel (mm) Non shorting Not specified Non shorting Not specified Non shorting Not specified Non shorting Not specified Changeover timing Manual, Dip Soldering 5.000 4.000 5.000 4.000 Minimum order unit (pcs.) Product Line Mid-size general purpose type well established for it's user friendliness. Slide Switch Operating life 0.1A 12V DC/50 BA 3V DC 30m Ω max./80mΩ max. 10,000cycles Rating (max.) / (min.) (Resistive load) Items Specifications Contact resistance (Initial performance/After lifetime) 10,000cycles (0.1A 12V DC) Without load With load Typical Specifications Operating force 2-positions 3 ±1.5N 3-positions a, c → b 2±1N b → a, c 3±1.5N |
Similar Part No. - SSSS925700 |
|
Similar Description - SSSS925700 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |