Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSSU041700 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSU041700
Description  Slide Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSU041700 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SSSU041700 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSU041700 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSU041700 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSU041700 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSU041700 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
140
Other Use type
Small size
General Use type
Big size
General Use type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
3 3
12-ø0.7 holes
1.5
1.5
33
3
22.3
5-ø0.7 holes
1.5
1.5
33 3 3
25.3
3 3
6-ø0.7 holes
1.5
1.5
19.3
25.3
33
10-ø0.7 holes
1.5
1.5
33
33
3-ø0.7 holes
1.5
1.5
19.3
3
0.5
3
3
22.5
Travel
A
PC board
mounting face
Terminal No.1
33
7
0.35
2.5
Operating force with detent : 2N
3
3
33
19.5
Travel
A
PC board
mounting face
Terminal No.1
7
0.35
1.25
Operating force with detent : 2N
0.5
5
4-poles, 2-positions
2
3
4
1-pole, 3-positions
2-poles, 2-positions
2-poles, 3-positions
1
1-pole, 2-positions
Unit:mm
Dimensions
Style
No.
PC board mounting hole dimensions
(Viewed from the direction A)
Vertical Actuator Type
Operating force with detent :
3
0.5
3
3
25.5
Travel
A
PC board
mounting face
Terminal No.1
7
0.35
1.25
3
3
3
a bc
1.5N
}
a
J b
c
J b
b
J a
b
J c
}2N
3
0.5
33
19.5
Travel
A
PC board
mounting face
Terminal No.1
7
0.35
2.5
Operating force with detent : 2N
Operating force with detent :
3
0.5
3
3
25.5
Travel
A
PC board
mounting face
Terminal No.1
3
3
3
a b c
7
0.35
2.5
1.5N
}
b
J a
b
J c
a
J b
c
J b
} 2N
8.5(H)mm, 3mm-travel Type
SSSU Series
Slide Switch


Similar Part No. - SSSU041700

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSSU041700 ALPS-SSSU041700 Datasheet
974Kb / 6P
   Large-size general purpose type with various knobs
More results

Similar Description - SSSU041700

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSSS213000 ALPS-SSSS213000 Datasheet
698Kb / 6P
   Slide Switch
SSSS820101 ALPS-SSSS820101 Datasheet
426Kb / 6P
   Slide Switch
SSST010500 ALPS-SSST010500 Datasheet
245Kb / 2P
   Slide Switch
SSSF011700 ALPS-SSSF011700 Datasheet
317Kb / 5P
   Slide Switch
SSSS710100 ALPS-SSSS710100 Datasheet
455Kb / 5P
   Slide Switch
logo
List of Unclassifed Man...
105-SV68010F-23FT ETC2-105-SV68010F-23FT Datasheet
71Kb / 1P
   Slide Switch
logo
ALPS ELECTRIC CO.,LTD.
SSSB021500 ALPS-SSSB021500 Datasheet
272Kb / 4P
   Slide Switch
logo
List of Unclassifed Man...
103-5006-EV ETC2-103-5006-EV Datasheet
134Kb / 1P
   Slide Switch
SS60012F-0102-4V-NB ETC2-SS60012F-0102-4V-NB Datasheet
133Kb / 1P
   Slide Switch
logo
ALPS ELECTRIC CO.,LTD.
SSSS912000 ALPS-SSSS912000 Datasheet
395Kb / 6P
   Slide Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com