Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSGM140100 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # SSGM140100
Description  Dual In-line Package Type Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSGM140100 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  SSGM140100 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSGM140100 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSGM140100 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSGM140100 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSGM140100 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Dual-in-line
Package Type
244
Detector
Push
Slide
Rotary
Encoders
Power
TACT Switch
TM
Custom-
Products
Soldering Conditions
Example of Reflow Soldering Condition
1. Heating method: Double heating method with infrared heater.
2. Temperature measurement: Thermocouple 0.1 to 0.2
φ CA
(K)or CC(T)at soldering portion(copper foil surface).A heat resisting tape should
be used for fixed measurement.
3. Temperature profile
300
200
100
A max.
B
C
Time (s)
20 max.
E max.
Pre-heating
D max.
F
Room
temperature
Series
(Reflow type)
SSGM
240
230
150
120
A
(℃)
3s max.
B
(℃)
C
(℃)
D
(s)
E
(s)
F
(s)
1. The condition mentioned above is the temperature on the mounting surface of a PC board. There are cases where
the PC board's temperature greatly differs from that of the switch, depending on the PC board's material, size,
thickness, etc. The above-stated conditions shall also apply to switch surface temperatures.
2. Soldering conditions differ depending on reflow soldering machines. Prior verification of soldering condition is
highly recommended.
Notes
Dual In-line Package Type Switches


Similar Part No. - SSGM140100

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSGM140100 ALPS-SSGM140100 Datasheet
755Kb / 5P
   2 to 10 Circuits-designed Type
More results

Similar Description - SSGM140100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4-5435166-9 MACOM-4-5435166-9 Datasheet
140Kb / 7P
   Dual In- Line Package (DIP) Programming Switches
logo
List of Unclassifed Man...
MCEPM-02 ETC2-MCEPM-02 Datasheet
229Kb / 6P
   Dual In Line Switches - Piano Type
logo
ITT Industries
SP02B ITT-SP02B Datasheet
160Kb / 2P
   Single In-line Package Switches
logo
C&K Components
SPA CK-COMPONENTS-SPA_V01 Datasheet
196Kb / 2P
   Single In-line Package Switches
26 Aug 20
SP CK-COMPONENTS-SP Datasheet
166Kb / 2P
   Single In-line Package Switches
2006
SPA CK-COMPONENTS-SPA Datasheet
145Kb / 2P
   Single In-line Package Switches
logo
List of Unclassifed Man...
SBS1002T ETC2-SBS1002T Datasheet
1Mb / 1P
   Dual-in-line Switches
logo
TE Connectivity Ltd
114-1056 TEC-114-1056 Datasheet
140Kb / 7P
   Dual In- Line Package
408-7779 TEC-408-7779 Datasheet
121Kb / 4P
   Dual In- Line Package
logo
List of Unclassifed Man...
MCEIR-08 ETC2-MCEIR-08 Datasheet
128Kb / 5P
   Dual In Line Switches - End Stackable
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com