Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT17M120JCU2 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APT17M120JCU2
Description  ISOTOP짰 Boost chopper MOSFET SiC chopper diode Power module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT17M120JCU2 Datasheet(HTML) 1 Page - Microsemi Corporation

  APT17M120JCU2 Datasheet HTML 1Page - Microsemi Corporation APT17M120JCU2 Datasheet HTML 2Page - Microsemi Corporation APT17M120JCU2 Datasheet HTML 3Page - Microsemi Corporation APT17M120JCU2 Datasheet HTML 4Page - Microsemi Corporation APT17M120JCU2 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APT17M120JCU2
www.microsemi.com
1- 5
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
G
S
D
K
ISOTOP
®
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
1200
V
Tc = 25°C
17
ID
Continuous Drain Current
Tc = 80°C
13
IDM
Pulsed Drain current
90
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
816
m
Ω
PD
Maximum Power Dissipation
Tc = 25°C
480
W
IAR
Avalanche current (repetitive and non repetitive)
12
A
Application
AC and DC motor control
Switched Mode Power Supplies
Power Factor Correction
Brake switch
Features
Power MOS 8™ MOSFET
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Avalanche energy rated
• SiC Schottky Diode
-
Zero reverse recovery
-
Zero forward recovery
-
Temperature Independent switching behavior
-
Positive temperature coefficient on VF
ISOTOP
® Package (SOT-227)
Very low stray inductance
High level of integration
Benefits
Outstanding performance at high frequency
operation
Stable temperature behavior
Very rugged
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Easy paralleling due to positive TC of VCEsat
RoHS Compliant
ISOTOP
® Boost chopper
MOSFET + SiC chopper diode
Power module
K
D
G
S
VDSS = 1200V
RDSon = 680mΩ typ @ Tj = 25°C
ID = 17A @ Tc = 25°C


Similar Part No. - APT17M120JCU2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT17M120JCU3 MICROSEMI-APT17M120JCU3 Datasheet
115Kb / 5P
   ISOTOP짰 Buck chopper MOSFET SiC chopper diode Power module
More results

Similar Description - APT17M120JCU2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT20M120JCU2 MICROSEMI-APT20M120JCU2 Datasheet
115Kb / 5P
   ISOTOP짰 Boost chopper MOSFET SiC chopper diode Power module
APT58M50JCU2 MICROSEMI-APT58M50JCU2 Datasheet
116Kb / 5P
   ISOTOP짰 Boost chopper MOSFET SiC chopper diode Power module
APT26M100JCU2 MICROSEMI-APT26M100JCU2 Datasheet
114Kb / 5P
   ISOTOP짰 Boost chopper MOSFET SiC chopper diode Power module
APT26M100JCU3 MICROSEMI-APT26M100JCU3 Datasheet
115Kb / 5P
   ISOTOP짰 Buck chopper MOSFET SiC chopper diode Power module
APT20M120JCU3 MICROSEMI-APT20M120JCU3 Datasheet
115Kb / 5P
   ISOTOP짰 Buck chopper MOSFET SiC chopper diode Power module
APT17M120JCU3 MICROSEMI-APT17M120JCU3 Datasheet
115Kb / 5P
   ISOTOP짰 Buck chopper MOSFET SiC chopper diode Power module
APT22M100JCU2 MICROSEMI-APT22M100JCU2 Datasheet
115Kb / 5P
   ISOTOP짰 Buck chopper MOSFET SiC chopper diode Power module
APT22M100JCU3 MICROSEMI-APT22M100JCU3 Datasheet
115Kb / 5P
   ISOTOP짰 Buck chopper MOSFET SiC chopper diode Power module
APT33N90JCCU2 MICROSEMI-APT33N90JCCU2 Datasheet
142Kb / 5P
   ISOTOP짰 Boost chopper Super Junction MOSFET SiC chopper diode
APT15GF120JCU2 MICROSEMI-APT15GF120JCU2 Datasheet
220Kb / 6P
   ISOTOP짰 Boost chopper NPT IGBT SiC chopper diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com