Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

75PD-045 Datasheet(PDF) 1 Page - JFW Industries, Inc.

Part # 75PD-045
Description  2 WAY RESISTIVE POWER DIVIDER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.

75PD-045 Datasheet(HTML) 1 Page - JFW Industries, Inc.

  75PD-045 Datasheet HTML 1Page - JFW Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2 WAY RESISTIVE POWER DIVIDER
SPECIFICATION SHEET
JFW MODEL 75PD-045
JFW Industries, Inc.
Phone:
317-887-1340
sales@jfwindustries.com
www.jfwindustries.com
Frequency Range
DC-2200 MHz
Impedance
75 Ohms nominal
VSWR
1.2:1 maximum to 500 MHz
1.3:1 maximum to 1000 MHz
1.4:1 maximum to 2200 MHz
Insertion Loss
6 dB ± 0.5 dB
Amplitude Tracking
± 0.3 dB
RF Input Power
2 Watts average @ 25ºC
100 Watts peak (1 microsecond pulse)
Operating Temperature Range
-40ºC to +85ºC
RF Connector
N, F or BNC female
Physical Size
See outline drawing 092-2322
06/09/1995
ECR/ECN #
DATE
REV
APPR / DATE
ECR/ECN #
DATE
REV
APPR / DATE
875
11/03/1997
A
2462
08/22/2000
B
4531
03/18/2004
D
CLV 03/18/2004
9999
04/18/2003
C
SL 08/04/2003
JFW FORM E-7-F REV F
Page 1 of 1


Similar Part No. - 75PD-045

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
75PD-045 JFW-75PD-045 Datasheet
68Kb / 1P
   2 WAY RESISTIVE POWER DIVIDER
75PD-045 JFW-75PD-045_12 Datasheet
68Kb / 1P
   2 WAY RESISTIVE POWER DIVIDER
More results

Similar Description - 75PD-045

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PD-016 JFW-50PD-016 Datasheet
26Kb / 1P
   2 WAY RESISTIVE POWER DIVIDER
50PD-379 JFW-50PD-379_13 Datasheet
27Kb / 1P
   2 WAY RESISTIVE POWER DIVIDER
50PD-016 JFW-50PD-016_10 Datasheet
26Kb / 1P
   2 WAY RESISTIVE POWER DIVIDER
50PD-004 JFW-50PD-004 Datasheet
26Kb / 1P
   2 WAY RESISTIVE POWER DIVIDER
75PD-045 JFW-75PD-045_12 Datasheet
68Kb / 1P
   2 WAY RESISTIVE POWER DIVIDER
50PD-133 JFW-50PD-133 Datasheet
26Kb / 1P
   2 WAY RESISTIVE POWER DIVIDER
75PD-001 JFW-75PD-001 Datasheet
26Kb / 1P
   2 WAY RESISTIVE POWER DIVIDER
50PD-335 JFW-50PD-335_10 Datasheet
26Kb / 1P
   2 WAY RESISTIVE POWER DIVIDER
50PD-335 JFW-50PD-335 Datasheet
26Kb / 1P
   2 WAY RESISTIVE POWER DIVIDER
50PD-379 JFW-50PD-379 Datasheet
26Kb / 1P
   2 WAY RESISTIVE POWER DIVIDER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com