Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50T-350 Datasheet(PDF) 1 Page - JFW Industries, Inc.

Part # 50T-350
Description  TERMINATION
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.

50T-350 Datasheet(HTML) 1 Page - JFW Industries, Inc.

  50T-350 Datasheet HTML 1Page - JFW Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TERMINATION
SPECIFICATION SHEET
JFW MODEL 50T-350
JFW Industries, Inc.
Phone:
317-887-1340
sales@jfwindustries.com
www.jfwindustries.com
Frequency Range
DC-3000 MHz
Impedance
50 Ohms nominal
VSWR
1.15:1 maximum
RF Input Power
150 Watts average @ +25ºC
Derate to 50 Watts @ +100ºC
RF Connector
N or 7/16
Physical Size
See outline drawing 092-3752 (N)
08/28/2001
ECR/ECN #
DATE
REV
APPR / DATE
ECR/ECN #
DATE
REV
APPR / DATE
2774
09/26/2001
A
9999
02/25/2003
B
SL 06/23/2003
JFW FORM E-7-F REV F
Page 1 of 1


Similar Part No. - 50T-350

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50T-352 JFW-50T-352 Datasheet
25Kb / 1P
   TERMINATION
50T-357-1.0 JFW-50T-357-1.0 Datasheet
27Kb / 1P
   TERMINATION/MISMATCH
50T-357-1.5 JFW-50T-357-1.5 Datasheet
27Kb / 1P
   TERMINATION/MISMATCH
50T-357-5.0 JFW-50T-357-5.0 Datasheet
27Kb / 1P
   TERMINATION/MISMATCH
50T-357-XXX JFW-50T-357-XXX Datasheet
27Kb / 1P
   TERMINATION/MISMATCH
More results

Similar Description - 50T-350

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50T-378 JFW-50T-378 Datasheet
25Kb / 1P
   TERMINATION
50T-014 JFW-50T-014 Datasheet
24Kb / 1P
   TERMINATION
50T-300 JFW-50T-300 Datasheet
25Kb / 1P
   TERMINATION
50T-317 JFW-50T-317 Datasheet
26Kb / 1P
   TERMINATION
logo
Rosenberger Hochfrequen...
64K17R-001S3 ROSENBERGER-64K17R-001S3 Datasheet
531Kb / 2P
   Termination
18K15R-0-5E3 ROSENBERGER-18K15R-0-5E3 Datasheet
512Kb / 2P
   Termination
logo
Mini-Circuits
ANNE-50E MINI-ANNE-50E Datasheet
178Kb / 2P
   Termination
ANNE-50V MINI-ANNE-50V Datasheet
196Kb / 2P
   Termination
logo
JFW Industries, Inc.
50T-549 JFW-50T-549 Datasheet
26Kb / 1P
   TERMINATION
50T-552 JFW-50T-552 Datasheet
25Kb / 1P
   TERMINATION
50T-001 JFW-50T-001_11 Datasheet
65Kb / 1P
   TERMINATION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com