Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6577 Datasheet(PDF) 3 Page - Motorola, Inc

Part # 2N6577
Description  NPN Silicon Power Darlington Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

2N6577 Datasheet(HTML) 3 Page - Motorola, Inc

  2N6577 Datasheet HTML 1Page - Motorola, Inc 2N6577 Datasheet HTML 2Page - Motorola, Inc 2N6577 Datasheet HTML 3Page - Motorola, Inc 2N6577 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2N6576 2N6577 2N6578
3
Motorola Bipolar Power Transistor Device Data
10 k
Figure 2. DC Current Gain
IC, COLLECTOR CURRENT (AMPS)
5 k
1 k
Figure 3. Collector Saturation Region
5
0.5
0.0001
0.1
4
+ 150
°C
25
°C
– 30
°C
10 A
3
2
1
500
200
0.2
1.0
2.0
15
5 A
0.01
0.05
0.5
5.0
10
0.02
VCE = 3 Vdc
0.005
0.0003
0.001 0.002
15 A
1 A
IB, BASE CURRENT (AMPS)
2 k
Figure 4. Collector Saturation Voltage
5
0.2
IC, COLLECTOR CURRENT (AMPS)
0.5
0.5
1
5
15
3
2
1
4
IC, COLLECTOR CURRENT (AMPS)
4
1.5
1
Figure 5. Base–Emitter Voltage
2
1.5
2
10
0.5
– 30
°C
3
0.2
0.5
1
5
15
2
10
IC/IB = 100
+ 25
°C
+150
°C
VBE(sat) @ IC/IB = 100
VBE(on) @ VCE = 3 V, 25°C
– 30
°C
+ 25
°C
TJ = + 150°C
Figure 6. Thermal Response
t, TIME (ms)
0.01
0.2
0.1
0.07
0.05
0.03
0.02
θJC(t) = r(t) θJC
θJC = 1.46
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
SINGLE PULSE
0.2
0.05
0.1
0.02
0.01
0.7
0.5
0.3
0.1
7.0
2.0
3.0
5.0
10
20
30
50
100
200 300
1000
500
0.1
0.2
0.3
0.5
1.0
0.7
70
700


Similar Part No. - 2N6577

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6577 SEME-LAB-2N6577 Datasheet
11Kb / 1P
   Bipolar NPN Device
logo
New Jersey Semi-Conduct...
2N6577 NJSEMI-2N6577 Datasheet
73Kb / 2P
   NPN SILICON POWER DARLINGTON TRANSISTOR
logo
General Semiconductor
2N6577 GE-2N6577 Datasheet
209Kb / 5P
   15 AMPERE NPN DARLINGTON POWER TRAN
logo
Central Semiconductor C...
2N6577 CENTRAL-2N6577 Datasheet
489Kb / 2P
   SILICON NPN DARLINGTON POWER TRANSISTORS
2N6577 CENTRAL-2N6577 Datasheet
92Kb / 2P
   NPN SILICON POWER DARLINGTON TRANSISTOR
More results

Similar Description - 2N6577

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ10005 ONSEMI-MJ10005 Datasheet
229Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
REV 2
MJ10020 ONSEMI-MJ10020 Datasheet
293Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
1995
logo
Quanzhou Jinmei Electro...
2SD2439 JMNIC-2SD2439_15 Datasheet
88Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD1895_2015 JMNIC-2SD1895_2015 Datasheet
98Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Inchange Semiconductor ...
2SD2386 ISC-2SD2386 Datasheet
83Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1895 JMNIC-2SD1895 Datasheet
98Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Savantic, Inc.
2SC3144 SAVANTIC-2SC3144 Datasheet
99Kb / 3P
   Silicon NPN Darlington Power Transistors
2SC3146 SAVANTIC-2SC3146 Datasheet
96Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2386 SAVANTIC-2SD2386 Datasheet
126Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2439 SAVANTIC-2SD2439 Datasheet
142Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2560 SAVANTIC-2SD2560 Datasheet
147Kb / 3P
   Silicon NPN Darlington Power Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com