Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50AP-002 Datasheet(PDF) 1 Page - JFW Industries, Inc.

Part # 50AP-002
Description  ANALOG ATTENUATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.

50AP-002 Datasheet(HTML) 1 Page - JFW Industries, Inc.

  50AP-002 Datasheet HTML 1Page - JFW Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ANALOG ATTENUATOR
SPECIFICATION SHEET
JFW MODEL 50AP-002
JFW Industries, Inc.
Phone:
317-887-1340
sales@jfwindustries.com
www.jfwindustries.com
Frequency Range
10-500 MHz
Impedance
50 Ohms nominal
Attenuation Range
0-30 dB Continuously Variable
VSWR
1.4:1 maximum
Attenuation Accuracy
± 0.5 dB
0-15 dB
± 0.75 dB
15-30 dB
Insertion Loss
2 dB maximum
Intermodulation Distortion
+30 dBm
RF Input Power
+10 dBm
Switching Speed
50 microseconds
DC Supply
+5 Vdc @ 2 mA
Control (negative slope)
0 to +15 Vdc @ 40 mA
(+15 Volts = insertion loss)
(0 Volts = maximum attenuation)
RF Connector
BNC, SMA or N female
Operating Temperature Range
0ºC to +70ºC
Physical Size
See outline drawing 092-250 (SMA)
092-5194 (N)
9999
06/18/2003
A
TRS 02/20/2004
ECR/ECN #
DATE
REV
APPR / DATE
ECR/ECN #
DATE
REV
APPR / DATE
13314
09/06/2006
B
TRS 09/06/2006
JFW FORM E-7-F REV F
Page 1 of 1


Similar Part No. - 50AP-002

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50AP-002 JFW-50AP-002_18 Datasheet
26Kb / 1P
   ANALOG ATTENUATOR
More results

Similar Description - 50AP-002

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
75AP-001 JFW-75AP-001 Datasheet
26Kb / 1P
   ANALOG ATTENUATOR
logo
TriQuint Semiconductor
TGL8784 TRIQUINT-TGL8784 Datasheet
204Kb / 9P
   Analog Attenuator
logo
JFW Industries, Inc.
50AP-077 JFW-50AP-077 Datasheet
26Kb / 1P
   ANALOG ATTENUATOR
50AP-002 JFW-50AP-002_18 Datasheet
26Kb / 1P
   ANALOG ATTENUATOR
50AP-077 JFW-50AP-077_18 Datasheet
67Kb / 1P
   ANALOG ATTENUATOR
logo
TriQuint Semiconductor
TGL4203-EPU TRIQUINT-TGL4203-EPU Datasheet
361Kb / 10P
   50 GHz Wideband Analog Attenuator
TGL8784-SCC TRIQUINT-TGL8784-SCC_15 Datasheet
478Kb / 14P
   2 - 20 GHz Analog Attenuator
TGL4203 TRIQUINT-TGL4203 Datasheet
456Kb / 10P
   50 GHz Wideband Analog Attenuator
logo
Qorvo, Inc
TGL4203 QORVO-TGL4203 Datasheet
456Kb / 10P
   50 GHz Wideband Analog Attenuator
logo
NEC
UPC1406HA NEC-UPC1406HA Datasheet
341Kb / 7P
   DUAL ATTENUATOR(BIPOLAR ANALOG INTERGRATED CIRCUIT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com