Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URAM3CN2 Datasheet(PDF) 1 Page - Vicor Corporation

Part # URAM3CN2
Description  Output Ripple Attenuation Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

URAM3CN2 Datasheet(HTML) 1 Page - Vicor Corporation

  URAM3CN2 Datasheet HTML 1Page - Vicor Corporation URAM3CN2 Datasheet HTML 2Page - Vicor Corporation URAM3CN2 Datasheet HTML 3Page - Vicor Corporation URAM3CN2 Datasheet HTML 4Page - Vicor Corporation URAM3CN2 Datasheet HTML 5Page - Vicor Corporation URAM3CN2 Datasheet HTML 6Page - Vicor Corporation URAM3CN2 Datasheet HTML 7Page - Vicor Corporation URAM3CN2 Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Set your site on VICOR at www.vicorpower.com
PRELIMINARY
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
MicroRAM
Rev. 1.1
Page 1 of 8
Features
• >40dB ripple attenuation from
60Hz to 1MHz
• Integrated OR’ing diode supports
N+1 redundancy
• Significantly improves load
transient response
• Efficiency up to 98%
• User selectable performance optimization
• Combined active and passive filtering
• 3-30Vdc input range
• 20 and 30 Ampere ratings
Product Highlights
Vicor’s MicroRAM output ripple attenuation
module combines both active and passive
filtering to achieve greater than 40dB of
noise attenuation from 60Hz to 1Mhz. The
MicroRAM operates over a range of 3 to
30Vdc, is available in either 20 or 30A
models and is compatible with most
manufacturers switching converters
including Vicor’s 1st and 2nd Generation
DC-DC converters.
The MicroRAM’s closed loop architecture
greatly improves load transient response and
with dual mode control, insures precise point
of load voltage regulation, The MicroRAM
supports redundant and parallel operation
with its integrated OR’ing diode function.
It is available in Vicor’s standard micro
package (quarter brick) with a variety of
terminations for through hole, socket or
surface mount applications.
Data Sheet
MicroRAM
TM
Output Ripple Attenuation Module
45
Shown actual size:
2.28 x 1.45 x 0.5 in
57,9 x 36,8 x 12,7 mm
Absolute Maximum Ratings
Thermal Resistance
Parameter
Typ
Unit
Baseplate to sink; flat, greased surface
0.16
°C/Watt
Baseplate to sink; with thermal pad (P/N 20264)
0.14
°C/Watt
Baseplate to ambient
8.0
°C/Watt
Baseplate to ambient; 1000 LFM
1.9
°C/Watt
uRAM
2
C
2
1
Product
Baseplate
1 = Slotted
2 = Threaded
3 = Thru-hole
Pin Style*
1 = Short Pin
2 = Long Pin
S = Short ModuMate
N = Long ModuMate
Product Grade
C = –20°C to +100°C
T = –40°C to +100°C
H = –40°C to +100°C
M = –55°C to +100°C
Type
2= 20A
3= 30A
Part Numbering
*Pin styles S & N are compatible with the ModuMate interconnect system for socketing and surface mounting.
Patents Pending
Parameter
Rating
Unit
Notes
+In to –In
30
Vdc
Continuous
+In to –In
40
Vdc
100ms
Load current
40
Adc
Continuous
Ripple Input (Vp-p)
100
mV
60Hzc100 kHz
Ripple Input (Vp-p)
500
mV
100kHz –2MHz
Mounting torque
4-6 (0.45-0.68)
In. lbs (Nm)
6 each, 4-40 screw
Pin soldering temperature
500 (260)
°F (°C)
5 sec; wave solder
Pin soldering temperature
750 (390)
°F (°C)
7 sec; wave solder
Storage temperature (C, T-Grade)
-40 to +125
°C
Storage temperature (H-Grade)
-55 to +125
°C
Storage temperature (M-Grade)
-65 to +125
°C
Operating temperature (C-Grade)
-20 to +100
°C
Baseplate
Operating temperature (T, H-Grade)
-40 to +100
°C
Baseplate
Operating temperature (M-Grade)
-55 to +100
°C
Baseplate


Similar Part No. - URAM3CN2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URA1D05YMD-6WR3 MORNSUN-URA1D05YMD-6WR3 Datasheet
2Mb / 8P
   6W, ultra wide input isolated & regulated dual / single output DC-DC converter
URA1D12YMD-6WR3 MORNSUN-URA1D12YMD-6WR3 Datasheet
2Mb / 8P
   6W, ultra wide input isolated & regulated dual / single output DC-DC converter
URA1D15YMD-6WR3 MORNSUN-URA1D15YMD-6WR3 Datasheet
2Mb / 8P
   6W, ultra wide input isolated & regulated dual / single output DC-DC converter
URA2405(X)D-10WR2 MORNSUN-URA2405(X)D-10WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405(X)D-10WR2 MORNSUN-URA2405(X)D-10WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUTDIP PACKAGING, DC-DC CONVERTER
More results

Similar Description - URAM3CN2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QUIETPOWER VICOR-QUIETPOWER Datasheet
144Kb / 8P
   Output Ripple Attenuation SiP
QPO-1 VICOR-QPO-1 Datasheet
1Mb / 17P
   QPO-1 Output Ripple Attenuation SIP
logo
IXYS Corporation
AXC-102 IXYS-AXC-102 Datasheet
190Kb / 6P
   ACTIVE FILTER FOR RIPPLE ATTENUATION 20A
AXC-051 IXYS-AXC-051 Datasheet
136Kb / 4P
   ACTIVE FILTER FOR RIPPLE ATTENUATION 5A
logo
WALSIN TECHNOLOGY CORPO...
BF1511B394101AT WALSIN-BF1511B394101AT Datasheet
329Kb / 4P
   Low loss, Low pass band ripple, High Attenuation
BF1511B394101BT WALSIN-BF1511B394101BT Datasheet
328Kb / 4P
   Low loss, Low pass band ripple, High Attenuation
logo
Powerbox
QPO-1L POWERBOX-QPO-1L Datasheet
799Kb / 1P
   OUTPUT RIPPLE ATTENUATOR
logo
Wall Industries,Inc.
FB48S5-300 WALL-FB48S5-300 Datasheet
207Kb / 4P
   Very Low Output Ripple
logo
Vicor Corporation
VI-HAM-CL VICOR-VI-HAM-CL Datasheet
185Kb / 8P
   High-Boost Harmonic Attenuation Module
VI-HAM VICOR-VI-HAM Datasheet
661Kb / 10P
   High-Boost Harmonic Attenuation Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com