Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCP16C60 Datasheet(PDF) 2 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HCP16C60
Description  Silicon Controlled Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HCP16C60 Datasheet(HTML) 2 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HCP16C60 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HCP16C60 Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HCP16C60 Datasheet HTML 3Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
█ Electrical Characteristics(T
a=25unless otherwise specified)
Symbol
Items
Min.
Typ.
Max.
Unit
Conditions
IDRM
Repetitive Peak Off-State
Current
10
200
uA
VAK=VDRM
Ta=25
Ta=125
VTM
Peak On-State Voltage (1)
1.6
V
ITM=24A,tp=380µs
IGT
Gate Trigger Current(2)
15
mA
VAK =6V(DC), RL=10 ohm
VGT
Gate Trigger Voltage (2)
1.5
V
VAK =6V(DC), RL=10 ohm
Ta=25
VGD
Non-Trigger Gate Voltage
0.2
V
VAK =12V, RL=100 ohm
Ta=125
IH
Holding Current
20
mA
IT=100mA,Gate open,
Ta=25
Rth(j-c)
Thermal Resistance
1.1
℃/W
Junction to Case
Rth(j-a)
Thermal Resistance
60
℃/W
Junction to Ambient
dv/dt
Critical Rate of Rise Off-state
Voltage
200
V/µs
Linear slope up to VD=VDRM67%
Gate open
Tj=125
1.
Forward current applied for 1 ms maximum duration,duty cycle ≤1%.
2.
RGK current is not included in measurement
█ Performance Curves
FIGURE 1 – Gate Characteristics
FIGURE 2 – Maximum CaseTemperture
Gate
Current
(mA)
Average On-State Current (A)
HCP16C60


Similar Part No. - HCP16C60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HCP16C60 ETC2-HCP16C60 Datasheet
130Kb / 3P
   SiliconControlled Rectifier
More results

Similar Description - HCP16C60

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS18B CENTRAL-CS18B Datasheet
76Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
2N3756 NJSEMI-2N3756 Datasheet
251Kb / 2P
   SILICON CONTROLLED RECTIFIER
C137E NJSEMI-C137E Datasheet
182Kb / 3P
   Silicon Controlled Rectifier
logo
Solid States Devices, I...
SCR010C SSDI-SCR010C_15 Datasheet
179Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
Digitron Semiconductors
2N877 DIGITRON-2N877 Datasheet
372Kb / 5P
   SILICON CONTROLLED RECTIFIER
logo
SHANTOU HUASHAN ELECTRO...
HCP20C60 HUASHAN-HCP20C60 Datasheet
179Kb / 3P
   Silicon Controlled Rectifier
HCR1C60 HUASHAN-HCR1C60 Datasheet
720Kb / 3P
   Silicon Controlled Rectifier
logo
Central Semiconductor C...
CZS5064 CENTRAL-CZS5064 Datasheet
94Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
   Silicon Controlled Rectifier
logo
Digitron Semiconductors
MCR3935 DIGITRON-MCR3935 Datasheet
153Kb / 3P
   SILICON CONTROLLED RECTIFIER
MCR3818 DIGITRON-MCR3818 Datasheet
272Kb / 6P
   SILICON CONTROLLED RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com