Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KRT-14211C Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KRT-14211C
Description  2.5G InGaAs PIN PD for TO 46 PKG
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KRT-14211C Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KRT-14211C Datasheet HTML 1Page - KODENSHI_AUK CORP. KRT-14211C Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.5G InGaAs PIN PD for TO 46 PKG
Outline Drawing
1 : PIN-PD
1 : Monitoring
1 : Ø50 um
1 : long ball lens cap
2 : PIN-TIA
2 : 155 Mbps
2 : Ø75 um
2 : short ball lens cap
6 : Analog PIN PD
3 : 1.25 Gbps
3 : 250 um sq.
3 : long flat window cap
4 : 2.5 Gbps
4 : Ø300 um
4 : short flat window cap
5 : 5 Gbps
S1 : Ø1.0 mm
S2 : Ø2.0 mm
S3 : Ø3.0 mm
2/2
For more information on other parts available, please visit our website: www.kodenshi.co.kr
Rev.002
KODENSHI KOREA Corp. 513-5 Eoyang-Dong, Iksan, 570-210, Korea
Active Area
Oper.
Voltage
KRT-14211C
Ordering information
Receiver
TO CAN
1 : 3.3 V
2 : 5 V
3 : 3.3/5 V
x : NA
5
3(2)
C
KODENSHI
W
Data Rate
Device Type
KRT
K
M
A
P
H
Cap Type
Pin Config.
D
I
T
4
B
J
C1


Similar Part No. - KRT-14211C

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KRT-11XS14N KODENSHI-KRT-11XS14N Datasheet
357Kb / 3P
   Optical Monitoring Photodiode TO CAN for KRT-11XSx4N
KRT-11XS24N KODENSHI-KRT-11XS24N Datasheet
357Kb / 3P
   Optical Monitoring Photodiode TO CAN for KRT-11XSx4N
KRT-11XS34N KODENSHI-KRT-11XS34N Datasheet
357Kb / 3P
   Optical Monitoring Photodiode TO CAN for KRT-11XSx4N
KRT-13221 KODENSHI-KRT-13221 Datasheet
182Kb / 2P
   1.25Gbps InGaAs PIN PD for TO 46 PKG
More results

Similar Description - KRT-14211C

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KRT-13221 KODENSHI-KRT-13221 Datasheet
182Kb / 2P
   1.25Gbps InGaAs PIN PD for TO 46 PKG
logo
List of Unclassifed Man...
PD1450-35T52 ETC-PD1450-35T52 Datasheet
25Kb / 1P
   InGaAs PIN-PD
logo
Optoway Technology Inc
PD-1180 OPTOWAY-PD-1180 Datasheet
61Kb / 2P
   InGaAs PIN PHOTODIODES 1 mm InGaAs PIN Photdiode with TO-46 Package
PD-1180 OPTOWAY-PD-1180_10 Datasheet
63Kb / 2P
   InGaAs PIN PHOTODIODES 1 mm InGaAs PIN Photdiode with TO-46 Package
PD-1181 OPTOWAY-PD-1181 Datasheet
47Kb / 2P
   InGaAs PIN PHOTODIODES 0.5 mm InGaAs PIN Photdiode with TO-46 Package
PD-1180 OPTOWAY-PD-1180_09 Datasheet
116Kb / 3P
   InGaAs PIN PHOTODIODES 1 mm InGaAs PIN Photdiode with TO-46 Package
PD-1181 OPTOWAY-PD-1181_09 Datasheet
115Kb / 2P
   InGaAs PIN PHOTODIODES 0.5 mm InGaAs PIN Photdiode with TO-46 Package
PD-1500 OPTOWAY-PD-1500 Datasheet
76Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH RECEPTACLE
logo
KODENSHI_AUK CORP.
KMIP2-B28DL KODENSHI-KMIP2-B28DL Datasheet
286Kb / 2P
   2 Mini CAN InGaAs PIN PD
logo
Optoway Technology Inc
PD-1310 OPTOWAY-PD-1310 Datasheet
71Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH SINGLE-MODE FIBER PIGTAIL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com