Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KOI-6002ASH Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KOI-6002ASH
Description  IR Transceiver Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KOI-6002ASH Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KOI-6002ASH Datasheet HTML 1Page - KODENSHI_AUK CORP. KOI-6002ASH Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IR Transceiver Module
Features
Small footprint surface mount package(1.8 H x 2.90 W x 7.40 L)
Operating Voltage(Vcc) from 2.7 V to 5.5 V
Operating Temperature from -20 ℃ to 85℃
LED Stuck High Protection
Complete Shut-down at TxD, RxD, PIN diode
Applications
PDAs, PDA Phones, Smart Phones
POS Terminals(ex. IrFM dongles)
Tablet, Notebook, Desktop PCs
Digital Cameras
KIOSKs, Vending Machines, ATMs
Cellular Phones(both CDMA & GSM based)
Portable Printers(for photos of Camera Phones),
Inkjet & Laser Printers
KOI-6002ASH
RLED
LED A
RXD
SD
Vcc
RLED 10Ω±5%, 0.25 Watt, LED A=3.0V
RLED 16Ω±5%, 0.25 Watt, LED A=4.2V
RLED 12Ω±5%, 0.25 Watt, LED A=3.6V
CX1, CX2 must be placed 7㎜ of the KOI-6002ASH
CX2 4.7㎌±20%, Tantalum
CX1 0.47㎌±20%, Ceramic :
RLED 6.8Ω±5%, 0.25 Watt, LED A=2.7V
Peak Detector
Stuck on
protection
Rx Driver
Tx Driver
Comparator
Bias circuit with shutdown
LED
Preamp
PD
TXD
Vcc
GND
Vcc
Block Diagram
Dimensions
(Unit : mm)
SHIELD SOLDER PAD
M O U N T I N G
C E N T E R
RXD
SD
GND
Vcc
NC
TXD
LED A
Mounting center
1/2


Similar Part No. - KOI-6002ASH

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KOI-6002AS KODENSHI-KOI-6002AS Datasheet
103Kb / 2P
   IR Transceiver Module
KOI-6002ASC KODENSHI-KOI-6002ASC Datasheet
107Kb / 2P
   IR Transceiver Module
KOI-6002ASD KODENSHI-KOI-6002ASD Datasheet
106Kb / 2P
   IR Transceiver Module
More results

Similar Description - KOI-6002ASH

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KOI-6001A KODENSHI-KOI-6001A Datasheet
1Mb / 2P
   IR Transceiver Module
KOI-6001CN KODENSHI-KOI-6001CN Datasheet
159Kb / 3P
   IR Transceiver Module
KOI-6002AL KODENSHI-KOI-6002AL Datasheet
157Kb / 3P
   IR Transceiver Module
KOI-6006B KODENSHI-KOI-6006B Datasheet
104Kb / 2P
   IR Transceiver Module
KOI-6001B KODENSHI-KOI-6001B Datasheet
107Kb / 2P
   IR Transceiver Module
KOI-6005A KODENSHI-KOI-6005A Datasheet
105Kb / 2P
   IR Transceiver Module
KOI-6004A KODENSHI-KOI-6004A Datasheet
79Kb / 2P
   IR Transceiver Module
KOI-6002AS KODENSHI-KOI-6002AS Datasheet
103Kb / 2P
   IR Transceiver Module
KOI-6002A KODENSHI-KOI-6002A Datasheet
862Kb / 2P
   IR Transceiver Module
KOI-6713BS KODENSHI-KOI-6713BS Datasheet
109Kb / 2P
   IR Transceiver Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com