Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VG26S18165CJ-5 Datasheet(PDF) 10 Page - Vanguard International Semiconductor

Part # VG26S18165CJ-5
Description  1,048,576 x 16 - Bit CMOS Dynamic RAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VML [Vanguard International Semiconductor]
Direct Link  http://www.vis.com.tw
Logo VML - Vanguard International Semiconductor

VG26S18165CJ-5 Datasheet(HTML) 10 Page - Vanguard International Semiconductor

Back Button VG26S18165CJ-5 Datasheet HTML 6Page - Vanguard International Semiconductor VG26S18165CJ-5 Datasheet HTML 7Page - Vanguard International Semiconductor VG26S18165CJ-5 Datasheet HTML 8Page - Vanguard International Semiconductor VG26S18165CJ-5 Datasheet HTML 9Page - Vanguard International Semiconductor VG26S18165CJ-5 Datasheet HTML 10Page - Vanguard International Semiconductor VG26S18165CJ-5 Datasheet HTML 11Page - Vanguard International Semiconductor VG26S18165CJ-5 Datasheet HTML 12Page - Vanguard International Semiconductor VG26S18165CJ-5 Datasheet HTML 13Page - Vanguard International Semiconductor VG26S18165CJ-5 Datasheet HTML 14Page - Vanguard International Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Document:1G5-0147
Rev.1
Page 10
VIS
VG26(V)(S)18165C
1,048,576 x 16 - Bit
CMOS Dynamic RAM
AC Characteristics
(
Ta = 0 to + 70°C, Vcc = 5V
% or 3.3V
%, Vss = 0V) *1, *2, *3, *4, *5
Test conditions
• Output load: two TTL Loads and 50pF (VCC = 5.0V
%)
one TTL Load and 50pF (VCC = 3.3V
%)
• Input timing reference levels:
VIH = 2.4V, VIL = 0.8V (VCC = 5.0V
%); VIH = 2.0V, VIL = 0.8V (VCC = 3.3V
%)
• Output timing reference levels:
VOH = 2.0V, VOL = 0.8V (VCC = 5V
%, 3.3V
%)
10
±
10
±
10
±
10
±
10
±
10
±
10
±
10
±
Read, Write, Read- Modify- Write and Refresh Cycles
(Common Parameters)
Parameter
Symbol
VG26(V)(S) 18165C
Unit
Notes
-5
-6
Min
Max
Min
Max
Random read or write cycle time
tRC
84
-
104
-
ns
RAS precharge time
tRP
30
-
40
-
ns
LCAS / UCAS precharge time in normal
mode
tCPN
10
-
10
-
ns
RAS pulse width
tRAS
50
10000
60
10000
ns
6
LCAS / UCAS pulse width
tCAS
8
10000
10
10000
ns
7
Row address setup time
tASR
0
-
0
-
ns
Row address hold time
tRAH
8
-
10
-
ns
Column address setup time
tASC
0
-
0
-
ns
8
Column address hold time
tCAH
8
-
10
-
ns
RAS to LCAS / UCAS delay time
tRCD
12
37
14
45
ns
9
RAS to column address delay time
tRAD
10
25
12
30
ns
10
Column address to RAS lead time
tRAL
25
-
30
-
ns
RAS hold time
tRSH
8
-
10
-
ns
LCAS / UCAS hold time
tCSH
38
-
40
-
ns
LCAS / UCAS to RAS precharge time
tCRP
5
-
5
-
ns
11
OE to Din delay time
tOED
12
-
15
-
ns
Transition time (rise and fall)
tT
1
50
1
50
ns
12
Refresh period
tREF
-
16
-
16
ms
Refresh period (S- Version)
tREF
-
128
-
128
ms
LCAS / UCAS to output in Low- Z
tCLZ
0
-
0
-
ns
LCAS / UCAS delay time from Din
tDZC
0
-
0
-
ns
OE delay time from Din
tDZO
0
-
0
-
ns


Similar Part No. - VG26S18165CJ-5

ManufacturerPart #DatasheetDescription
logo
Vanguard International ...
VG26S17400EJ-5 VML-VG26S17400EJ-5 Datasheet
209Kb / 25P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
VG26S17400EJ-6 VML-VG26S17400EJ-6 Datasheet
209Kb / 25P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
VG26S17400FJ-5 VML-VG26S17400FJ-5 Datasheet
208Kb / 25P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
VG26S17400FJ-6 VML-VG26S17400FJ-6 Datasheet
208Kb / 25P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
VG26S17405J-5 VML-VG26S17405J-5 Datasheet
244Kb / 27P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
More results

Similar Description - VG26S18165CJ-5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM71V18163C HYNIX-GM71V18163C Datasheet
113Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
GM71C18163C HYNIX-GM71C18163C Datasheet
112Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
logo
Toshiba Semiconductor
TC514400APL TOSHIBA-TC514400APL Datasheet
626Kb / 21P
   1,048,576 x 4 BIT DYNAMIC RAM
TC514410AP TOSHIBA-TC514410AP Datasheet
754Kb / 21P
   1,048,576 x 4 BIT DYNAMIC RAM
TC514400J TOSHIBA-TC514400J Datasheet
628Kb / 19P
   1,048,576 x 4 BIT DYNAMIC RAM
TC514402AP TOSHIBA-TC514402AP Datasheet
656Kb / 22P
   1,048,576 x 4 BIT DYNAMIC RAM
TC514400JL TOSHIBA-TC514400JL Datasheet
623Kb / 19P
   1,048,576 x 4 BIT DYNAMIC RAM
TC514400AP TOSHIBA-TC514400AP Datasheet
595Kb / 21P
   1,048,576 x 4 BIT DYNAMIC RAM
TC514402J TOSHIBA-TC514402J Datasheet
718Kb / 22P
   1,048,576 x 4 BIT DYNAMIC RAM
TC514410J TOSHIBA-TC514410J Datasheet
731Kb / 22P
   1,048,576 x 4 BIT DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com