Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC106D Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HC106D
Description  Sensitive Gate Silicon Controlled Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HC106D Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HC106D Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HC106D Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HC106D Datasheet HTML 3Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
HC106D
Sensitive Gate Silicon Controlled Rectifier
█ General Description
Glassivated PNPN devices designed for high volume consumer
applications such as temperature,light,and speed control;process
and remote control, and warning systems where reliability of
operation is important.
█ Features
Glassivated Surface for Reliability and Uniformity
Power Rated at Economical Prices
Practical Level Triggering and Holding Characteristics
Flat,Rugged,Thermopad Construction for Low Thermal Resistance
Sensitive Gate Triggering
█ Maximum Ratings(T
j=25unless otherwise specified)
T stg —— St orage Te mp erature --- --- -- -- --- -- - --- -- -- --- -- - --- -- -- --- -- - --- -- -- --- -- - 40~1 5 0 ℃
Tj ——Operating Junction Temperature ---------------------------------------------- -40~110℃
VDRM —— Peak Repetitive Off-State Voltage(Forward) ------------------------------------------------------ 400V
VRRM —— Peak Repetitive Off-State Voltage(Reverse) ------------------------------------------------------- 400V
ITRMS)——On-State R.M.S Current(180º Conduction Angles, TC = 80 °C)----------------------------------4A
IT(AV) ——On-State Average Current (180º Conduction Angles, TC = 80 °C) -------------------------------2.55A
ITSM ——Surge On-State Current (1/2 Cycle, 60Hz, Sine Wave, Non-repetitive, Tj = 110 °C) ---------
20A
I
2t ——Circuit Fusing Considerations(t = 8.3ms) ---------------------------------------------------------- 1.65A2s
PGM ——Forward Peak Gate Power Dissipation (Pulse Width ≤1.0 µsec,Tc=80℃) ----------------------
0.5W
PG(AV) ——Forward Average Gate Power Dissipation (Pulse Width ≤1.0 µsec, Tc=80℃)------------------0.1W
IGM ——Forward Peak Gate Current (Pulse Width ≤1.0 µsec, Tc=80℃)-------------------------------------- 0.2A


Similar Part No. - HC106D

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HC1061 HUASHAN-HC1061 Datasheet
132Kb / 2P
   NPN SILICON TRANSISTOR
More results

Similar Description - HC106D

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HSC106DM SEMIHOW-HSC106DM Datasheet
246Kb / 4P
   Sensitive Gate Silicon Controlled Rectifier
logo
Suntac Electronic Corp.
OT391 SUNTAC-OT391 Datasheet
88Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIER
CR02AM SUNTAC-CR02AM Datasheet
85Kb / 4P
   Sensitive Gate Silicon controlled Rectifier
X0205MN SUNTAC-X0205MN Datasheet
82Kb / 4P
   Sensitive Gate Silicon Controlled Rectifier
CR03AM SUNTAC-CR03AM Datasheet
128Kb / 4P
   Sensitive Gate Silicon Controlled Rectifier
X0105DN SUNTAC-X0105DN Datasheet
148Kb / 4P
   Sensitive Gate Silicon Controlled Rectifier
logo
SemiHow Co.,Ltd.
HSC106D SEMIHOW-HSC106D Datasheet
216Kb / 4P
   Sensitive Gate Silicon Controlled Rectifier
logo
Suntac Electronic Corp.
MCR100-8 SUNTAC-MCR100-8 Datasheet
135Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIER
logo
NTE Electronics
NTE5426 NTE-NTE5426 Datasheet
18Kb / 2P
   Silicon Controlled Rectifier (SCR) Sensitive Gate
logo
ON Semiconductor
NCR169D ONSEMI-NCR169D Datasheet
67Kb / 8P
   General Purpose Sensitive Gate Silicon Controlled Rectifier
December, 2000 ??Rev. 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com