Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBDW94C Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HBDW94C
Description  PNP SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HBDW94C Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HBDW94C Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HBDW94C Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
APPLICATIONS
Power Linear And Switching Applicatione.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
ELECTRICAL CHARACTERISTICS(Ta=25℃)
Symbol
Characteristics
Min
Typ
Max
Unit
Test Conditions
BVCEO(SUS) Collector-Emitter Sustaining Voltage
-100
V
IC=-100mA, IB=0
ICEO
Collector Cut-off Current
-1
mA
VCE=-100V, IB=0
IEBO
Emitter-Base Cutoff Current
-2
mA
VEB=-5V, IC=0
ICBO
Collector Cut-off Current
-100
μA
VCB=-100V, IE=0
HFE(1)
DC Current Gain
1000
VCE=-3V, IC=-3A
HFE(2)
750
20000
VCE=-3V, IC=-5A
HFE(3)
100
VCE=-3V, IC=-10A
VCE(sat1)
Collector- Emitter Saturation Voltage
-2
V
IC=-5A, IB=-20mA
VCE(sat2)
Collector- Emitter Saturation Voltage
-3
V
IC=-10A, IB=-100mA
VBE(sat1)
Base-Emitter Saturation Voltage
-2.5
V
IC=-5A,IB=-20mA
VBE(sat2)
Base-Emitter Saturation Voltage
-4
V
IC=-10A,IB=-100mA
PNP DARLINGTON TRANSISTOR
Tstg——Storage Temperature………………………… -65~150℃
Tj——Junction Temperature……………………………… 150℃
PC——Collector Dissipation(Tc=25℃)…………………… 80W
VCBO——Collector-Base Voltage……………………………-100V
VCEO——Collector-Emitter Voltage……………………… -100V
IC——Collector Current(DC)……………………………… -12A
IC——Collector Current(Pulse)………………………………-15A
IB——Base Current…………………………………………-0.2A
HBDW94C
1―Base,B
2―Collector,C
3―Emitter, E
TO-220


Similar Part No. - HBDW94C

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HBDW93C HUASHAN-HBDW93C Datasheet
145Kb / 2P
   NPN SILICON TRANSISTOR
More results

Similar Description - HBDW94C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com