Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VI-ARM-C2N Datasheet(PDF) 7 Page - Vicor Corporation

Part # VI-ARM-C2N
Description  Autoranging Rectifier Modules Up to 1500 Watts
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-ARM-C2N Datasheet(HTML) 7 Page - Vicor Corporation

Back Button VI-ARM-C2N Datasheet HTML 3Page - Vicor Corporation VI-ARM-C2N Datasheet HTML 4Page - Vicor Corporation VI-ARM-C2N Datasheet HTML 5Page - Vicor Corporation VI-ARM-C2N Datasheet HTML 6Page - Vicor Corporation VI-ARM-C2N Datasheet HTML 7Page - Vicor Corporation VI-ARM-C2N Datasheet HTML 8Page - Vicor Corporation VI-ARM-C2N Datasheet HTML 9Page - Vicor Corporation VI-ARM-C2N Datasheet HTML 10Page - Vicor Corporation VI-ARM-C2N Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
ARM, Autoranging Rectifier Module
Rev. 2.4
Page 7 of 12
Set your site on VICOR at www.vicorpower.com
Application Note, continued
+In
Gate In (PC)
Gate Out (PR)
–In
N
ST
L
+V
BOK
EN
–V
Vico
DC-D
Conver
Micro-
controller
15Vdc
150kΩ
To additional modules
Figure 9—Enable (EN) function; See Fig.8 for details
+In
Gate In (PC)
Gate Out (PR)
–In
N
ST
L
+V
BOK
EN
–V
D
Co
Micro-
controller
15Vdc
27kΩ
+5 Vdc
Secondary
referenced
To additional modules
Figure 10—Bus OK (B OK) isolated power status indicator
N
ST
L
C2
R4
C4
L2/N
L1
GND
L1
R3
L2
R1
R2
L3
C1
C3
F1
Z1
Part
C1
C2, C3
C4
F1
L1, L2
L3
R1, R2
R3
R4
Z1
Description
1.0µF
4700pF
0.15µF
12A fuse
27µH
1.3mH
10Ω
150kΩ, 0.5W
2.2Ω
MOV
Vicor
Part Number
02573
01000
03269
05147
14563
15016
00127-1503
03040
Figure 11—Filter connections
Bus-OK (B OK) Pin. (See Fig. 10). The Bus-OK pin is
intended to provide early-warning power fail information
and is also referenced to the negative output pin.
Caution: There is no input to output isolation in the ARM.
It is necessary to monitor Bus-OK via an optoisolator if it is to
be used on the secondary (output) side of the converters. A line
isolation transformer should be used when performing scope
measurements. Scope probes should never be applied
simultaneously to the input and output as this will destroy the unit.
Filter. Two input filter recommendations are shown for low
power VI-ARM-1 and high power VI-ARM-2 (See Fig. 11).
Both filter configurations provide sufficient common mode and
differential mode insertion loss in the frequency range between
100kHz and 30MHz to comply with the Level B conducted
emissions limit.
Hold-up Capacitors. Hold-up capacitor values should be
determined according to output bus voltage ripple, power fail
hold-up time, and ride-through time. (See Fig. 12). Many
applications require the power supply to maintain output
regulation during a momentary power failure of specified
duration, i.e., the converters must hold-up or ride-through such
an event while maintaining undisturbed output voltage
regulation. Similarly, many of these same systems require
notification of an impending power failure in order to allow time
to perform an orderly shutdown.
The energy stored on a capacitor which has been charged to
voltage V is:
ε = 1/2(CV2)
(1)
Where:
ε = stored energy
C = capacitance
V= voltage across the capacitor
Energy is given up by the capacitors as they are discharged by
the converters. The energy expended (the power-time product)
is:
ε = P∆t = C(V
1
2–V
2
2) / 2
(2)
Where:
P = operating power
∆t = discharge interval
V1 = capacitor voltage at the beginning of ∆t
V2 = capacitor voltage at the end of ∆t
Rearranging equation 2 to solve for the required capacitance:
C = 2P
∆t / (V1
2–V
2
2)
(3)
Part
L1,L4
L2, L3
C1
C2,C3,C4,C5
C6
R1
R2
F1
Z1
Description
1000µH 12A/6.5MΩ
22µH
.68µf (x type)
4700pf
.22µf (x type)
390k 1/2 W
10Ω 1/2 W
17A/250V
MOV
03040
Vicor
Part Number
02134
11479
02573
03285
04068
C2
4700pF
C4
4700pF
R1
C3
4700pF
C5
4700pF
C6
.22µF
(X2)
L4
L2
L1
L3
R2
10
1/2W
C1
390K
1/2W
L1
L2/N
GND
F1
N
ST
L
Z1
High power filter connections
Low power filter connections
Vicor
DC-DC
Converter
Vicor
DC-DC
Converter


Similar Part No. - VI-ARM-C2N

ManufacturerPart #DatasheetDescription
logo
Powerbox
VI-ARM-C11 POWERBOX-VI-ARM-C11 Datasheet
506Kb / 1P
   AC INPUT - AUTORANGING
logo
Vicor Corporation
VI-ARM-C112 VICOR-VI-ARM-C112 Datasheet
676Kb / 11P
   Autoranging Rectifier Modules Up to 1500 Watts
VI-ARM-C113 VICOR-VI-ARM-C113 Datasheet
676Kb / 11P
   Autoranging Rectifier Modules Up to 1500 Watts
VI-ARM-C122 VICOR-VI-ARM-C122 Datasheet
676Kb / 11P
   Autoranging Rectifier Modules Up to 1500 Watts
VI-ARM-C123 VICOR-VI-ARM-C123 Datasheet
676Kb / 11P
   Autoranging Rectifier Modules Up to 1500 Watts
More results

Similar Description - VI-ARM-C2N

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-ARM VICOR-VI-ARM_17 Datasheet
676Kb / 11P
   Autoranging Rectifier Modules Up to 1500 Watts
VI-ARMX1XX VICOR-VI-ARMX1XX Datasheet
676Kb / 11P
   Autoranging Rectifier Modules Up to 1500 Watts
FARM1C11 VICOR-FARM1C11_15 Datasheet
1Mb / 11P
   Autoranging Rectifier Module Up to 1000 Watts
FARM1C11 VICOR-FARM1C11_17 Datasheet
695Kb / 11P
   Filter/Autoranging Rectifier Module Up to 1000 Watts
483974 VICOR-483974 Datasheet
626Kb / 11P
   Filter/Autoranging Rectifier Module Up to 1000 Watts
FARMXXXX VICOR-FARMXXXX Datasheet
695Kb / 11P
   Filter/Autoranging Rectifier Module Up to 1000 Watts
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Artesyn Technologies
MP4-1Q-4LQ-00 ARTESYN-MP4-1Q-4LQ-00 Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Astec America, Inc
IMP ASTEC-IMP Datasheet
809Kb / 8P
   Intelligent MP Series Up to 1500 Watts
logo
XP Power Limited
HDS1500PS12 XPPOWER-HDS1500PS12 Datasheet
1Mb / 6P
   1500 Watts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com