Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16-675-190TL Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 16-675-190TL
Description  DIP Program Headers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

16-675-190TL Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  16-675-190TL Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bristol, PA 19007-6810 USA
TEL (215) 781-9956 • FAX (215) 781-9845
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
• INFO@ARIESELEC.COM
WWW.ARIESELEC.COM
FEATURES
• Aries DIP programmable headers offer unusual versatility for programming within
the header itself
• They can be individually programmed using cutters or Aries programming tool, P/N
T-675, available separately, to remove the interconnecting sections. Consult
Data
Sheet 22002 for Aries programming tool
• Adjacent and/or opposing pins are interconnected until the pre-slotted section is
programmed out. An almost infinite number of programs can be attained by merely
leaving or removing interconnecting sections
• A low profile, snap-on cover protects header from dirt or accidental damage, and
can be marked to identify the program within the header
GENERAL SPECIFICATIONS
• STANDARD HEADER BODY AND COVER: black UL 94V-0 4/6 Nylon
• PINS: Brass 3/4-hard
• PIN PLATING: “-T” 200µ [5.08µ] min. matte Sn per ASTM B545-97 2004e1
over 50µ [1.27µ] min. Ni per QQ-N-290; “-G” 10µ [0.25µ] Au per MIL-
G-45204 over 50µ [1.27µ] min. Ni per QQ-N-290; “-TL” 200µ [5.08µ]
90/10 Sn/Pb per MIL-T-10727 Type I over 50µ [1.27µ] min. Ni per QQ-N-
290
• CURRENT RATING: 2 amps
• OPERATING TEMPERATURE: 221°F [105°C] Sn or Sn/Pb plating; 257°F
[125°C] Au plating
MOUNTING CONSIDERATIONS
• SUGGESTED PCB HOLE SIZE: 0.035 ±0.002 [0.89 ±0.05] dia.
16004
Rev. AA
Series 675
DIP Program Headers
Pins
8, 14 & 16 only*
Series
Style
190 or 191 (see dwg)
* Consult factory for other sizes
ORDERING INFORMATION
XX-675-19X X
Plating
None = Au
T = Sn
TL = Sn/Pb
CUSTOMIZATION: In addition to the standard products shown
on this page, Aries specializes in custom design and production.
Special materials, platings, sizes, and configurations can be
furnished, depending on the quantity.
NOTE: Aries reserves the
right to change product general specifications without notice.
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
“A” = (NO. OF PINS PER ROW x 0.100 [2.54]) + 0.050 [1.27]
“B” = (NO. OF PINS PER ROW -1) x 0.100 [2.54]
COVERS AVAILABLE FOR 8-, 14- AND 16-PIN HEADERS. TO ORDER,
SPECIFY P/N XX-650-10, WHERE “XX” DENOTES THE NUMBER OF
PINS. CONSULT DATA SHEET 12033 FOR ADDITIONAL INFORMA-
TION.
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS


Similar Part No. - 16-675-190TL

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
16-675-190TL ARIES-16-675-190TL Datasheet
593Kb / 1P
   DIP Program Headers
More results

Similar Description - 16-675-190TL

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
16004 ARIES-16004 Datasheet
593Kb / 1P
   DIP Program Headers
12032 ARIES-12032 Datasheet
558Kb / 1P
   DIP Headers with Coined Contacts
04-600-11 ARIES-04-600-11 Datasheet
302Kb / 1P
   DIP Headers with Coined Contacts
logo
Mill-Max Mfg. Corp.
162 MILL-MAX-162 Datasheet
190Kb / 1P
   DUAL-IN-LINE HEADERS Shrink DIP Headers and Strips Solder Tail
logo
Dubilier
DBCIDCB13S04BG1 DUBILIER-DBCIDCB13S04BG1 Datasheet
130Kb / 1P
   FEMALE HEADERS FEMALE HEADERS - 4.5mm PROFILE
logo
Tyco Electronics
1825057-8 MACOM-1825057-8 Datasheet
2Mb / 30P
   Switches Core Program
FSM4JRT MACOM-FSM4JRT Datasheet
2Mb / 30P
   Switches Core Program
logo
Renesas Technology Corp
M16C26A-C RENESAS-M16C26A-C Datasheet
516Kb / 17P
   Sample Program (Calendar)
logo
List of Unclassifed Man...
OP200 ETC1-OP200 Datasheet
545Kb / 42P
   Service Program Manual
logo
Tyco Electronics
FSM4JSMATR MACOM-FSM4JSMATR Datasheet
2Mb / 30P
   Switches Core Program
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com