Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BVZ-925GN4 Datasheet(PDF) 4 Page - Bright View Electronic Co., LTD.

Part # BVZ-925GN4
Description  LED solutions
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVZ-925GN4 Datasheet(HTML) 4 Page - Bright View Electronic Co., LTD.

  BVZ-925GN4 Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVZ-925GN4 Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVZ-925GN4 Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVZ-925GN4 Datasheet HTML 4Page - Bright View Electronic Co., LTD. BVZ-925GN4 Datasheet HTML 5Page - Bright View Electronic Co., LTD. BVZ-925GN4 Datasheet HTML 6Page - Bright View Electronic Co., LTD. BVZ-925GN4 Datasheet HTML 7Page - Bright View Electronic Co., LTD. BVZ-925GN4 Datasheet HTML 8Page - Bright View Electronic Co., LTD. BVZ-925GN4 Datasheet HTML 9Page - Bright View Electronic Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Bin Grade Limits ( I F = 30 mA* ) Luminous Intensity / lm
Bin
J
L
Min.
3.6
4.7
6.0
7.8
10.0
13.0
4.7
6.0
7.8
10.0
13.0
16.8
Tolerance
15%
Bin Grade Limits ( I F = 30 mA* ) Dominant Wavelength / nm
Bin
PG
PH
PI
PJ
PK
PL
Min.
518
521
524
527
530
533
Max.
521
524
527
530
533
536
Please contact our sales department for more information
Bin Grade Limits ( I F = 30 mA* ) Forward Voltage
Bin
28
30
32
34
36
38
40
Min.
2.8
3.0
3.2
3.4
3.6
3.8
4.0
Max.
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Please contact our sales department for more information
BVZ-925GN4
Bright View Electronics


Similar Part No. - BVZ-925GN4

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVZ-925BA4 BVLED-BVZ-925BA4 Datasheet
122Kb / 11P
   LED solutions
BVZ-925QT4 BVLED-BVZ-925QT4 Datasheet
121Kb / 11P
   LED solutions
BVZ-925WI4 BVLED-BVZ-925WI4 Datasheet
193Kb / 4P
   SUPER FLUX LED
More results

Similar Description - BVZ-925GN4

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVZ-925QT4 BVLED-BVZ-925QT4 Datasheet
121Kb / 11P
   LED solutions
BVZ-925BA4 BVLED-BVZ-925BA4 Datasheet
122Kb / 11P
   LED solutions
logo
Advanced Thermal Soluti...
ATS-58000-C1-R0 ATS-ATS-58000-C1-R0 Datasheet
211Kb / 1P
   High Peformance LED Cooling Solutions
REV1_0908
ATS-58001-C1-R0 ATS-ATS-58001-C1-R0 Datasheet
210Kb / 1P
   High Peformance LED Cooling Solutions
REV1_0908
ATS-58002-C1-R0 ATS-ATS-58002-C1-R0 Datasheet
206Kb / 1P
   High Peformance LED Cooling Solutions
REV1_0908
logo
Microchip Technology
AN1427 MICROCHIP-AN1427 Datasheet
714Kb / 12P
   High-Efficiency Solutions for Portable LED Lighting
11/29/11
logo
NXP Semiconductors
AN10579 PHILIPS-AN10579_15 Datasheet
135Kb / 16P
   Driving LED light bars using NXP solutions
Rev. 01-1 February 2007
logo
RMT Ltd.
HFD03-060-04L06 RMT-HFD03-060-04L06 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HFD04-097-05L10 RMT-HFD04-097-05L10 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HRD03-040-05L06 RMT-HRD03-040-05L06 Datasheet
1Mb / 5P
   Thermoelectric Solutions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com