Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9961 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI9961
Description  12-V Voice Coil Motor Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9961 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI9961 Datasheet HTML 1Page - Vishay Siliconix SI9961 Datasheet HTML 2Page - Vishay Siliconix SI9961 Datasheet HTML 3Page - Vishay Siliconix SI9961 Datasheet HTML 4Page - Vishay Siliconix SI9961 Datasheet HTML 5Page - Vishay Siliconix SI9961 Datasheet HTML 6Page - Vishay Siliconix SI9961 Datasheet HTML 7Page - Vishay Siliconix SI9961 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Si9961
Vishay Siliconix
Document Number: 70014
S-20883—Rev. G, 24-Jun-02
www.vishay.com
3
SPECIFICATIONS
Limits
C Suffix 0 to 70
_C
Test Conditions
Unless Otherwise Specified
V+ = 12 V
"10%, VDD = 11.6 V "10%
VCC = 5 V "10%, VREF– = GND = 0 V
VREF = 5 V "5%
Parameter
Unit
Maxb
Typa
Minb
Test Conditions
Unless Otherwise Specified
V+ = 12 V
"10%, VDD = 11.6 V "10%
VCC = 5 V "10%, VREF– = GND = 0 V
VREF = 5 V "5%
Symbol
Supply
ICC
Static, No Load
0.01
Supply Current (Standby)
IV+
RETRACT = High
0.2
0.4
mA
IDD
ENABLE = High
0.8
1.6
Normal Mode
10.2
11.6
13.2
VDD Range
VDD
Retract Mode
2.0
14
VCC Range
VCC
4.5
5
5.5
V
V+ Range
V+
10.8
12
13.2
Gain Select Switch
RFB Switch Resistance
108
240
RINH Switch Resistance
IA2– = 5 V
135
300
W
RINL Switch Resistance
810
1800
VREF (EXT)
Input Current
IREF
OA2 = VREF
0.15
0.40
0.65
mA
External Voltage Range
VREF
4.75
5
5.25
V
Power Supply Monitor
VCC Undervoltage Threshold
VREF = 5.0 V
3.82
4.12
4.42
V
Hysteresis
40
mV
V+ Undervoltage Threshold
VREF = 5.0 V
9.1
9.8
10.6
V
Hysteresis
100
mV
Gain Select, RETRACT, ENABLE Input
Input High Voltage
VIH
3.5
Input Low Voltage
VIL
1.5
V
Input High Current
IIH
VIN = 5 V
–1
1
m
Input Low Current
IIL
VIN = 0 V
–1
1
mA
FAULT Output
Output High Voltage
VOH
IOH = –100 mA
VCC
–0.8
VCC
–0.33
V
Output Low Voltage
VOL
IOL = 1.6 mA
0.25
0.50
Output High Sourcing Current
IOHS
VOUT = 0 V
400
1100
mA
RETRACT Current Control (RETRACT = Low, Output Current from A to B)
IRET Bias Voltage
V(IRET)
VDD = 10 V, RRET = 3.74 kW
0.66
Retract Output Pull-Up Voltage
VOUT A
VDD = 2.5 V to 14 V, IOUTA = 30 mA
VDD –1
V
Retract Output Pull-Down Current
IOUTB
VDD = 10 V, VOUTB = 5 V RRET = 3.74 kW
RSB = 0.5 W, TA = 25_C
22
30
38
mA
Maximum Emergency Retract Current
IOUTB (Max)
VDD = 2 V, VOUTB = 0.7 V RRET = < 10 W, RSB = 0.5 W,
40
mA
Retract Current VDD Supply Rejection Ratio
VDD = 2 V to 14 V, RRET = 3.74 kW
3.0
%/V
Retract Current Temperature Coefficient
VDD = 10 V, RRET = 3.74 kW
–0.3
%/
_C
Notes
a.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
b.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.


Similar Part No. - SI9961

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9961A VISHAY-SI9961A Datasheet
112Kb / 9P
   12-V Voice Coil Motor Driver
Rev. H, 03-May-04
SI9961ACY VISHAY-SI9961ACY Datasheet
112Kb / 9P
   12-V Voice Coil Motor Driver
Rev. H, 03-May-04
SI9961ACY-T1 VISHAY-SI9961ACY-T1 Datasheet
112Kb / 9P
   12-V Voice Coil Motor Driver
Rev. H, 03-May-04
More results

Similar Description - SI9961

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9961A VISHAY-SI9961A Datasheet
112Kb / 9P
   12-V Voice Coil Motor Driver
Rev. H, 03-May-04
logo
Hitachi Semiconductor
HA13470 HITACHI-HA13470 Datasheet
129Kb / 6P
   VOICE COIL MOTOR DRIVER
logo
Rohm
BA6832FS ROHM-BA6832FS Datasheet
106Kb / 8P
   Voice coil motor driver
logo
Allegro MicroSystems
8958 ALLEGRO-8958 Datasheet
113Kb / 8P
   VOICE COIL MOTOR DRIVER
logo
STMicroelectronics
L6242 STMICROELECTRONICS-L6242 Datasheet
94Kb / 5P
   VOICE COIL MOTOR DRIVER
logo
Allegro MicroSystems
8936 ALLEGRO-8936 Datasheet
102Kb / 10P
   VOICE COIL MOTOR DRIVER
8932-A ALLEGRO-8932-A Datasheet
164Kb / 8P
   VOICE-COIL MOTOR DRIVER
logo
STMicroelectronics
L6243 STMICROELECTRONICS-L6243 Datasheet
113Kb / 12P
   VOICE COIL MOTOR DRIVER
L6243DS STMICROELECTRONICS-L6243DS Datasheet
91Kb / 8P
   VOICE COIL MOTOR DRIVER
logo
NXP Semiconductors
TDA5149G PHILIPS-TDA5149G Datasheet
148Kb / 28P
   12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip
1996 May 06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com