Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KLB-0315B Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KLB-0315B
Description  Light Emitting Diode(InGaN)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KLB-0315B Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KLB-0315B Datasheet HTML 1Page - KODENSHI_AUK CORP. KLB-0315B Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Light Emitting Diode(InGaN)
KLB-0315 G is a high bright InGaN blue LED,
DIMENSIONS
and has the optimized optical characteristics.
Features
• Transparent epoxy Encapsulent
• High Optical Output
Applications
• Amusement
• Indicator
• Display
Maximum Ratings
[ Ta=25°C ]
*1. IFP Measured under duty≤ 1/10 @ 1KHz
*2. Soldering time
≤ 5 Sec
Electro-Optical Characteristics
[ Ta=25°C ]
1/2
Topr.
Tstg.
Tsol.
Ratings
20
30
100
-30 ~ +85
-40 ~ +100
260
Symbol
IF
IFP
PD
Symbol
Conditions
Min
KLB-0315 B
Unit
Parameter
Max
Unit
Forward voltage
VF
IF = 20 mA
-
3.2
-
V
Parameter
mcd
Iv
400
Optical Output Power
IF = 20 mA
nm
Doninant Wave Length
λd
IF = 20 mA
465
Spectral half bandwidth
∆λ
mA
mA
Forward current
Pulse forward current
*1
mW
°C
Power dissipation
Operating temperature
°C
°C
Storage temperature
Soldering Temperature
*2
25
-
-
475
700
-
Typ
nm
Half angle
∆Θ
IF = 20 mA
-
110
-
deg.
IF = 20 mA
-


Similar Part No. - KLB-0315B

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KLB-0315G KODENSHI-KLB-0315G Datasheet
191Kb / 2P
   Light Emitting Diode(InGaN)
KLB-0315R KODENSHI-KLB-0315R Datasheet
188Kb / 2P
   Light Emitting Diode(AlGaInP)
KLB-0315W KODENSHI-KLB-0315W Datasheet
197Kb / 2P
   Light Emitting Diode(White Color)
More results

Similar Description - KLB-0315B

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KLL-3EG KODENSHI-KLL-3EG Datasheet
175Kb / 2P
   Light Emitting Diode(InGaN)
KLB-16B KODENSHI-KLB-16B Datasheet
156Kb / 2P
   Light Emitting Diode(InGaN)
KLB-0315G KODENSHI-KLB-0315G Datasheet
191Kb / 2P
   Light Emitting Diode(InGaN)
KLC-50B KODENSHI-KLC-50B Datasheet
152Kb / 2P
   Light Emitting Diode(InGaN)
KLC-50G KODENSHI-KLC-50G Datasheet
150Kb / 2P
   Light Emitting Diode(InGaN)
KLB-520B KODENSHI-KLB-520B Datasheet
154Kb / 2P
   Light Emitting Diode(InGaN)
KLL-3EB KODENSHI-KLL-3EB Datasheet
174Kb / 2P
   Light Emitting Diode(InGaN)
KLP-32B KODENSHI-KLP-32B Datasheet
203Kb / 2P
   Light Emitting Diode(InGaN)
KLB-11B KODENSHI-KLB-11B Datasheet
185Kb / 2P
   Light Emitting Diode(InGaN)
KLL-5EB KODENSHI-KLL-5EB Datasheet
154Kb / 2P
   Light Emitting Diode(InGaN)
KLB-520G KODENSHI-KLB-520G Datasheet
156Kb / 2P
   Light Emitting Diode(InGaN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com