Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H3950 Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # H3950
Description  NPN SILICON TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

H3950 Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  H3950 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
APPLICATIONS
High-definition CRT display video output,wide-band amplifier.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
ELECTRICAL CHARACTERISTICS(Ta=25℃)
Symbol
Characteristics
Min
Typ
Max
Unit
Test Conditions
ICBO
Collector Cut-off Current
0.1
μA
VCB=20V, IE=0
IEBO
Emitter Cut-off Current
5
μA
VEB=2V, IC=0
HFE(1) DC Current Gain
40
200
VCE=5V, IC=50mA
HFE(2) DC Current Gain
20
VCE=5V, IC=500mA
VCE(sat) Collector- Emitter Saturation Voltage
0.3
0.8
V
IC=300mA, IB=30mA
VBE(sat) Base-Emitter Saturation Voltage
0.9
1.2
V
IC=300mA, IB=30mA
fT
Current Gain-Bandwidth Product
2.0
GHz
VCE=5V,IC=100mA,
Cob
Output Capacitance
6.0
pF
VCB=10V, f=1MHz
hFE Classification
C
D
E
40—80
60—120
100—200
NPN SILICON TRANSISTOR
Tstg——Storage Temperature………………………… -55~150℃
Tj——Junction Temperature……………………………… 150℃
PC——Collector Dissipation(TC=25℃)…………………… 5W
PC——Collector Dissipation(TA=25℃)………………… 1.3W
VCBO——Collector-Base Voltage………………………… 30V
VCEO——Collector-Emitter Voltage……………………… 20V
VEBO——Emitter-Base Voltage……………………………… 3V
IC——Collector Current……………………………………500mA
H3950
TO-126ML
1―Emitter,E
2―Collector,C
3―Base,B


Similar Part No. - H3950

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
H3953 HUASHAN-H3953 Datasheet
115Kb / 1P
   NPN SILICON TRANSISTOR
More results

Similar Description - H3950

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com