Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H3203 Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # H3203
Description  NPN SILICON TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

H3203 Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  H3203 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
 
█ APPLICATIONS
HIGH CURRENT APPLICATIONS.
█ ABSOLUTE MAXIMUM RATINGS(T
a=25℃)
█ ELECTRICAL CHARACTERISTICS(T
a=25℃)
Symbol 
Characteristics 
Min 
Typ 
Max 
Unit 
Test Conditions 
BVCBO
Collector-Base Breakdown Voltage
35 
 
 
V 
IC=100μA,
IE=0
BVCEO
Collector-Emitter Breakdown Voltage
30 
 
 
V 
IC=10mA,
IB=0 
BVEBO
Emitter- Base Breakdown Voltage
5 
 
 
V 
IE=1mA,IC=0
HFE(1)  DC Current Gain 
100 
 
320 
 
VCE=1V, IC=100mA 
HFE(2)  DC Current Gain 
35 
 
 
 
VCE=1V, IC=700mA 
VCE(sat) 
Collector- Emitter Saturation Voltage 
 
 
0.5 
V 
IC=500mA, IB=20mA  
VBE 
Base-Emitter Voltage 
05 
 
0.8 
V 
VCE=1V, IC=10mA 
ICBO
Collector Cut-off Current
 
 
100 
nA  VCB=35V, IE=0
IEBO
Emitter Cut-off Current
 
 
100 
nA  VEB=5V, IC=0
fT
Current Gain- Bandwidth Product
 
120 
 
MHz  VCE=5V, IC=10mA
Cob
Output Capacitance
 
13 
 
pF  VCB=10V, IE=0,f=1MHz
█ HFE Classification
O
Y
 
 
    
 
    100—200   
             160—320  
 
 
Tstg——Storage Temperature………………………… -55~150℃
Tj——Junction Temperature…………………………………150℃
PC——Collector Dissipation…………………………………625mW
VCBO——Collector-Base Voltage………………………………35V
VCEO——Collector-Emitter Voltage……………………………30V
VEBO ——Emitter -Base Voltage………………………………5V
I C——Collector Current …………………………………… 800mA
1―Emitter,E
2―Collector,C
3―Base,B
TO-92
H3203
NPN S I L I C O N T R A N S I S T O R


Similar Part No. - H3203

ManufacturerPart #DatasheetDescription
logo
Kwang Myoung I.S. CO.,L...
H3203 KISEMICONDUCTOR-H3203 Datasheet
95Kb / 1P
   NPN SILICON TRANSISTOR
More results

Similar Description - H3203

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com