Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N7002 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 2N7002
Description  N-Channel 60-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2N7002 Datasheet(HTML) 2 Page - Vishay Siliconix

  2N7002 Datasheet HTML 1Page - Vishay Siliconix 2N7002 Datasheet HTML 2Page - Vishay Siliconix 2N7002 Datasheet HTML 3Page - Vishay Siliconix 2N7002 Datasheet HTML 4Page - Vishay Siliconix 2N7002 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2N7000/2N7002, VQ1000J/P, BS170
Vishay Siliconix
www.vishay.com
11-2
Document Number: 70226
S-04279—Rev. F, 16-Jul-01
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Single
Total Quad
Parameter
Symbol
2N7000
2N7002
VQ1000J
VQ1000P
VQ1000J/P
BS170
Unit
Drain-Source Voltage
VDS
60
60
60
60
60
Gate-Source Voltage—Non-Repetitive
VGSM
"40
"40
"30
"25
V
Gate-Source Voltage—Continuous
VGS
"20
"20
"20
"20
"20
Continuous Drain Current
TA= 25_C
0.2
0.115
0.225
0.225
0.5
Continuous Drain Current
(TJ = 150_C)
TA= 100_C
ID
0.13
0.073
0.14
0.14
0.175
A
Pulsed Drain Currenta
IDM
0.5
0.8
1
1
TA= 25_C
0.4
0.2
1.3
1.3
2
0.83
Power Dissipation
TA= 100_C
PD
0.16
0.08
0.52
0.52
0.8
W
Thermal Resistance, Junction-to-Ambient
RthJA
312.5
625
96
96
62.5
156
_C/W
Operating Junction and
Storage Temperature Range
TJ, Tstg
–55 to 150
_C
Notes
a.
Pulse width limited by maximum junction temperature.
b.
tp v 50 ms.
SPECIFICATIONS2N7000 AND 2N7002 (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
2N7000
2N7002
Parameter
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 10 mA
70
60
60
VDS = VGS, ID = 1 mA
2.1
0.8
3
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 0.25 mA
2.0
1
2.5
VDS = 0 V, VGS = "15 V
"10
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
VDS = 48 V, VGS = 0 V
1
TC = 125_C
1000
m
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
1
mA
TC = 125_C
500
VDS = 10 V, VGS = 4.5 V
0.35
0.075
On-State Drain Currentb
ID(on)
VDS = 7.5 V, VGS = 10 V
1
0.5
A
VGS = 4.5 V, ID = 0.075 A
4.5
5.3
VGS = 5 V, ID = 0.05 A
3.2
7.5
Drain-Source On-Resistanceb
rDS(on)
TC = 125_C
5.8
13.5
W
DS(on)
VGS = 10 V, ID = 0.5 A
2.4
5
7.5
TJ = 125_C
4.4
9
13.5
Forward Transconductanceb
gfs
VDS = 10 V, ID = 0.2 A
100
80
Common Source Output Conductanceb
gos
VDS = 5 V, ID = 0.05 A
0.5
mS
Dynamic
Input Capacitance
Ciss
22
60
50
Output Capacitance
Coss
VDS = 25 V, VGS = 0 V
f = 1 MHz
11
25
25
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
2
5
5


Similar Part No. - 2N7002

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N7002 PANJIT-2N7002 Datasheet
91Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Silicon Supplies
2N7002 SS-2N7002 Datasheet
620Kb / 4P
   Small Signal MOSFET Bare Die
logo
Infineon Technologies A...
2N7002 INFINEON-2N7002 Datasheet
287Kb / 9P
   OptiMOS??Small-Signal-Transistor
Rev. 2.3 2010-08-26
logo
List of Unclassifed Man...
2N7002 ETC1-2N7002 Datasheet
468Kb / 10P
   Mini size of Discrete semiconductor elements
logo
Fairchild Semiconductor
2N7002 FAIRCHILD-2N7002 Datasheet
116Kb / 7P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - 2N7002

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com