Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VI-HAM Datasheet(PDF) 4 Page - Vicor Corporation

Part # VI-HAM
Description  Harmonic Attenuator Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-HAM Datasheet(HTML) 4 Page - Vicor Corporation

  VI-HAM Datasheet HTML 1Page - Vicor Corporation VI-HAM Datasheet HTML 2Page - Vicor Corporation VI-HAM Datasheet HTML 3Page - Vicor Corporation VI-HAM Datasheet HTML 4Page - Vicor Corporation VI-HAM Datasheet HTML 5Page - Vicor Corporation VI-HAM Datasheet HTML 6Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Vicor Corp.
Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
HAM, High-Boost Harmonic Attenuation Module
Rev. 2.5
Page 4 of 10
Set your site on VICOR at vicorpower.com
The HAM (Figure 1) consists of a full-wave rectifier, a
high-frequency zero-current switching (ZCS) boost converter,
active inrush current limiting, short-circuit protection, control
and housekeeping circuitry. The incoming AC line is rectified
and fed to the boost converter. The control circuitry varies the
operating frequency of the boost converter to maintain the
output voltage of the HAM above the peak of the incoming
line, while forcing the input current to follow the waveshape
and phase of the line voltage. The AC input current follows the
voltage waveform and a power factor better than 0.99 is
achieved. Operating efficiency of the boost converter is
optimized at any incoming line voltage by an adaptive output
voltage (Figure 3) control scheme.
The output voltage of the HAM is a function of incoming AC
line voltage (Figure 3). On a nominal 115 Vac line, the output
voltage of the HAM is 280 Vdc — well within the input
operating voltage range of Vicor V375 DC-DC converters.
Above 180 Vac input, the output voltage linearly increases with
input voltage. At 230 Vac the delivered voltage will be
approximately 365 Vdc. For any given input line voltage, the
HAM maintains enough headroom between the output voltage
and peak input voltage to ensure high quality active power
factor correction without sacrificing operating efficiency.
Note:
Non-Isolated
Output
Gate In
Gate Out
ZCS
Boost
Converter
Inrush
& Short
Circuit
Protection
High Frequency
Control
Voltage
Waveform
Current
Sense
AC
Line
Control
& House-
keeping
Circuitry
Output Voltage
Module Enable
Power OK
DC
Out
Recti-
fier
Aux. Supply
+
NOTE: No input to output isolation.
Input Voltage
VRMS
Rated Output Power
Output Voltage
400
450
500
550
600
650
700
85
250
300
350
400
375
425
325
275
95 105 115 125 135 145 155 165 175 185 195 205 215 225 235 245 255 265
derate output power 11 W/V for Vin <110 Vac
110
Figure 1 — HAM block diagram
Figure 2 — Input voltage and current wave forms, with and
without power factor correction
Without PFC
With PFC
Figure 3 — Output voltage and power rating versus input voltage
TECHNICAL DESCRIPTION


Similar Part No. - VI-HAM

ManufacturerPart #DatasheetDescription
logo
Powerbox
VI-HAM POWERBOX-VI-HAM Datasheet
707Kb / 1P
   AC INPUT HARMONIC ATTENUATOR MODULE
logo
Vicor Corporation
VI-HAM VICOR-VI-HAM Datasheet
661Kb / 10P
   High-Boost Harmonic Attenuation Module
VI-HAM-CCL VICOR-VI-HAM-CCL Datasheet
661Kb / 10P
   High-Boost Harmonic Attenuation Module
VI-HAM-CIL VICOR-VI-HAM-CIL Datasheet
661Kb / 10P
   High-Boost Harmonic Attenuation Module
VI-HAM-CL VICOR-VI-HAM-CL Datasheet
185Kb / 8P
   High-Boost Harmonic Attenuation Module
More results

Similar Description - VI-HAM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-HAM-EM VICOR-VI-HAM-EM Datasheet
223Kb / 6P
   Harmonic Attenuator Modules
logo
Powerbox
VI-HAM POWERBOX-VI-HAM Datasheet
707Kb / 1P
   AC INPUT HARMONIC ATTENUATOR MODULE
logo
Vicor Corporation
VI-RAM VICOR-VI-RAM Datasheet
102Kb / 2P
   Ripple Attenuator Modules
VI-IAM VICOR-VI-IAM Datasheet
76Kb / 2P
   Input Attenuator Modules
logo
List of Unclassifed Man...
LEA50F ETC2-LEA50F Datasheet
156Kb / 3P
   Harmonic attenuator, PFC (Complies with IEC61000-3-2)
logo
Vicor Corporation
MI-RAM VICOR-MI-RAM Datasheet
209Kb / 1P
   Military Ripple Attenuator Modules
logo
List of Unclassifed Man...
UAF500S-48 ETC2-UAF500S-48 Datasheet
169Kb / 3P
   Harmonic attenuator, PFC (Complies with IEC61000-3-2)
logo
Vicor Corporation
MI-IAM VICOR-MI-IAM Datasheet
202Kb / 2P
   Military Input Attenuator Modules
logo
JMK Inc.
LL-1355-13BHT JMK-LL-1355-13BHT Datasheet
43Kb / 1P
   The LL-1355-13BHT filter has been designed to operate with two VICOR Harmonic Attenuator Modules (HAM).
logo
CRYSTEK CORPORATION
CRBV55CL-0403-0421 CRYSTEKMICROWAVE-CRBV55CL-0403-0421 Datasheet
162Kb / 2P
   Harmonic Suppression (2nd Harmonic)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com