Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT75A33LS-RF Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # BT75A33LS-RF
Description  Voltage Detector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

BT75A33LS-RF Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  BT75A33LS-RF Datasheet HTML 1Page - KODENSHI_AUK CORP. BT75A33LS-RF Datasheet HTML 2Page - KODENSHI_AUK CORP. BT75A33LS-RF Datasheet HTML 3Page - KODENSHI_AUK CORP. BT75A33LS-RF Datasheet HTML 4Page - KODENSHI_AUK CORP. BT75A33LS-RF Datasheet HTML 5Page - KODENSHI_AUK CORP. BT75A33LS-RF Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KK75Axx
ELECTRICAL CHARACTERISTICS
(TA = 25
oC, unless otherwise specified)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
1.2
5.5
V
Detecting Voltage
VDET
2.16
2.35
2.50
2.65
2.74
3.23
3.82
4.12
4.61
4.90
2.20
2.40
2.55
2.70
2.80
3.30
3.90
4.20
4.70
5.00
2.24
2.45
2.60
2.75
2.86
3.37
3.98
4.28
4.79
5.10
V
Supply Current
ICC
VCC = 5.0V, No Load
8
15
µA
Low Output Voltage
VOL
VCC = VDET–0.2V, IOL = 0.1mA
0.1
0.3
V
High Output Voltage
VOH
VCC = VDET+0.2V, IOH = 0.1mA
VCC – 0.3V
V
Hysteresis Voltage
VHYS
2.0
%
Detective Voltage Temperature
Coefficient
DET
DET
V
T
V
×
-10
oC < T
A <70
oC
± 0.02
%/
oC
BLOCK DIAGRAM
CMOS OUTPUT
OPEN DRAIN OUTPUT
+
-
OUT
VREF
RA
RB
VB
RC
VSS
VCC
+
-
OUT
VSS
VCC
VREF
RA
RB
VB
RC
FUNCTIONAL DESCRIPTION
The KK75AXX series is the set of voltage detectors equipped with a high stability voltage reference which is
connected to the negative input of a comparator - denoted as VREF in block diagram.
When the voltage drop to the positive input of the comparator (VB) is high than VREF, VOUT goes high.
If VCC is decreased so that VB falls to a value less than VREF, the comparator output inverts from high to low, VOUT goes low.
The device has hysteresis to prevent the circuit from oscillation when VB ≈ VREF.
If VCC falls below the minimum operating voltage, the output becomes undefined.
The detectable voltage is defined as:
()
REF
V
RC
RB
RC
RB
RA
DET
V
×
+
+
+
=
The release voltage is defined as:
()
REF
V
RB
RB
RA
DET
V
×
+
=
+
The hysteresis width is:
)
(
DET
V
)
DET
HYS
V
(
V
=
+
2


Similar Part No. - BT75A33LS-RF

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
BT757 EDAL-BT757 Datasheet
50Kb / 1P
   SUB-MINIATURE SILICON HIGH VOLTAGE FAST RECOVERY RECTIFIER
BT757-10 EDAL-BT757-10 Datasheet
50Kb / 1P
   SUB-MINIATURE SILICON HIGH VOLTAGE FAST RECOVERY RECTIFIER
BT757-100 EDAL-BT757-100 Datasheet
50Kb / 1P
   SUB-MINIATURE SILICON HIGH VOLTAGE FAST RECOVERY RECTIFIER
BT757-120 EDAL-BT757-120 Datasheet
50Kb / 1P
   SUB-MINIATURE SILICON HIGH VOLTAGE FAST RECOVERY RECTIFIER
BT757-150 EDAL-BT757-150 Datasheet
50Kb / 1P
   SUB-MINIATURE SILICON HIGH VOLTAGE FAST RECOVERY RECTIFIER
More results

Similar Description - BT75A33LS-RF

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com