Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H78L15 Datasheet(PDF) 2 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # H78L15
Description  3-TERMINAL FIXED VOLTAGE REGULATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

H78L15 Datasheet(HTML) 2 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  H78L15 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD H78L15 Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
23213
3-TERMINAL FIXED VOLTAGE REGULATOR
H78L15
Shantou Huashan Electronic Devices Co.,Ltd.
█Typical Application
H78L15
GND
OUTPUT
INPUT
█ ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, VIN=23V,IO=40mA, 0℃≤Tj≤125℃,CIN=0.33μF,COUT=0.1μF)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
14.4
15
15.6
T
j
=25℃
14.25
15.75
17.5V≤V
IN
≤30V,1mA≤I
O
≤40mA
VO
Output Voltage
14.25
15.75
V
17.5V≤V
IN
≤VMAX,1mA≤I
O
≤70mA
25
300
T
j
=25℃, 17.5V≤V
IN
≤30V
ΔVO
Line Regulation
20
250
mV
T
j
=25℃, 20V≤V
IN
≤30V
25
150
T
j
=25℃,1mA≤I
O
≤100mA
ΔVO
Load Regulation
12
75
mV
T
j
=25℃,1mA≤I
O
≤40mA
IQ
Quiescent Current
2.2
6.0
mA
T
j
=25℃
1.5
20V≤V
IN
≤30V,
ΔIQ
Quiescent Current
Change
0.1
mA
1mA≤I
O
≤40mA
VN
Output
Noise
Voltage
90
μV
T
j
=25℃,10Hz≤f≤100kHz
RR
Ripple Rejection
34
60
dB
T
j
=25℃,18.5V≤V
IN
≤28.5V,
f=120Hz
VD
Dropout Voltage
1.7
V
T
j
=25℃
ΔVO/ΔT
Temperature
coefficient of VO
-1.3
mV/
IO=5mA


Similar Part No. - H78L15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H78L15 ETC2-H78L15 Datasheet
133Kb / 2P
   3-TERMINAL FIXED VOLTAGE REGULATOR
More results

Similar Description - H78L15

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
H7810A HUASHAN-H7810A Datasheet
239Kb / 5P
   3-TERMINAL FIXED VOLTAGE REGULATOR
H7815 HUASHAN-H7815 Datasheet
350Kb / 5P
   3-TERMINAL FIXED VOLTAGE REGULATOR
H7808A HUASHAN-H7808A Datasheet
230Kb / 5P
   3-TERMINAL FIXED VOLTAGE REGULATOR
H78L24 HUASHAN-H78L24 Datasheet
142Kb / 2P
   3-TERMINAL FIXED VOLTAGE REGULATOR
H7812A HUASHAN-H7812A Datasheet
230Kb / 5P
   3-TERMINAL FIXED VOLTAGE REGULATOR
H7805W HUASHAN-H7805W Datasheet
236Kb / 5P
   3-TERMINAL FIXED VOLTAGE REGULATOR
H7806A HUASHAN-H7806A Datasheet
231Kb / 5P
   3-TERMINAL FIXED VOLTAGE REGULATOR
H78L05 HUASHAN-H78L05 Datasheet
60Kb / 2P
   3-TERMINAL FIXED VOLTAGE REGULATOR
H79L18 HUASHAN-H79L18 Datasheet
462Kb / 2P
   3-TERMINAL FIXED VOLTAGE REGULATOR
H7809A HUASHAN-H7809A Datasheet
231Kb / 5P
   3-TERMINAL FIXED VOLTAGE REGULATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com