Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D320AG-00 Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # D320AG-00
Description  NPN SILICON TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

D320AG-00 Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  D320AG-00 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
汕头华汕电子器件有限公司
█ 芯片简介
█ 管芯示意图 
 
█ 极限值(T
a=25℃)(封装形式:TO-220)
 
 
 
█ 电参数(T
a=25℃)(封装形式:TO-220)
参数符号
最小值 典型值 最大值
单 位
BVCEO(sus)
IEBO
hFE
VCE(sat)
VBE(sat)
Cob
fT
tON
tSTG
tF
集电极— 发射极维持电压
发射极— 基极截止电流
直流电流增益
集电极— 发射极饱和电压
基极— 发射极饱和电压
共基极输出电容
特征频率
导通时间
载流子贮存时间
下降时间
400
10
5
4
110
1
40
30
1
2
3
1.2
1.6
1.6
3
0.7
V
mA
V
V
V
V
V
pF
MHz
µs
µs
µs
IC=10mA ,IB=0
VEB=9V,IC=0
VCE=5V,IC=2A
VCE=5V,IC=5A
IC=2A,IB=0.4A
IC=5A,IB=1A
IC=8A,IB=2A
IC=2A,IB=0.4A
IC=5A,IB=1A
VCB=10V,f=0.1MHz
VCE=10V,IC=0.5A
VCC=125V,IC=5A,
IB1=-IB2=1A
Tstg——贮存温度…………………………………… -55~150℃
Tj——结温………………………………………………… 150℃ 
PC——集电极功率耗散(Tc=25℃)……………………… 80W
VCBO——集电极—基极电压……………………………… 700V
VCEO——集电极—发射极电压…………………………… 400V
VEBO——发射极—基极电压………………………………… 9V
IC——集电极电流(DC)…………………………………… 8A
IC——集电极电流(脉冲)………………………………… 12A
IB——基极电流…………………………………………………4A
N P N
S I L I C O N
T R A N S I S T O R
13007 晶体管芯片说明书
芯片尺寸:4 英寸(100mm)
芯片代码:D320AG-00
芯片厚度:240±20µm
管芯尺寸:3200×3200µm 2
焊位尺寸:B 极 560×740µm2;E 极 560×1080µm 2
电极金属:铝
背面金属:银
典型封装:KSE13007,HE13007


Similar Part No. - D320AG-00

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
D3200T MACOM-D3200T Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
D3202 MACOM-D3202 Datasheet
2Mb / 11P
   FX2 Relay
D3204 MACOM-D3204 Datasheet
2Mb / 11P
   FX2 Relay
D3205 MACOM-D3205 Datasheet
2Mb / 11P
   FX2 Relay
D3206 MACOM-D3206 Datasheet
2Mb / 11P
   FX2 Relay
More results

Similar Description - D320AG-00

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com