Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

441-PRS13X13-16 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 441-PRS13X13-16
Description  ZIF PGA Test & Burn-in Socket for Any Footprint on Std 13x13 to 21x21 Grid
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

441-PRS13X13-16 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  441-PRS13X13-16 Datasheet HTML 1Page - Aries Electronics, Inc. 441-PRS13X13-16 Datasheet HTML 2Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bristol, PA 19007-6810 USA
TEL (215) 781-9956 • FAX (215) 781-9845
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
• INFO@ARIESELEC.COM
WWW.ARIESELEC.COM
FEATURES
• A strong, metal cam activates the normally closed contacts, preventing dependency
on plastic for contact force
• The handle can be provided on right or left hand side
• Consult factory for special handle requirements
• Any footprint accepted on standard 13x13 to 21x21 grid
GENERAL SPECIFICATIONS
• SOCKET BODY: black UL 94V-0 Polyphenylene Sulfide (PPS)
• CONTACTS: BeCu 174, 1/2-hard
or NiB (Spinodal)
• BeCu CONTACT PLATING OPTIONS: “2” 30μ [0.762μ] min. Au per MIL-G-45204
on contact area, 200μ [5.08μ] min. matte Sn per ASTM B545-97 on solder tail,
both over 30μ [0.762μ] min. Ni per QQ-N-290 all over. Consult factory for other
plating options not shown
• SPINODAL PLATING CONTACT ONLY: “6”: 50μ [1.27μ] min. NiB
• HANDLE: Stainless Steel
• CONTACT CURRENT RATING: 1 amp
• OPERATING TEMPERATURES: -85°F to
257°F [-65°C to 125°C] Au plating, -85°F
to 392°F [-65°C to 200°C] NiB (Spinodal)
• ACCEPTS LEADS: 0.014-0.026 [0.36-
0.66] dia., 0.120-0.290 [3.05-7.37] long
MOUNTING CONSIDERATIONS
• SUGGESTED PCB HOLE SIZE: 0.032
±0.002 [0.81 ±0.05] dia.
• See PCB footprint below
• Plugs into standard PGA sockets
ZIF PGA Test & Burn-in Socket for
Any Footprint on Std 13x13 to 21x21 Grid
10004
Rev. AB
1 of 2
CUSTOMIZATION: In addition to the standard products shown
on this page, Aries specializes in custom design and production.
Special materials, platings, sizes, and configurations can be
furnished, depending on the quantity.
NOTE: Aries reserves the
right to change product general specifications without notice.
ORDERING INFORMATION
XXX-PXX XXXXX-1 X
Plating
2 = Au Contacts, Sn over Nic Tail
6 = NiB (spinodal) Pin Only
CONSULT FACTORY FOR MINIMUM ORDERING
QUANTITY AS WELL AS AVAILABILITY OF THIS
PIN
Solder Pin Tail
No. of Pins
Series Designator
PRS = Std
PLS = Handle of Left
Grid Size & Footprint No.
Grid Size
No. of Pins
Dim. “C”
Dim. “A”
Dim. “B”
Dim. “D”
12 x 12*
144
1.100 [27.94]
1.894 [48.10]
1.510 [38.35]
1.675 [42.54]
13 x 13
169
1.200 [30.48]
14 x 14*
196
1.300 [33.02]
2.094 [53.20]
1.710 [43.43]
1.875 [47.62]
15 x 15
225
1.400 [35.56]
16 x 16*
256
1.500 [38.10]
2.294 [58.26]
1.910 [48.51]
2.075 [52.70]
17 x 17
289
1.600 [40.64]
18 x 18*
324
1.700 [43.18]
2.494 [63.34]
2.110 [53.59]
2.275 [57.78]
19 x 19
361
1.800 [45.72]
20 x 20*
400
1.900 [48.26]
2.694 [68.42]
2.310 [58.67]
2.475 [62.86]
21 x 21
441
2.000 [50.80]
* Top and Right-hand Side Row left out


Similar Part No. - 441-PRS13X13-16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
441-0201-GR ETC1-441-0201-GR Datasheet
75Kb / 2P
   Mini Fuse Holder
441-EPD115 ETC2-441-EPD115 Datasheet
121Kb / 1P
   PCB Mount AST Mini Blade
441-R3-12-GRX ETC1-441-R3-12-GRX Datasheet
135Kb / 2P
   Fuse Holder
441-R3-13-GRX ETC1-441-R3-13-GRX Datasheet
97Kb / 2P
   Fuse Holder
441-R314A-GRX ETC2-441-R314A-GRX Datasheet
99Kb / 2P
   Fuse Holder
More results

Similar Description - 441-PRS13X13-16

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
289-PRS17001-12 ARIES-289-PRS17001-12 Datasheet
653Kb / 2P
   PGA ZIF Test & Burn-in Socket for Any Footprint on Std 8x8 to 21x21 Grid
Rev. 1.10
10004HT ARIES-10004HT Datasheet
1Mb / 2P
   High-Temp PGA ZIF Test & Burn-in Socket for Footprints on Std 8x8 to 21x21 Grid
logo
Abracon Corporation
AXS-1147-02-02 ABRACON-AXS-1147-02-02 Datasheet
419Kb / 1P
   CRYSTAL TEST & BURN IN SOCKET
08.21.09
logo
Aries Electronics, Inc.
10002 ARIES-10002 Datasheet
716Kb / 1P
   High-Temp Universal ZIF DIP Burn-in & Test Socket
logo
Abracon Corporation
AXS-1155-04-01 ABRACON-AXS-1155-04-01 Datasheet
410Kb / 1P
   CRYSTAL TEST & BURN-IN SOCKET
07.10.09
AXS-7050-06-13 ABRACON-AXS-7050-06-13 Datasheet
411Kb / 1P
   CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.13.09
AXS-7550-06-03 ABRACON-AXS-7550-06-03 Datasheet
412Kb / 1P
   CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.13.09
AXS-2520-04-01 ABRACON-AXS-2520-04-01 Datasheet
403Kb / 1P
   CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.10.09
AXS-2520-04-05 ABRACON-AXS-2520-04-05 Datasheet
402Kb / 1P
   Suitable for high temperature burn-in test
07.10.09
AXS-2520-04-07 ABRACON-AXS-2520-04-07 Datasheet
391Kb / 1P
   Suitable for high temperature burn-in test
07.10.09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com