Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C043BJ-01 Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # C043BJ-01
Description  NPN SILICON TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

C043BJ-01 Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  C043BJ-01 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
汕头华汕电子器件有限公司
█ 芯片简介
█ 管芯示意图
█ 极限值(T
a=25℃)
(封装形式:TO-92)
█ 电参数(T
a=25℃)
(封装形式:TO-92)
参数符号
最小值 典型值 最大值 单 位
ICBO
IEBO
hFE
VCE(sat)
VBE(sat)
BVCBO
BVCEO
BVEBO
fT
集电极—基极截止电流
发射极—基极截止电流
直流电流增益
集电极—发射极饱和电压
基极—发射极饱和电压
集电极—基极击穿电压
集电极—发射极击穿电压
发射极—基极击穿电压
特征频率
80
80
30
180
160
6
100
0.05
0.05
280
0.15
0.2
1
1
300
µA
µA
V
V
V
V
V
V
V
MHz
VCB=120V,IE=0
VEB=4V,IC=0
VCE=5V,IC=1mA
VCE=5V,IC=10mA
VCE=5V,IC=50mA
IC=10mA,IB=1mA
IC=50mA,IB=5mA
IC=10mA,IB=1mA
IC=50mA,IB=5mA
IC=100µA,IE=0
IC=1mA,IB=0
IE=10µA,IC=0
VCE=10V,IC=10mA
f=100MHz
NPN
S I L I C O N
T R A N S I S T O R
Tstg——贮存温度…………………………………… -55~150℃
Tj——结温…………………………………………………150℃
PC——集电极耗散功率…………………………………625mW
VCBO——集电极—基极电压………………………………180V
VCEO——集电极—发射极电压……………………………160V
VEBO——发射极—基极电压…………………………………6V
IC——集电极电流…………………………………………600mA
5551 晶体管芯片说明书
芯片尺寸:4 英寸(100mm)
芯片代码:C043BJ-01
芯片厚度:240±20µm
管芯尺寸:430×430µm 2
焊位尺寸:B 极 107×107µm2,E 极 101×101µm2
电极金属:铝
背面金属:金
典型封装:2N5551,H5551


Similar Part No. - C043BJ-01

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
C043BJ-00 HUASHAN-C043BJ-00 Datasheet
29Kb / 1P
   NPN SILICON TRANSISTOR
More results

Similar Description - C043BJ-01

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com