Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOPAC Datasheet(PDF) 2 Page - Vicor Corporation

Part # LOPAC
Description  PFC Mini, PFC Micro, PFC MicroS Power Factor Corrected, AC-DC Switchers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

LOPAC Datasheet(HTML) 2 Page - Vicor Corporation

  LOPAC Datasheet HTML 1Page - Vicor Corporation LOPAC Datasheet HTML 2Page - Vicor Corporation LOPAC Datasheet HTML 3Page - Vicor Corporation LOPAC Datasheet HTML 4Page - Vicor Corporation LOPAC Datasheet HTML 5Page - Vicor Corporation LOPAC Datasheet HTML 6Page - Vicor Corporation LOPAC Datasheet HTML 7Page - Vicor Corporation LOPAC Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 Westcor Division 408-522-5280
LoPAC Family
Rev. 1.2
Page 2 of 8
Set your site on VICOR at www.vicorpower.com
Autosense Feature*
This is a new feature implemented in all converter slots in the
LoPAC family. If remote sense connections are not needed or
are inadvertently not made, no local sense connections are
necessary. Simply connect the output(s) to the load and the
converter(s) will automatically operate in the local sense mode.
If remote sense connections are made, the unit will operate in
remote sense mode.
Part Numbering
Product Prefix
PM PFC Mini
PC PFC Micro
PS PFC MicroS
Number of
1st Gen module(s)
Number of
2nd Gen module(s)
Factory
Assigned
P M
X 1
-X 2
X 3
XXX
Number of
Output
Voltages
Available Power (W) per Package Size
Maxi
Mini
Micro
2nd Gen
1st Gen
2nd Gen
1st Gen
2nd Gen
2Vdc
160
80
60
100
40
30
50
3.3Vdc
264
132
99
150
66
50
75
5Vdc
400
200
150
200
100
75
100
12Vdc
600
200
150
300
100
75
150
15Vdc
600
200
150
300
100
75
150
24Vdc
600
200
150
300
100
75
150
28Vdc
600
200
150
300
100
75
150
48Vdc
600
200
150
300
100
75
150
Maximum Output Power
Model
Total
per
Type
# Slots
@ 230Vac
@ 115Vac
Slot
Modules per Slot
PFC Mini
3
1,500W
800W
500W
1 Maxi or 2 Minis
PFC Micro
2
800W
500W
600W
1 Maxi or 2 Minis or 3 Micros
PFC MicroS
1
600W
500W
600W
1 Maxi or 2 Minis or 3 Micros
Output
Voltage
LoPAC Slot Configurations
The DC-DC converter modules are used to populate each
LoPAC converter slot. Each slot can be configured in different
ways depending on module sizes and power limitations.
The following table summarizes the available slot
configurations for each of the three LoPAC packages.
DC Output Selections
The versatility of the LoPAC series is due, in large part, to the
wide array of Vicor modules available to be configured into the
different package formats. Slots can be populated with 1st or
2nd Generation modules in full, half or quarter brick sizes.
Vicor’s full VI-26x, VI-J6x and V375 standard product
matrices are available to choose from. In addition, the full range
of non-standard voltages and powers from 1 to 100Vdc and 10
to 600W is also available for inclusion. The table below is just a
sampling of some of the most popular standard outputs that can
be configured into LoPAC slots.
*
Applies to converter slots utilizing Maxi or Mini size converters.


Similar Part No. - LOPAC

ManufacturerPart #DatasheetDescription
logo
Powerbox
LOPAC POWERBOX-LOPAC Datasheet
181Kb / 2P
   5 0 0 - 1 5 0 0 WAT T S - A C / D C L OW P R O F I L E S I N G L E - M U LT I P L E O U T P U T
More results

Similar Description - LOPAC

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-67 POWERINT-DI-67 Datasheet
74Kb / 2P
   Isolated, Power Factor Corrected (PFC), 17 W LED Driver
logo
Bel Fuse Inc.
MPU200-1012G BEL-MPU200-1012G Datasheet
1Mb / 7P
   Power Factor Correction (PFC)
logo
ULTRA LEVEL TECH CO., L...
PRL0801 ULC-PRL0801 Datasheet
509Kb / 4P
   AC-DC PFC SWITCHING POWER SUPPLY
PRL0801D ULC-PRL0801D Datasheet
561Kb / 4P
   AC-DC PFC SWITCHING POWER SUPPLY
logo
Applied Motion Products...
PS600A48 AMP-PS600A48 Datasheet
595Kb / 2P
   AC/DC Power Supply ??PFC ??600W
logo
CINCON ELECTRONICS Corp...
CFM150S CINCON-CFM150S Datasheet
504Kb / 2P
   AC-DC POWER SUPPLY WITH PFC
logo
Cooper Bussmann, Inc.
CTX01-15789 COOPER-CTX01-15789 Datasheet
231Kb / 3P
   Power Factor Correction (PFC) Application Notes
logo
ULTRA LEVEL TECH CO., L...
PRL0602N ULC-PRL0602N Datasheet
454Kb / 4P
   AC-DC Active PFC SWITCHING POWER SUPPLY
PRL1103 ULC-PRL1103 Datasheet
332Kb / 4P
   AC-DC PFC MEDICAL SWITCHING POWER SUPPLY
PRL1201D ULC-PRL1201D Datasheet
148Kb / 3P
   AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com