Electronic Components Datasheet Search |
|
324-PLS16X16-16 Datasheet(PDF) 1 Page - Aries Electronics, Inc. |
|
324-PLS16X16-16 Datasheet(HTML) 1 Page - Aries Electronics, Inc. |
1 / 2 page Bristol, PA 19007-6810 USA TEL (215) 781-9956 • FAX (215) 781-9845 PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED • INFO@ARIESELEC.COM WWW.ARIESELEC.COM FEATURES • A strong, metal cam activates the normally closed contacts, preventing dependency on plastic for contact force • The handle can be provided on right or left hand side • Consult factory for special handle requirements • Any footprint accepted on standard 13x13 to 21x21 grid GENERAL SPECIFICATIONS • SOCKET BODY: black UL 94V-0 Polyphenylene Sulfide (PPS) • CONTACTS: BeCu 174, 1/2-hard or NiB (Spinodal) • BeCu CONTACT PLATING OPTIONS: “2” 30μ [0.762μ] min. Au per MIL-G-45204 on contact area, 200μ [5.08μ] min. matte Sn per ASTM B545-97 on solder tail, both over 30μ [0.762μ] min. Ni per QQ-N-290 all over. Consult factory for other plating options not shown • SPINODAL PLATING CONTACT ONLY: “6”: 50μ [1.27μ] min. NiB • HANDLE: Stainless Steel • CONTACT CURRENT RATING: 1 amp • OPERATING TEMPERATURES: -85°F to 257°F [-65°C to 125°C] Au plating, -85°F to 392°F [-65°C to 200°C] NiB (Spinodal) • ACCEPTS LEADS: 0.014-0.026 [0.36- 0.66] dia., 0.120-0.290 [3.05-7.37] long MOUNTING CONSIDERATIONS • SUGGESTED PCB HOLE SIZE: 0.032 ±0.002 [0.81 ±0.05] dia. • See PCB footprint below • Plugs into standard PGA sockets ZIF PGA Test & Burn-in Socket for Any Footprint on Std 13x13 to 21x21 Grid 10004 Rev. AB 1 of 2 CUSTOMIZATION: In addition to the standard products shown on this page, Aries specializes in custom design and production. Special materials, platings, sizes, and configurations can be furnished, depending on the quantity. NOTE: Aries reserves the right to change product general specifications without notice. ORDERING INFORMATION XXX-PXX XXXXX-1 X Plating 2 = Au Contacts, Sn over Nic Tail 6 = NiB (spinodal) Pin Only CONSULT FACTORY FOR MINIMUM ORDERING QUANTITY AS WELL AS AVAILABILITY OF THIS PIN Solder Pin Tail No. of Pins Series Designator PRS = Std PLS = Handle of Left Grid Size & Footprint No. Grid Size No. of Pins Dim. “C” Dim. “A” Dim. “B” Dim. “D” 12 x 12* 144 1.100 [27.94] 1.894 [48.10] 1.510 [38.35] 1.675 [42.54] 13 x 13 169 1.200 [30.48] 14 x 14* 196 1.300 [33.02] 2.094 [53.20] 1.710 [43.43] 1.875 [47.62] 15 x 15 225 1.400 [35.56] 16 x 16* 256 1.500 [38.10] 2.294 [58.26] 1.910 [48.51] 2.075 [52.70] 17 x 17 289 1.600 [40.64] 18 x 18* 324 1.700 [43.18] 2.494 [63.34] 2.110 [53.59] 2.275 [57.78] 19 x 19 361 1.800 [45.72] 20 x 20* 400 1.900 [48.26] 2.694 [68.42] 2.310 [58.67] 2.475 [62.86] 21 x 21 441 2.000 [50.80] * Top and Right-hand Side Row left out |
Similar Part No. - 324-PLS16X16-16 |
|
Similar Description - 324-PLS16X16-16 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |