Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-473S Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-473S
Description  LED For Flash Light Source
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-473S Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  CL-473S Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
27
● ● ● ● ● ● ● ● ● ● ●
フラッシュ光源用 LED
CL-473S シリーズ
LED For Flash Light Source
CL-473S Series
20
50
100
200
IV-Ta 特性
IV-Ta Characteristics
T a (°C)
-20
0
20
40
60
80
100
120
20
40
60
80
100
50
°
60
°
70
°
80
°
90
°
40
°
30
°
20
°
10
° 0° 10°
20
°
30
°
40
°
指向特性
Directive Characteristics
0
50
°
60
°
70
°
80
°
90
°
0
5
10
15
20
25
30
IF
max-Ta 特性
IFmax-Ta Characteristics
T a (°C)
-20
0
20
40
60
80
100
VF(V)
1
10
100
IF-VF 特性
IF-VF Characteristics
2.0
2.5
3.0
3.5
4.0
4.5
T a (°C)
3.0
2.8
3.2
3.4
3.6
3.8
VF-Ta 特性
VF-Ta Characteristics
-20
0
20
40
60
80
100
IF(mA)
Iv-IF 特性
Iv-IF Characteristics
1
10
100
0.1
1.0
10.0
100.0
■ 諸特性/Characteristics
3.5(L)×3.5(W)×1.0(H)mm
Pd
IF
IFP※2
VR
Top
Tst
Product code
(mW)
(mA)
(mA)
(V)
(℃)
(℃)
CL-473S-4WN
72
20
100
5
−25∼+80 −30∼+85
CL-473S-4WQ
72
20
100
5
−25∼+80 −30∼+85
※1 1素子当たりの値です。/The values are based on 1-die performance.
※2 IFPの条件はduty1/10、
パルス巾30msecです。/Condition for IFP is pulse of 1/10 duty and 30msec width.
●絶対最大定格/Absolute Maximum Rating※1
(Ta 25℃)
※1 1素子当たりの値です。/The values are based on 1-die performance.
※2 NIST規格に準拠、各素子同時点灯時の値です。
  Compliant with NIST. The values are based on the condition that each die lights simultaneously.
※3 色度座標は、a、b、c、dに囲まれた範囲です。/Chromaticity coordinates is surrounded with a,b,c,d.
●電気的光学的特性/Electro-optical Characteristics
(Ta 25℃)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
順電圧/
CL-473S-4WN
VF
IF=20mA
ー3.2
3.6
V
CL-473S-4WQ
ー3.2
3.6
逆電流/Reverse Current※1
IR
VR=5V
100
μA
光度/
CL-473S-4WN
IV
4.8
8.0
cd
Luminous Intensity※2 CL-473S-4WQ
ー8.8
x(±0.02) y(±0.02)
a0.27
0.22
色度座標/Chromaticity coordinates※3
x, y
IF=20mA
b0.27
0.29
c0.35
0.40
d0.35
0.33
Forward Voltage※1
IF=20mA
*〈4WQ〉につきましてはカタログ不掲載のため、詳細につきましてはお問い合わせください。
* <4WQ> are not listed in this catalog. Please consult with us for details.
リフローはんだ用
For reflow soldering
0.4
0.4
0.65
0.8
0.8
0.65
LED素子
/LED die
はんだ付け電極
/Soldering terminal
封止樹脂
/Sealing Resin
基板
/P.C.board
3.5
1
0.34
(1.1)
カソードマーク
/Cathode mark
はんだ付け電極
/Soldering terminal
極性/Polarity
0.35
0.35
8-φ0.5
0.8
0.8
0.4
0.4
0.4
●外形寸法図/Outline drawing
推奨はんだ付けパターン
The following soldering patterns are recommended for
reflow-soldering:
単位/Unit : mm
※外形寸法図は、<4WN> <4WQ>とも共通となります。
※The dimensional outline drawings are common in <4WN>, and <4WQ>.


Similar Part No. - CL-473S

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-473S CITIZEN-CL-473S Datasheet
296Kb / 1P
   LED For Flash Light Source
CL-473S-4WN CITIZEN-CL-473S-4WN Datasheet
296Kb / 1P
   LED For Flash Light Source
CL-473S-4WQ CITIZEN-CL-473S-4WQ Datasheet
296Kb / 1P
   LED For Flash Light Source
More results

Similar Description - CL-473S

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-473S CITIZEN-CL-473S Datasheet
296Kb / 1P
   LED For Flash Light Source
CL-695S CITIZEN-CL-695S Datasheet
162Kb / 1P
   LED For Flash Light Source
CL-597S CITIZEN-CL-597S Datasheet
95Kb / 1P
   LED For Flash Light Source
CL-690S CITIZEN-CL-690S Datasheet
112Kb / 2P
   LED For Flash Light Source
CL-760S CITIZEN-CL-760S Datasheet
164Kb / 1P
   LED For Flash Light Source
CL-591S CITIZEN-CL-591S_1 Datasheet
298Kb / 1P
   LED For Flash Light Source
CL-690S CITIZEN-CL-690S_1 Datasheet
306Kb / 2P
   LED For Flash Light Source
CL-770S CITIZEN-CL-770S Datasheet
390Kb / 1P
   LED For Flash Light Source
CL-597S CITIZEN-CL-597S_1 Datasheet
299Kb / 1P
   LED For Flash Light Source
CL-695S CITIZEN-CL-695S_1 Datasheet
388Kb / 1P
   LED For Flash Light Source
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com