Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BVM-TG50NAD1 Datasheet(PDF) 2 Page - Bright View Electronic Co., LTD.

Part # BVM-TG50NAD1
Description  1500mm / T9 / G13 LED TUBE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVM-TG50NAD1 Datasheet(HTML) 2 Page - Bright View Electronic Co., LTD.

  BVM-TG50NAD1 Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVM-TG50NAD1 Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVM-TG50NAD1 Datasheet HTML 3Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LED TUBE
Bright View Electronics
1500mm / T9 / G13 LED TUBE
■ TYPICAL ELECTRICAL / OPTICAL CHARACTERISTICS AT Ta = 25 ℃
BVM-TG50NAD1
SYMBOL
Pd
PF
PE
ΦU
E
η
CCT
Input Voltage, Frequency
Vi
Operating Temperature Range
Top
Storage Temperature Range
Ts
-
BVM-TG50NAC1
SYMBOL
Pd
PF
PE
ΦU
E
η
CCT
Input Voltage, Frequency
Vi
Operating Temperature Range
Top
Storage Temperature Range
Ts
-
lx
lm/W
°K
g
UNIT
W
-
-
lm
lx
lm/W
°K
Vac
Vac
g
UNIT
W
-
-
lm
563(Typ.)
26(Typ.)
110VAC / 60Hz
-30 ~ +65
80(Typ.)
390(Typ.)
78(Typ.)
90~264; 50/60Hz
-30 ~ +50
2100(Typ.)
0.7
0.8(Typ.)
5600+/- 500
220V / 60Hz
28(Typ.)
0.7
0.8(Typ.)
0.8(Typ.)
1600(Typ.)
0.7
563(Typ.)
0.8(Typ.)
1650(Typ.)
58(Typ.)
330(Typ.)
61(Typ.)
-30 ~ +50
-30 ~ +65
360(Typ.)
28(Typ.)
220V / 60Hz
0.7
110VAC / 60Hz
26(Typ.)
Illuminance (@100cm)
Power dissipation
5600+/- 500
90~264; 50/60Hz
Luminous Efficacy
Color Temperature
2200(Typ.)
430(Typ.)
Power Efficiency
Power Efficiency
Luminous flux
Power Factor
Luminous flux
Illuminance (@100cm)
Luminous Efficacy
Color Temperature
Weight
PARAMETER
PARAMETER
Power Factor
Power dissipation
Weight
Date:2009/08/14
Page:2 of 3
Version-A


Similar Part No. - BVM-TG50NAD1

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVM-TG20NAD1 BVLED-BVM-TG20NAD1 Datasheet
189Kb / 3P
   580mm / T9 / G13 LED TUBE
BVM-TG21NAD1 BVLED-BVM-TG21NAD1 Datasheet
190Kb / 3P
   590mm / T9 / G13 LED TUBE
BVM-TG40NAC1 BVLED-BVM-TG40NAC1 Datasheet
189Kb / 3P
   1200mm / T9 / G13 LED TUBE
BVM-TG40NAD1 BVLED-BVM-TG40NAD1 Datasheet
189Kb / 3P
   1200mm / T9 / G13 LED TUBE
BVM-TG40NDC1 BVLED-BVM-TG40NDC1 Datasheet
189Kb / 3P
   1200mm / T9 / G13 LED TUBE
More results

Similar Description - BVM-TG50NAD1

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVM-TG40NAD1 BVLED-BVM-TG40NAD1 Datasheet
189Kb / 3P
   1200mm / T9 / G13 LED TUBE
BVM-TG21NAD1 BVLED-BVM-TG21NAD1 Datasheet
190Kb / 3P
   590mm / T9 / G13 LED TUBE
BVM-TG20NAD1 BVLED-BVM-TG20NAD1 Datasheet
189Kb / 3P
   580mm / T9 / G13 LED TUBE
logo
PowerDynamics, Inc
PD-FL-13 POWERDYNAMICS-PD-FL-13 Datasheet
197Kb / 1P
   LED T8 LAMPHOLDER FOR G13 BASE MEDIUM BI-PIN
PD-FL-18-11 POWERDYNAMICS-PD-FL-18-11 Datasheet
248Kb / 1P
   LED T8 LAMPHOLDER FOR G13 BASE MEDIUM BI-PIN
logo
Ningbo Foryard Optoelec...
FYT8-3528UW-B-288 FORYARD-FYT8-3528UW-B-288 Datasheet
552Kb / 5P
   T8 LED tube
FYT8-5050UW3-B-96 FORYARD-FYT8-5050UW3-B-96 Datasheet
489Kb / 5P
   T8 LED tube
FYT10-3528UW-B-72 FORYARD-FYT10-3528UW-B-72 Datasheet
528Kb / 5P
   T10 LED tube
FYT5-5050UW3-B-35 FORYARD-FYT5-5050UW3-B-35 Datasheet
430Kb / 5P
   T5 LED tube
logo
A-BRIGHT Inc
AB-FT31180WD A-BRIGHT-AB-FT31180WD Datasheet
175Kb / 4P
    LED Fluorescent Tube Light
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com