Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

28-351000-11 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 28-351000-11
Description  SSOP-to-DIP Adapter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

28-351000-11 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  28-351000-11 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bristol, PA 19007-6810 USA
TEL (215) 781-9956 • FAX (215) 781-9845
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
• INFO@ARIESELEC.COM
WWW.ARIESELEC.COM
FEATURES
• Allows the use of 0.65mm pitch surface-mount ICs in thru-hole designs.
• Ideal for prototyping and testing/evaluating SSOP ICs.
• Adapter can be cut to smaller sizes by end user.
• Consult factory for Panelized Form or for mounting of consigned ICs.
GENERAL SPECIFICATIONS
• ADAPTER BODY: FR-4, 0.062 [1.58] thick, with 1-oz. Cu traces
• PINS: Brass 360 1/2-hard per UNS C36000, ASTM B16/B16M
• PIN PLATING: 200µ [5.08µ] min. Sn/Pb 93/7 per ASTM B579-73 over 100µ
[2.54µ] Ni per SAE AMS-QQ-N-290 with 10µ [0.25µ] min. Au per MIL-G-4524
over 100µ [2.54] Ni per SAE AMS-QQ-N-290
• CURRENT RATING: 1 amp
• OPERATING TEMPERATURE: 221°F [105°C]
MOUNTING CONSIDERATIONS
• SUGGESTED PCB HOLE SIZE: 0.028 ±0.003 [0.71 ±0.08] dia.
• Will plug into standard IC socket
18036
Rev. AA
Series 351000
SSOP-to-DIP Adapter
CUSTOMIZATION: In addition to the standard products shown
on this page, Aries specializes in custom design and production.
Special materials, platings, sizes, and configurations can be
furnished, depending on the quantity.
NOTE: Aries reserves the
right to change product general specifications without notice.
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
“A” # OF PINS PER ROW x 0.100 [2.54]
“B” (# OF PINS PER ROW -1) x 0.100 [2.54]
“C” (# OF PADS PER ROW -1) x 0.0256 [0.65]
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
No. of Pins
14, 16, 18, 20, 24, 28
Series
ORDERING INFORMATION
XX-351000-10
Plating
10 = Sn/Pb
11 = Au


Similar Part No. - 28-351000-11

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
28-350002-10-P ARIES-28-350002-10-P Datasheet
451Kb / 1P
   SOIC and SOJ-to-DIP Adapter
28-350002-11-P ARIES-28-350002-11-P Datasheet
451Kb / 1P
   SOIC and SOJ-to-DIP Adapter
28-350002-11-RC ARIES-28-350002-11-RC Datasheet
514Kb / 1P
   RoHS/WEEE-Compliant SOIC-to-DIP Adapter
28-350002-11-RC ARIES-28-350002-11-RC Datasheet
562Kb / 1P
   A cost-effective means of upgrading to SOIC without changing your PCB layout
28-350002-1X ARIES-28-350002-1X Datasheet
503Kb / 1P
   A cost-effective means of upgrading to SOJ or SOIC without changing your PCB layout
More results

Similar Description - 28-351000-11

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
14-651000-10-P ARIES-14-651000-10-P Datasheet
656Kb / 1P
   SSOP-to-DIP Adapter
18036 ARIES-18036 Datasheet
702Kb / 1P
   Series 351000 SSOP-to-DIP Adapter
18037 ARIES-18037 Datasheet
722Kb / 1P
   Series 651000 SSOP-to-DIP Adapter
16-351000-11RC ARIES-16-351000-11RC Datasheet
492Kb / 1P
   SSOP-to-DIP RoHS/WEEE-Compliant Adapter
24-651000-10 ARIES-24-651000-10 Datasheet
499Kb / 1P
   36-Pin SSOP-to-0.6 DIP Adapter
18036RC ARIES-18036RC Datasheet
558Kb / 1P
   Series 351000 SSOP-to-DIP RoHS/WEEE-Compliant Adapter
20-555000-00 ARIES-20-555000-00 Datasheet
499Kb / 1P
   SSOP-to-SOWIC Adapter
18069 ARIES-18069 Datasheet
580Kb / 1P
   SSOP-to-SOWIC Adapter
28-652000-10 ARIES-28-652000-10 Datasheet
450Kb / 1P
   PLCC-to-DIP Adapter
8-354000-10 ARIES-8-354000-10 Datasheet
503Kb / 1P
   DIP-to-SOIC Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com