Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ120A Datasheet(PDF) 1 Page - RFE international

Part # SMCJ120A
Description  SURFACE MOUNT TVS & Zener Diodes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

SMCJ120A Datasheet(HTML) 1 Page - RFE international

  SMCJ120A Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SURFACE MOUNT
TVS & Zener Diodes
ZENER DIODE
Operating Temperature: -65°C to 150°C
RFE
Cross-
Marking Nominal
Dynamic
Test
Dynamic
Test
Max Rev
Test
Package
Outline
Part
Reference
Code
Zener
Impedance Current Impedance Current Leakage Voltage
(Dimensions in mm)
Number
Voltage
@IZT
@IZK
Current
@IZR
@ VR
VZ(V)
ZZT(W)
IZT(mA)
ZZK(W)
IZK (mA)
IR(mA)
VR(V)
Reel
MMBZ5226B BZX84C3V3
8A
3.3
28
20.0
1600
0.25
25.0
1.0
3000
MMBZ5227B BZX84C3V6
8B
3.6
24
20.0
1700
0.25
15.0
1.0
3000
MMBZ5228B BZX84C3V9
8C
3.9
23
20.0
1900
0.25
10.0
1.0
3000
MMBZ5229B BZX84C4V3
8D
4.3
22
20.0
2000
0.25
5.0
1.0
3000
MMBZ5230B BZX84C4V7
8E
4.7
19
20.0
1900
0.25
5.0
2.0
3000
MMBZ5231B BZX84C5V1
8F
5.1
17
20.0
1600
0.25
5.0
2.0
3000
MMBZ5232B BZX84C5V6
8G
5.6
11
20.0
1600
0.25
5.0
3.0
3000
MMBZ5233B
8H
6.0
7
20.0
1600
0.25
5.0
3.5
3000
MMBZ5234B BZX84C6V2
8J
6.2
7
20.0
1000
0.25
5.0
4.0
3000
MMBZ5235B BZX84C6V8
8K
6.8
5
20.0
750
0.25
3.0
5.0
3000
MMBZ5236B BZX84C7V5
8L
7.5
6
20.0
500
0.25
3.0
6.0
3000
MMBZ5237B BZX84C8V2
8M
8.2
8
20.0
500
0.25
3.0
6.5
3000
MMBZ5238B
8N
8.7
8
20.0
600
0.25
3.0
6.5
3000
MMBZ5239B BZX84C9V1
8P
9.1
10
20.0
600
0.25
3.0
7.0
3000
MMBZ5240B BZX84C10
8Q
10.0
17
20.0
600
0.25
3.0
8.0
3000
MMBZ5241B BZX84C11
8R
11.0
22
20.0
600
0.25
2.0
8.4
3000
MMBZ5242B BZX84C12
8S
12.0
30
20.0
600
0.25
1.0
9.1
3000
MMBZ5243B BZX84C13
8T
13.0
13
9.5
600
0.25
0.5
9.9
3000
MMBZ5244B
8U
14.0
15
9.0
600
0.25
0.1
10.0
3000
MMBZ5245B BZX84C15
8V
15.0
16
8.5
600
0.25
0.1
11.0
3000
MMBZ5246B BZX84C16
8W
16.0
17
7.8
600
0.25
0.1
12.0
3000
MMBZ5247B
8X
17.0
19
7.4
600
0.25
0.1
13.0
3000
MMBZ5248B BZX84C18
8Y
18.0
21
7.0
600
0.25
0.1
14.0
3000
MMBZ5249B
8Z
19.0
23
6.6
600
0.25
0.1
14.0
3000
MMBZ5250B BZX84C20
81A
20.0
25
6.2
600
0.25
0.1
15.0
3000
MMBZ5251B BZX84C22
81B
22.0
29
5.6
600
0.25
0.1
17.0
3000
MMBZ5252B BZX84C24
81C
24.0
33
5.2
600
0.25
0.1
18.0
3000
MMBZ5253B
81D
25.0
35
5.0
600
0.25
0.1
19.0
3000
MMBZ5254B BZX84C27
81E
27.0
41
4.6
600
0.25
0.1
21.0
3000
MMBZ5255B
81F
28.0
44
4.5
600
0.25
0.1
21.0
3000
MMBZ5256B BZX84C30
81G
30.0
49
4.2
600
0.25
0.1
23.0
3000
MMBZ5257B BZX84C33
81H
33.0
58
3.8
700
0.25
0.1
25.0
3000
3.99
4.50
1.98
2.29
1.32
4.93
2.54
2.79
5.28
1.47
A
PART NUMBER EXAMPLE
SMAJ7.0A
A size (SMA)
DO-214AC
4.675
4.725
2.13
2.43
2.005
5.35
3.52
3.58
5.45
2.055
PART NUMBER EXAMPLE
SMBJ7.0A
B size (SMB) DO-214AA
6.60
7.11
2.00
2.62
2.92
7.75
5.59
6.22
8.13
3.07
C
PART NUMBER EXAMPLE
SMCJ7.0A
C size (SMC)
DO-214AB
TRANSIENT VOLTAGE SUPPRESSOR DIODE
Operating Teperature: -55°c to 150°c
RF
Working
Break Down
Maximum
Maximum Reverse
Outline
Part
Peak
Voltage
Clamping
Current & Leakage
(Dimensions in mm)
Number
Reverse
VBR
@ IT
Voltage
*A Size
*B Size
*C Size
Voltage
(V)
(mA)
VRSM
Current Leakage
Device
Current Leakage
Device
Current Leakage
Device
VRWM
Min Max
(V)
IPPM
at VNWM Marking
IPPM
at VNWM Marking
IPPM
at VNWM Marking
(V)
(A)
IR(µA)
Code
(A)
IR(µA)
Code
(A)
IR(µA)
Code
SM*J60
60
67
82
1
107
2.9
5
RH
4.5
5
NH
14
5
GGH
SM*J60A
60
67
74
1
96.8
3.2
5
RK
4.9
5
NK
16
5
GGK
SM*J64
64
71
87
1
114
2.7
5
RL
4.3
5
NL
13.8
5
GGL
SM*J64A
64
71
79
1
103
3
5
RM
4.7
5
NM
15
5
GGM
SM*J70
70
78
95
1
125
2.5
5
RN
3.9
5
NN
12.6
5
GGN
SM*J70A
70
78
86
1
113
2.7
5
RP
4.4
5
NP
13.9
5
GGP
SM*J75
75
83
102
1
134
2.3
5
RQ
3.8
5
NQ
11.7
5
GGQ
SM*J75A
75
83
92
1
121
2.6
5
RR
4.1
5
NR
13
5
GGR
SM*J78
78
87
106
1
139
2.2
5
RS
3.4
5
NS
11.3
5
GGS
SM*J78A
78
87
96
1
126
2.5
5
RT
3.7
5
NT
12.5
5
GGT
SM*J85
85
94
115
1
151
2
5
RU
3.9
5
NU
10.4
5
GGU
SM*J85A
85
94
104
1
137
2.2
5
RV
4.4
5
NV
11.5
5
GGV
SM*J90
90
100 122
1
160
1.9
5
RW
3.8
5
NW
9.8
5
GGW
SM*J90A
90
100 111
1
146
2.1
5
RX
4.1
5
NX
10.7
5
GGX
SM*J100
100
111 136
1
179
1.7
5
RY
3.4
5
NY
8.8
5
GGY
SM*J100A
100
111 123
1
162
1.9
5
RZ
3.7
5
NZ
9.7
5
GGZ
SM*J110
110
122 149
1
196
1.6
5
SD
3
5
PD
8
5
GHD
SM*J110A
110
122 135
1
177
1.7
5
SE
3.4
5
PE
8.9
5
GHE
SM*J120
120
133 163
1
214
1.4
5
SF
2.8
5
PF
7.3
5
GHF
SM*J120A
120
133 147
1
193
1.6
5
SG
3.1
5
PG
8.1
5
GHG
SM*J130
130
144 176
1
231
1.3
5
SH
2.6
5
PH
6.8
5
GHH
SM*J130A
130
144 159
1
209
1.5
5
SK
2.9
5
PK
7.5
5
GHK
SM*J150
150
167 204
1
268
1.1
5
SL
2.2
5
PL
5.8
5
GHL
SM*J150A
150
167 185
1
243
1.3
5
SM
2.5
5
PM
6.4
5
GHM
SM*J160
160
178 218
1
287
1
5
SN
2.1
5
PN
5.4
5
GHN
SM*J160A
160
178 197
1
259
1.2
5
SP
2.3
5
PP
6
5
GHP
SM*J170
170
189 231
1
304
1
5
SQ
2
5
PQ
5.1
5
GHQ
SM*J170A
170
189 209
1
275
1.1
5
SQ
2.2
5
PQ
5.7
5
GHQ
C3B05
REV 2001
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - SMCJ120A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMCJ120A MCC-SMCJ120A Datasheet
232Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
logo
DAESAN ELECTRONIC CORP.
SMCJ120A DAESAN-SMCJ120A Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
SMCJ120A DCCOM-SMCJ120A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMCJ120A VISHAY-SMCJ120A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SMCJ120A VISHAY-SMCJ120A Datasheet
96Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
More results

Similar Description - SMCJ120A

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com